Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT510 Datasheet(PDF) 4 Page - Active-Semi, Inc

Part # ACT510
Description  ActiveQR Quasi-Resonant PWM Controller
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT510 Datasheet(HTML) 4 Page - Active-Semi, Inc

  ACT510 Datasheet HTML 1Page - Active-Semi, Inc ACT510 Datasheet HTML 2Page - Active-Semi, Inc ACT510 Datasheet HTML 3Page - Active-Semi, Inc ACT510 Datasheet HTML 4Page - Active-Semi, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
ACT510
Product Brief, 05-Dec-12
Innovative Power
TM
- 4 -
www.active-semi.com
Copyright © 2012 Active-Semi, Inc.
ActiveQR
TM is a trademark of Active-Semi.
ITEM
REFERENCE
DESCRIPTION
QTY
MANUFACTURER
1
U1
IC, ACT510, SOT23-6
1
Active-Semi
2
C1
Capacitor, Electrolytic, 15µF/400V, 12x16mm
1
RUBYCON
3
C2
Capacitor, Electrolytic, 10µF/400V, 10x15mm
1
RUBYCON
4
C3
Capacitor, Ceramic, 1000pF/500V, 0805,SMD
1
POE
5
C4
Capacitor, Electrolytic, 6.8µF/35V, 5x11mm
1
POE
6
C5
Capacitor, Ceramic, 1000PF/100V, 0805,SMD
1
POE
7
C6
Capacitor, Electrolytic, 330µF/6.3V, 6.3x8mm
1
KSC
8
C7
Capacitor, Electrolytic, 820µF/6.3V, 6.5x15mm
1
KSC
9
C8
Capacitor, Ceramic, 0.1µF/25V, 0805, SMD
1
POE
10
C9
Capacitor, Ceramic, 1000pF/25V, 0805, SMD
1
POE
11
CY1
Safety Y1, Capacitor, 1000pF/400V, Dip
1
UXT
12
BD1
Bridge Rectifier, D1010S, 1000V/1.0A, SDIP
1
PANJIT
13
D2
Fast Recovery Rectifier, RS1G, 200V/1.0A, RMA
1
PANJIT
14
D3
Diode, Schottky, 45V/10A, S10U45S, SMD
1
Diodes
15
D4
Fast Recovery Rectifier, RS1M, 1000V/1.0A, RMA
1
PANJIT
16
D5
Diode,Ultra Fast, LL4148, SMD Open
1
Good-Ark
17
L1
Axial Inductor, 1.5mH, 5*7, Dip
1
SoKa
18
L2
Axial Inductor, 0.55*5T, 5*7, Dip
1
SoKa
19
LF2
CM Filter,R6K, 500µH, 0.55*2 6T
1
SoKa
20
Q1
Mosfet Transistor, 4N60, TO-262
1
Infineon
21
PCB1
PCB, L*W*T=53x29x1.6mm, Cem-1, Rev:A
1
Jintong
22
F1
Fuse, 1A/250V
1
TY-OHM
23
R1,R2
Chip Resistor, 1.0MΩ 1206, 5%
2
TY-OHM
24
R3
Carbon Resistor, 750KΩ, 0805, 5%
1
TY-OHM
25
R4
Chip Resistor, 100Ω, 0805, 5%
1
TY-OHM
26
R5, R9, R15
Chip Resistor, 22Ω, 0805, 5%
3
TY-OHM
27
R6
Chip Resistor, 46.4KΩ, 0805,1%
1
TY-OHM
28
R7
Chip Resistor, 9.1KΩ, 0805, 1%
1
TY-OHM
29
R8
Chip Resistor, 1.37Ω, 1206 , 5%
1
TY-OHM
30
R10, R11
Chip Resistor, 1KΩ, 0805, 5%
2
TY-OHM
31
R12
Chip Resistor, 3KΩ, 0805, 5%
1
TY-OHM
32
R13
Chip Resistor, 10.7KΩ, 0805, 1%
1
TY-OHM
33
R14
Chip Resistor, 10.5KΩ, 0805, 1%
1
TY-OHM
34
R16
Chip Resistor, 10Ω, 0805, 5%
1
TY-OHM
35
R17
Chip Resistor, 2.2KΩ, 0805, 5%
1
TY-OHM
36
T1
Transformer, Lp=0.54mH, EE16
1
37
U2
OPOT PC817C
1
Sharp
38
IC3
TL431 TO-92
1
ST
Table 1:
ACT510 5V10W Bill of Materials



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com