Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT511 Datasheet(PDF) 4 Page - Active-Semi, Inc

Part # ACT511
Description  ActiveQR Quasi-Resonant PWM Controller
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT511 Datasheet(HTML) 4 Page - Active-Semi, Inc

  ACT511 Datasheet HTML 1Page - Active-Semi, Inc ACT511 Datasheet HTML 2Page - Active-Semi, Inc ACT511 Datasheet HTML 3Page - Active-Semi, Inc ACT511 Datasheet HTML 4Page - Active-Semi, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
ACT511
Product Brief, 05-Dec-12
Innovative Power
TM
- 4 -
www.active-semi.com
Copyright © 2012 Active-Semi, Inc.
ActiveQR
TM is a trademark of Active-Semi.
ITEM REFERENCE
DESCRIPTION
QTY
MANUFACTURER
1
U1
IC, ACT511, SOT23-6
1
Active-Semi
2
C1,C2
Capacitor, Electrolytic, 15µF/400V, 12 × 14mm
2
KSC
3
C3
Capacitor, Ceramic,1000pF/500V,0805,SMD
1
POE
4
C4
Capacitor, Electrolytic, 4.7µF/35V, 5 × 11mm
1
KSC
5
C5,C6
Capacitor, Electrolytic, 820µF/10V, 10 × 11.5mm
2
KSC
6
C7,C8
Capacitor, Ceramic, 0.1µF/25V,0805,SMD
2
POE
7
C9
Capacitor, Ceramic,1000pF/100V,0805,SMD
1
POE
8
Cfb
Capacitor, Ceramic,1000pF/50V,0805,SMD
1
POE
9
D1-D4
Diode, Rectifier ,1000V1A, 1N4007, DO-41
4
Good-Ark
10
D5,D6
Diode, Ultra Fast, FR107,1000V/1.0A, DO-41
2
Good-Ark
11
D8
Diode, Schottky, 40V/30A, SBL3040, DO-220
1
Good-Ark
12
L1
DM Inductor, 1.5mH,R5
1
SoKa
13
L2
DM Inductor, 3µH, R5
1
SoKa
14
Q1
Mosfet Transisor, 4N65, TO-220F
1
ST
15
PCB1
PCB, L*W*T = 48.5х29х1.6mm, Cem-1, Rev:A
1
Jintong
16
F1
Fusible, 1A/250V
1
TY-OHM
17
R1
Carbon Resistor, 22Ω, 0805, 5%
1
TY-OHM
18
R2
Carbon Resistor, 750kΩ, 1W, 5%
1
TY-OHM
19
R3
Chip Resistor, 100Ω, 0805, 5%
1
TY-OHM
20
R4
Chip Resistor, 4.7Ω, 0805, 5%
1
TY-OHM
21
R5
Chip Resistor, 53.6kΩ, 0805, 1%
1
TY-OHM
22
R6
Chip Resistor, 9.95kΩ, 0805, 1%
1
TY-OHM
23
R7,R8
Chip Resistor, 1MΩ, 0805, 5%
2
TY-OHM
24
R9
Chip Resistor, 0.953Ω,1W, 1%
1
TY-OHM
25
R10,R12
Chip Resistor, 1.5KΩ, 0805, 5%
2
TY-OHM
26
Rgate
Chip Resistor, 22kΩ, 0805, 5%
1
TY-OHM
27
R14
Chip Resistor, 3.3kΩ, 0805, 5%
1
TY-OHM
28
R15
Chip Resistor, 10.7kΩ, 0805, 1%
1
TY-OHM
29
R16
Chip Resistor, 10.5kΩ, 0805, 1%
1
TY-OHM
30
T1
Transformer, LP = 0.68mH, EE19
1
31
CY1
Y capacitance, 1000pF/400V,Y1
1
SEC
32
U2
Opto-coupler, PC817C CTR = 200
1
Sharp
33
U3
Voltage Regulator, TL431A, VREF = 2.5V
1
ST
Table 1:
ACT511 5V15W Bill of Materials



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com