Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT4501 Datasheet(PDF) 8 Page - Active-Semi, Inc

Part # ACT4501
Description  1.25A CC/CV Step-Down DC/DC Converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT4501 Datasheet(HTML) 8 Page - Active-Semi, Inc

Back Button ACT4501 Datasheet HTML 4Page - Active-Semi, Inc ACT4501 Datasheet HTML 5Page - Active-Semi, Inc ACT4501 Datasheet HTML 6Page - Active-Semi, Inc ACT4501 Datasheet HTML 7Page - Active-Semi, Inc ACT4501 Datasheet HTML 8Page - Active-Semi, Inc ACT4501 Datasheet HTML 9Page - Active-Semi, Inc ACT4501 Datasheet HTML 10Page - Active-Semi, Inc ACT4501 Datasheet HTML 11Page - Active-Semi, Inc ACT4501 Datasheet HTML 12Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
ACT4501
Rev 2, 14-Nov-12
Innovative Power
TM
- 8 -
www.active-semi.com
Copyright © 2012 Active-Semi, Inc.
VOUT
COUT
RCOMP
CCOMP CCOMP2
2.5V
47μF SP CAP
25kΩ
1.5nF
None
3.3V
47μF SP CAP
25kΩ
1.8nF
None
5V
47μF SP CAP
25kΩ
2.2nF
None
2.5V
220μF/6.3V/30mΩ
25kΩ
1.5nF
100pF
3.3V
220μF/6.3V/30mΩ
25kΩ
1.8nF
100pF
5V
220μF/6.3V/30mΩ
25kΩ
2.2nF
100pF
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
×
×
≥
−
OUT
OUT
6
ESRCOUT
V
012
.
0
,
C
10
1
.
1
Min
R
(15)
(Ω)
(16)
COMP
ESRCOUT
OUT
2
COMP
R
R
C
C
=
OUT
OUT
5
COMP
C
V
10
2
.
1
C
−
×
=
(F)
(14)
(13)
(F)
COMP
5
COMP
R
10
8
.
1
C
−
×
=
(12)
(Ω)
OUT
OUT
8
C
V
10
75
.
2
×
=
V
808
.
0
G
G
10
f
C
V
2
R
COMP
EA
SW
OUT
OUT
COMP
×
=
π
(11)
COMP2
COMP
3
P
C
R
π
2
1
f
=
(10)
COMP2
COMP
1
Z
C
R
π
2
1
f
=
(9)
OUT
OUT
OUT
2
P
C
V
π
2
I
f
=
(8)
COMP
VEA
EA
1
P
C
A
π
2
G
f
=
(7)
COMP
VEA
OUT
VDC
G
A
I
V
808
.
0
A
=
STABILITY COMPENSATION
Figure 4:
Stability Compensation
: CCOMP2 is needed only for high ESR output capacitor
The feedback loop of the IC is stabilized by the
components at the COMP pin, as shown in Figure
3. The DC loop gain of the system is determined by
the following equation:
The dominant pole P1 is due to CCOMP:
The second pole P2 is the output pole:
The first zero Z1 is due to RCOMP and CCOMP:
And finally, the third pole is due to RCOMP and
CCOMP2 (if CCOMP2 is used):
The following steps should be used to compensate
the IC:
STEP 1. Set the cross over frequency at 1/10 of the
switching frequency via RCOMP:
STEP 2. Set the zero fZ1 at 1/4 of the cross over
frequency. If RCOMP is less than 15kΩ, the equation
for CCOMP is:
If RCOMP is limited to 15kΩ, then the actual cross
over frequency is 3.4 / (VOUTCOUT). Therefore:
STEP 3. If the output capacitor’s ESR is high
enough to cause a zero at lower than 4 times the
cross over frequency, an additional compensation
capacitor CCOMP2 is required. The condition for using
CCOMP2 is:
And the proper value for CCOMP2 is:
Though CCOMP2 is unnecessary when the output
capacitor has sufficiently low ESR, a small value
CCOMP2 such as 100pF may improve stability against
PCB layout parasitic effects.
Table 2 shows some calculated results based on
the compensation method above.
Table 1:
Typical Compensation for Different Output
Voltages and Output Capacitors
: CCOMP2 is needed for high ESR output capacitor.
CCOMP2 ≤ 47pF is recommended.
CC Loop Stability
The constant-current control loop is internally
compensated over the 400mA-1500mA output
range. No additional external compensation is
required to stabilize the CC current.
Output Cable Resistance Compensation
To compensate for resistive voltage drop across the
charger's output cable, the ACT4501 integrates a
simple, user-programmable cable voltage drop
compensation using the impedance at the FB pin.
Use the curve in Figure 4 to choose the proper



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com