Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT6305 Datasheet(PDF) 4 Page - Active-Semi, Inc

Part # ACT6305
Description  Low Input High Efficiency Synchronous Step-Up DC/DC Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT6305 Datasheet(HTML) 4 Page - Active-Semi, Inc

  ACT6305 Datasheet HTML 1Page - Active-Semi, Inc ACT6305 Datasheet HTML 2Page - Active-Semi, Inc ACT6305 Datasheet HTML 3Page - Active-Semi, Inc ACT6305 Datasheet HTML 4Page - Active-Semi, Inc ACT6305 Datasheet HTML 5Page - Active-Semi, Inc ACT6305 Datasheet HTML 6Page - Active-Semi, Inc ACT6305 Datasheet HTML 7Page - Active-Semi, Inc ACT6305 Datasheet HTML 8Page - Active-Semi, Inc ACT6305 Datasheet HTML 9Page - Active-Semi, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
ACT6305
Rev 3, 15-Nov-12
Innovative Power
TM
- 4 -
www.active-semi.com
Copyright © 2012 Active-Semi, Inc.
TYPICAL PERFORMANCE CHARACTERISTICS
(Typical Application Circuit, L = 6.8µH, C1 = 22µF ceramic, C2 = 22µF ceramic, unless otherwise specified.)
Efficiency vs. Constant Current
Constant Current (mA)
0.1
1
10
100
1000
40
50
60
70
80
90
100
30
VIN = 1.2V
VIN = 1.8V
VIN = 2.4V
VOUT = 3.3V
FB = OUT
Efficiency vs. Constant Current
Constant Current (mA)
0.1
1
10
100
1000
40
50
60
70
80
90
100
30
VIN = 2.4V
VOUT = 5V
FB = G
L = 4.7µH
C1 = 10µF
Efficiency vs. Constant Current
Constant Current (mA)
0.1
1
10
100
1000
40
50
60
70
80
90
100
30
VIN = 1.8V
VOUT = 3.3V
FB = OUT
L = 4.7µH
C1 = 10µF
VIN = 5V
Startup Voltage vs. Constant Resistance Load
Current Load at 5V (mA)
0
150
200
1.00
1.50
2.00
0.5
100
Startup Voltage vs. Constant Resistance Load
Current Load at 3.3V (mA)
0
50
150
200
1.00
1.50
2.00
0.5
VOUT = 5V
FB = G
100
Efficiency vs. Output Current
Output Current (mA)
40
60
80
100
0.1
1.0
10
1000
30
VIN = 3.5V
VIN = 1.2V
VOUT = 5V
FB = G
100
VIN = 5V
50
70
90
VIN = 2.4V
VIN = 3.5V
VIN = 2.4V
VIN = 1.2V
VIN = 1.2V
50
1.75
1.25
0.75
1.75
1.25
0.75
VOUT = 3.3V
FB = OUT



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com