Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT8828 Datasheet(PDF) 13 Page - Active-Semi, Inc

Part # ACT8828
Description  Six Channel ActivePathTM Power Management IC
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8828 Datasheet(HTML) 13 Page - Active-Semi, Inc

Back Button ACT8828_12 Datasheet HTML 9Page - Active-Semi, Inc ACT8828_12 Datasheet HTML 10Page - Active-Semi, Inc ACT8828_12 Datasheet HTML 11Page - Active-Semi, Inc ACT8828_12 Datasheet HTML 12Page - Active-Semi, Inc ACT8828_12 Datasheet HTML 13Page - Active-Semi, Inc ACT8828_12 Datasheet HTML 14Page - Active-Semi, Inc ACT8828_12 Datasheet HTML 15Page - Active-Semi, Inc ACT8828_12 Datasheet HTML 16Page - Active-Semi, Inc ACT8828_12 Datasheet HTML 17Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 50 page
background image
SYSTEM MANAGEMENT
ACT8828
Rev 7, 15-Nov-12
Innovative Power
TM
- 13 -
www.active-semi.com
Copyright © 2012 Active-Semi, Inc.
ActivePMU
TM and ActivePathTM are trademarks of Active-Semi.
I
2CTM is a trademark of NXP.
FUNCTIONAL DESCRIPTION
General Description
The ACT8828 offers a wide array of system
management functions that allow it to be configured
for optimal performance in a wide range of
applications.
I
2C Serial Interface
At the core of the ACT8828’s flexible architecture is
an I2C interface that permits optional programming
capability to enhance overall system performance.
To ensure compatibility with a wide range of system
processors, the ACT8828 uses standard I2C
commands; I2C write-byte commands are used to
program
the
ACT8828,
and
I2C
read-byte
commands are used to read the ACT8828’s internal
registers. The ACT8828 always operates as a slave
device, and is addressed using a 7-bit slave
address followed by an eighth bit, which indicates
whether the transaction is a read-operation or a
write-operation, [1011010x].
SDA is a bi-directional data line and SCL is a clock
input. The master initiates a transaction by issuing a
START condition, defined by SDA transitioning from
high to low while SCL is high. Data is transferred in
8-bit packets, beginning with the MSB, and is
clocked-in on the rising edge of SCL. Each packet
of data is followed by an “Acknowledge” (ACK) bit,
used to confirm that the data was transmitted
successfully.
For more information regarding the I2C 2-wire serial
interface, go to the NXP website: http://www.nxp.com
nPBIN Input
ACT8828's nPBIN pin is a dual-function pin,
combining system enable/disable control with a
hardware reset function. Refering to Figure 2, the
two pin functions are obtained by asserting this pin
low, either through a direct connection or through a
100kΩ resistor, as described below.
Figure 2:
nPBIN Input
In most applications, nPBIN will be driven through a
100kΩ resistor. When driven in this way, nPBIN
initiates system startup or shutdown, as described
in the System Startup and Shutdown section.
When a hardware-reset function is desired, nPBIN
may also be driven directly to GA. In this case,
nRSTO is immediately asserted low and remains
low until nPBIN is de-asserted and the reset timeout
period expires. This provides a hardware-reset
function, allowing the system to be manually reset if
the system processor locks up.
Although a typical application will use momentary
switches to drive nPBIN, as shown in Figure 2,
nPBIN may also be driven by other sources, such
as a GPIO or other logic output.
Enable/Disable Inputs (ON1, ON2, ON3,
and ON4)
The
ACT8828
provides
three
manual
enable/disable inputs, ON1, ON2, ON3, and ON4,
which enable and disable REG1, REG2, REG3, and
REG4 respectively. Once the system is enabled,
the system will remain enabled until all of ON1,
ON2, ON3, and ON4 have been de-asserted. See
the System Startup and Shutdown section for more
information.
Power-On Reset Output
nRSTO is an open-drain output which asserts low
upon startup or when nPBIN is driven directly to
GA, and remains asserted low until the 260msec
(default) power-on reset timer has expired. Connect
a 10kΩ or greater pull-up resistor from nRSTO to an
appropriate voltage supply.
nIRQ Output
nIRQ is an open-drain output that asserts low any
time nPBIN is asserted or an unmasked fault
condition exists. When asserted by nPBIN, nIRQ
automatically de-asserts when nPBIN is released.
When asserted by an unmasked fault condition,
nIRQ remains asserted until the microprocessor
polls the ACT8828's I2C interface. The ACT8828
supports a variety of other fault conditions, which
may each be optionally unmasked via the I2C
interface. For more information about the available
fault conditions, refer to the appropriate sections of
this datasheet.
Connect a pull-up resistor from nIRQ to an



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com