Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5280 Datasheet(PDF) 1 Page - Analog Devices

Part # AD5280
Description  15V, I2C Compatible Digital Potentiometers
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5280 Datasheet(HTML) 1 Page - Analog Devices

  AD5280 Datasheet HTML 1Page - Analog Devices AD5280 Datasheet HTML 2Page - Analog Devices AD5280 Datasheet HTML 3Page - Analog Devices AD5280 Datasheet HTML 4Page - Analog Devices AD5280 Datasheet HTML 5Page - Analog Devices AD5280 Datasheet HTML 6Page - Analog Devices AD5280 Datasheet HTML 7Page - Analog Devices AD5280 Datasheet HTML 8Page - Analog Devices AD5280 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
PRELIMINARY TECHNICAL DATA
a
+15V, I2C Compatible
Digital Potentiometers
Preliminary Technical Data
AD5280/AD5282
REV PrE 12 MAR 02
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use; nor for any infringements of patents
or other rights of third parties which may result from its use. No license is granted by
implication or otherwise under any patent or patent rights of Analog Devices.
One Technology Way, P.O. Box 9106,
Norwood, MA 02062-9106 U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
©Analog Devices, Inc., 2002
FEATURES
256 Position
AD5280 – 1-Channel
AD5282 – 2-Channel (Independently Programmable)
Potentiometer Replacement
20K, 50K, 200K Ohm with TC < 50ppm/ºC
Internal Power ON Mid-Scale Preset
+5 to +15V Single-Supply; ±5.5V Dual-Supply Operation
I
2C Compatible Interface
APPLICATIONS
Multi-Media, Video & Audio
Communications
Mechanical Potentiometer Replacement
Instrumentation: Gain, Offset Adjustment
Programmable Voltage to Current Conversion
Line Impedance Matching
GENERAL DESCRIPTION
The AD5280/AD5282 provides a single/dual channel, 256 position
digitally-controlled variable resistor (VR) device. These devices
perform the same electronic adjustment function as a
potentiometer, trimmer or variable resistor. Each VR offers a
completely programmable value of resistance, between the A
terminal and the wiper, or the B terminal and the wiper. The fixed
A-to-B terminal resistance of 20, 50 or 200K ohms has a 1%
channel-to-channel matching tolerance with a nominal temperature
coefficient of 30 ppm/°C.
Wiper Position programming defaults to midscale at system power
ON. Once powered the VR wiper position is programmed by a I
2C
compatible 2-wire serial data interface. Both parts have two
programmable logic outputs available to drive digital loads, gates,
LED drivers, analog switches, etc.
FUNCTIONAL BLOCK DIAGRAMS
RDAC1 REGISTER
ADDRESS
DECODE
SERIAL INPUT REGISTER
PWR ON
RESET
SDA
SCL
V
SS
V
DD
GND
A
1
W
1
B
1
AD5280
8
SHDN
RDAC2 REGISTER
O
1
RR
V
L
AD0
AD1
O
2
RDAC1 REGISTER
ADDRESS
DECODE
SERIAL INPUT REGISTER
PWR ON
RESET
SDA
SCL
V
SS
V
DD
GND
A
1
W
1
B
1
AD5282
8
SHDN
RDAC2 REGISTER
A
2
W
2
B
2
RR
V
L
AD0
AD1
OUTPUT
REGISTER
O
1
R
The AD5280/AD5282 are available in ultra compact surface mount
thin TSSOP-14/-16 packages. All parts are guaranteed to operate
over the extended industrial temperature range of -40°C to +85°C.
For 3-wire, SPI compatible interface applications, see
AD5203/AD5204/AD5206/AD7376/AD8400/AD8402/AD8403/
AD5260/AD5262/AD5200/AD5201 products.
ORDERING GUIDE
Kilo
Package
Package
Model
Ohms
Temp
Description
Option
AD5280BRU20
20
-40/+85°C
TSSOP-14
RU-14
AD5280BRU50
50
-40/+85°C
TSSOP-14
RU-14
AD5280BRU200
200
-40/+85°C
TSSOP-14
RU-14
AD5282BRU20
20
-40/+85°C
TSSOP-16
RU-16
AD5282BRU50
50
-40/+85°C
TSSOP-16
RU-16
AD5282BRU200
200
-40/+85°C
TSSOP-16
RU-16
The AD5280/AD5282 die size is 75 mil X 120 mil, 9,000 sq. mil.
Contains xxx transistors. Patent Number xxx applies.


Similar Part No. - AD5280

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5280 AD-AD5280 Datasheet
964Kb / 28P
Single/Dual,15 V/5 V,256-Position I2C-Compatible Digital Potentiometer
REV. C
AD5280BRU20 AD-AD5280BRU20 Datasheet
964Kb / 28P
Single/Dual,15 V/5 V,256-Position I2C-Compatible Digital Potentiometer
REV. C
AD5280BRU20-REEL7 AD-AD5280BRU20-REEL7 Datasheet
964Kb / 28P
Single/Dual,15 V/5 V,256-Position I2C-Compatible Digital Potentiometer
REV. C
AD5280BRU200-REEL7 AD-AD5280BRU200-REEL7 Datasheet
964Kb / 28P
Single/Dual,15 V/5 V,256-Position I2C-Compatible Digital Potentiometer
REV. C
AD5280BRU50 AD-AD5280BRU50 Datasheet
964Kb / 28P
Single/Dual,15 V/5 V,256-Position I2C-Compatible Digital Potentiometer
REV. C
More results

Similar Description - AD5280

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5241BR10 AD-AD5241BR10 Datasheet
394Kb / 16P
I2C Compatible 256-Position Digital Potentiometers
8/02-Data Sheet changed from REV. A to REV. B.
logo
Maxim Integrated Produc...
MAX5417 MAXIM-MAX5417_09 Datasheet
289Kb / 14P
256-Tap, Nonvolatile, I2C-Interface, Digital Potentiometers
Rev 3; 3/09
logo
Analog Devices
AD5241 AD-AD5241_09 Datasheet
550Kb / 20P
I2C-Compatible, 256-Position Digital Potentiometers
REV. C
logo
Maxim Integrated Produc...
MAX5417LETA-T MAXIM-MAX5417LETA-T Datasheet
296Kb / 14P
256-Tap, Nonvolatile, I2C-Interface, Digital Potentiometers
Rev 4; 4/10
logo
Analog Devices
AD5243BRMZ100 AD-AD5243BRMZ100 Datasheet
803Kb / 20P
Dual, 256-Position, I2C-Compatible Digital Potentiometers
REV. B
logo
ON Semiconductor
CAT5273 ONSEMI-CAT5273 Datasheet
225Kb / 14P
Dual 256?릔osition I2C Compatible Digital Potentiometers (POTs)
July, 2013 ??Rev. 3
logo
Analog Devices
AD5241 AD-AD5241_15 Datasheet
550Kb / 20P
IC-Compatible, 256-Position Digital Potentiometers
REV. C
AD5242 AD-AD5242_15 Datasheet
550Kb / 20P
IC-Compatible, 256-Position Digital Potentiometers
REV. C
AD5243 AD-AD5243_16 Datasheet
834Kb / 20P
Dual, 256-Position, I2C-Compatible Digital Potentiometers
4/16-Rev. B to Rev. C
AD5248 AD-AD5248_16 Datasheet
834Kb / 20P
Dual, 256-Position, I2C-Compatible Digital Potentiometers
4/16-Rev. B to Rev. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com