Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT8828 Datasheet(PDF) 48 Page - Active-Semi, Inc

Part # ACT8828
Description  Six Channel ActivePathTM Power Management IC
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8828 Datasheet(HTML) 48 Page - Active-Semi, Inc

Back Button ACT8828 Datasheet HTML 42Page - Active-Semi, Inc ACT8828 Datasheet HTML 43Page - Active-Semi, Inc ACT8828 Datasheet HTML 44Page - Active-Semi, Inc ACT8828 Datasheet HTML 45Page - Active-Semi, Inc ACT8828 Datasheet HTML 46Page - Active-Semi, Inc ACT8828 Datasheet HTML 47Page - Active-Semi, Inc ACT8828 Datasheet HTML 48Page - Active-Semi, Inc ACT8828 Datasheet HTML 49Page - Active-Semi, Inc ACT8828 Datasheet HTML 50Page - Active-Semi, Inc  
Zoom Inzoom in Zoom Outzoom out
 48 / 50 page
background image
ActivePath
TM CHARGER
ACT8828
Rev 7, 15-Nov-12
Innovative Power
TM
- 48 -
www.active-semi.com
Copyright © 2012 Active-Semi, Inc.
ActivePMU
TM and ActivePathTM are trademarks of Active-Semi.
I
2CTM is a trademark of NXP.
FUNCTIONAL DESCRIPTION CONT’D
battery chargers. When the voltage at CHG_IN falls
below VBAT, the charger automatically reconfigures
its power switch to minimize current drain from the
battery
Charger State-Machine
PRECONDITION State
A
new
charging
cycle
begins
with
the
PRECONDITION state, and operation continues in
this state until VBAT exceeds the Precondition
Threshold Voltage of 2.87V (typ). When operating
in PRECONDITION state, the cell is charged at a
reduced current, 12% of the programmed maximum
fast-charge constant current, ISET. Once VBAT
reaches the Precondition Threshold Voltage the
state machine jumps to the FAST-CHARGE state.
If VBAT does not reach the Precondition Threshold
Voltage before the Precondition Timeout period
tPRECONDITION expires, then a damaged cell is
detected and the state machine jumps to the
TIMEOUT-FAULT State. For the Precondition
Timeout period, see the Charging Safety Timers
section
for more information.
FAST-CHARGE State
In FAST-CHARGE state, the ACT8810 charges at
the current programmed by RISET (see the Current
Limits
and Charge Current Programming section for
more information). During a normal charge cycle
fast-charge continues in CC mode until VBAT
reaches the charge termination voltage (VTERM), at
which point the ACT8810 jumps to the TOP-OFF
state. If VBAT does not reach VTERM before the total
time out period expires then state-machine will jump
to the END-OF-CHARGE (EOC) state and will re-
initiate a new charge cycle after 2-4ms “relax”.
TOP-OFF State
In the TOP-OFF state, the cell charges in constant
voltage (CV) mode. In CV mode operation, the
charger regulates its output voltage to the 4.20V
(typ) charge termination voltage, and the charge
current is naturally reduced as the cell approaches
full charge. Charging continues until the charge
current
drops
to
END-OF-CHARGE
current
threshold, at which point the state machine jumps to
the END-OF-CHARGE (EOC) state. If the state-
machine does not jump out of the TOP-OFF state
before the Total-Charge Timeout period expires, the
state machine jumps to the EOC state and will re-
initiate a new charge cycle if VBAT falls below
termination
voltage
170mv
(typ).
For
more
information about the charge safety timers, see the
Charging Safety Times section.
END-OF-CHARGE State
In the End-of-Charge (EOC) state, the ACT8810
presents a high-impedance to the battery, allowing
the cell to “relax” and minimizes battery leakage
current. The ACT8810 continues to monitor the cell
voltage, so that it can re-initiate charging cycles
when VBAT drops to 170mV (typ) below the Charge
Termination Voltage.
SUSPEND State
The ACT8828 features an user-selectable suspend-
charge mode, which disables the charger but keeps
other circuiting functional. The charger can be put
into suspend mode by driving EN to logic low. Upon
exiting the SUSPEND State, the charge timer is
reset
and
the
state
machine
jumps
to
PRECONDITION state.
CHG_IN Bypass Capacitor Selection
CHG_IN is the power input for the ACT8828 battery
charger. The battery charger is automatically
enabled whenever a valid voltage is present on
CHG_IN.
In
most
applications,
CHG_IN
is
connected to either a wall adapter or USB port.
Under normal operation, the input of the charger will
often be “hot-plugged” directly to a powered USB or
wall adapter cable, and supply voltage ringing and
overshoot may appear at the CHG_IN pin.
In most applications a high quality capacitor
connected from CHG_IN to GA, placed as close as
possible to the IC, is sufficient to absorb the energy.
Wall-adapter powered applications provide flexibility
in
input
capacitor
selection,
but
the
USB
specification
presents
limitations
to
input
capacitance selection. In order to meet both the
USB 2.0 and USB OTG (On The Go) specifications
while avoiding USB supply under-voltage conditions
resulting
from
the
current
limit
slew
rate
(100mA/µS) limitations of the USB bus, the
CHG_IN bypass capacitance value must to be
between 4.7µF and 10µF for the ACT8828.
Ceramic
capacitors
are
often
preferred
for
bypassing applications due to their small size and
good surge current ratings, but care must be taken



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com