Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5302 Datasheet(PDF) 13 Page - Analog Devices

Part # AD5302
Description  2.5 V to 5.5 V, 230 uA Dual Rail-to-Rail, Voltage Output 8-/10-/12-Bit DACs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5302 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD5302 Datasheet HTML 8Page - Analog Devices AD5302 Datasheet HTML 9Page - Analog Devices AD5302 Datasheet HTML 10Page - Analog Devices AD5302 Datasheet HTML 11Page - Analog Devices AD5302 Datasheet HTML 12Page - Analog Devices AD5302 Datasheet HTML 13Page - Analog Devices AD5302 Datasheet HTML 14Page - Analog Devices AD5302 Datasheet HTML 15Page - Analog Devices AD5302 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
REV. 0
AD5302/AD5312/AD5322
–13–
AD5302/AD5312/AD5322 to 80C51/80L51 Interface
Figure 34 shows a serial interface between the AD5302/AD5312/
AD5322 and the 80C51/80L51 microcontroller. The setup for
the interface is as follows: TXD of the 80C51/80L51 drives
SCLK of the AD5302/AD5312/AD5322, while RXD drives the
serial data line of the part. The
SYNC signal is again derived
from a bit programmable pin on the port. In this case port line
P3.3 is used. When data is to be transmitted to the AD5302/
AD5312/AD5322, P3.3 is taken low. The 80C51/80L51 trans-
mits data only in 8-bit bytes; thus only eight falling clock edges
occur in the transmit cycle. To load data to the DAC, P3.3 is
left low after the first eight bits are transmitted, and a second
write cycle is initiated to transmit the second byte of data. P3.3
is taken high following the completion of this cycle. The 80C51/
80L51 outputs the serial data in a format that has the LSB first.
The AD5302/AD5312/AD5322 requires its data with the MSB
as the first bit received. The 80C51/80L51 transmit routine
should take this into account.
DIN
SCLK
SYNC
P3.3
TXD
RXD
80C51/80L51*
*ADDITIONAL PINS OMITTED FOR CLARITY.
AD5302/
AD5312/
AD5322*
Figure 34. AD5302/AD5312/AD5322 to 80C51/80L51
Interface
AD5302/AD5312/AD5322 to MICROWIRE Interface
Figure 35 shows an interface between the AD5302/AD5312/
AD5322 and any MICROWIRE-compatible device. Serial data
is shifted out on the falling edge of the serial clock and is
clocked into the AD5302/AD5312/AD5322 on the rising edge
of the SK.
DIN
SCLK
SYNC
CS
SK
SO
MICROWIRE*
*ADDITIONAL PINS OMITTED FOR CLARITY.
AD5302/
AD5312/
AD5322*
Figure 35. AD5302/AD5312/AD5322 to MICROWIRE
Interface
APPLICATIONS INFORMATION
Typical Application Circuit
The AD5302/AD5312/AD5322 can be used with a wide range
of reference voltages, especially if the reference inputs are con-
figured to be unbuffered, in which case the devices offer full,
one-quadrant multiplying capability over a reference range of
0 V to VDD. More typically, the AD5302/AD5312/AD5322 may
be used with a fixed, precision reference voltage. Figure 36
shows a typical setup for the AD5302/AD5312/AD5322 when
using an external reference. If the reference inputs are unbuf-
fered, the reference input range is from 0 V to VDD, but if the
on-chip reference buffers are used, the reference range is reduced.
Suitable references for 5 V operation are the AD780 and REF192
(2.5 V references). For 2.5 V operation, a suitable external
reference would be the REF191, a 2.048 V reference.
1 F
VREFA
VREFB
SCLK
DIN
SYNC
VDD
GND
VOUTA
VOUTB
VDD = +2.5V TO +5.5V
VOUT
EXT
REF
AD780/REF192
WITH VDD = +5V
OR REF191 WITH
VDD = +2.5V
SERIAL
INTERFACE
AD5302/AD5312/
AD5322
Figure 36. AD5302/AD5312/AD5322 Using External
Reference
If an output range of 0 V to VDD is required when the reference
inputs are configured as unbuffered (for example 0 V to +5 V),
the simplest solution is to connect the reference inputs to VDD.
As this supply may not be very accurate and may be noisy, the
AD5302/AD5312/AD5322 may be powered from the reference
voltage; for example, using a 5 V reference such as the REF195,
as shown in Figure 37. The REF195 will output a steady supply
voltage for the AD5302/AD5312/AD5322 The current required
from the REF195 is 300
µA supply current and approximately
30
µA into each of the reference inputs. This is with no load on
the DAC outputs. When the DAC outputs are loaded, the
REF195 also needs to supply the current to the loads. The total
current required (with a 10 k
Ω load on each output) is:
360
µA + 2(5 V/10 kΩ) = 1.36 mA
The load regulation of the REF195 is typically 2 ppm/mA which
results in an error of 2.7 ppm (13.5
µV) for the 1.36 mA current
drawn from it. This corresponds to a 0.0007 LSB error at 8-bits
and 0.011 LSB error at 12 bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com