Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5233 Datasheet(PDF) 5 Page - Analog Devices

Part # AD5233
Description  2-Channel, 256-Position Digital Potentiometer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5233 Datasheet(HTML) 5 Page - Analog Devices

  AD5233 Datasheet HTML 1Page - Analog Devices AD5233 Datasheet HTML 2Page - Analog Devices AD5233 Datasheet HTML 3Page - Analog Devices AD5233 Datasheet HTML 4Page - Analog Devices AD5233 Datasheet HTML 5Page - Analog Devices AD5233 Datasheet HTML 6Page - Analog Devices AD5233 Datasheet HTML 7Page - Analog Devices AD5233 Datasheet HTML 8Page - Analog Devices AD5233 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
REV. 0
–5–
Typical Performance Characteristics–AD5207
CODE – Decimal
0.20
224
0.15
0.10
0.05
0.00
0.05
0.10
0.15
0.20
192
160
128
96
64
32
0
256
VDD = 5.5V,VSS = 0V
TPC 1. 10 k
Ω RDNL vs. Code
CODE – Decimal
224
–0.15
–0.10
–0.05
0.00
0.10
0.20
192
160
128
96
64
32
0
256
–0.20
0.15
0.05
VDD = 5.5V,VSS = 0V
TPC 2. 10 k
Ω RINL vs. Code
CODE – Decimal
224
–0.2
–0.1
0.0
0.3
192
160
128
96
64
32
0
256
–0.3
0.1
0.2
VDD = 5.5V,VSS = 0V
TPC 3. 10 k
Ω DNL vs. Code
CODE – Decimal
224
–0.2
–0.1
0.0
0.1
0.3
192
160
128
96
64
32
0
256
–0.3
0.2
–0.4
0.4
VDD = 5.5V,VSS = 0V
TPC 4. 10 k
Ω INL vs. Code
VIH – V
0.01
1.0
5.0
4.0
3.0
2.0
1.0
0.0
0.001
0.1
IDD @ VDD/VSS = 5V/0V
IDD @ V DD/VSS = 3V/0V
IDD @ VDD/VSS = 2.5V
ISS @ VDD/VSS = 2.5V
TPC 5. Supply Current vs. Logic Input Voltage
TEMPERATURE – C
20
–40
VIL = VSS
VIH = VDD
18
16
14
12
10
8
6
4
2
0
–20
0
20
40
60
80
100
VDD = 5.5V
VDD = 2.7V
TPC 6. Supply Current vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com