Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AOZ6134DI Datasheet(PDF) 2 Page - Alpha & Omega Semiconductors

Part # AOZ6134DI
Description  High Performance, Low RON, 1 ohm SPDT Analog Switch
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOZ6134DI Datasheet(HTML) 2 Page - Alpha & Omega Semiconductors

  AOZ6134DI Datasheet HTML 1Page - Alpha & Omega Semiconductors AOZ6134DI Datasheet HTML 2Page - Alpha & Omega Semiconductors AOZ6134DI Datasheet HTML 3Page - Alpha & Omega Semiconductors AOZ6134DI Datasheet HTML 4Page - Alpha & Omega Semiconductors AOZ6134DI Datasheet HTML 5Page - Alpha & Omega Semiconductors AOZ6134DI Datasheet HTML 6Page - Alpha & Omega Semiconductors AOZ6134DI Datasheet HTML 7Page - Alpha & Omega Semiconductors AOZ6134DI Datasheet HTML 8Page - Alpha & Omega Semiconductors AOZ6134DI Datasheet HTML 9Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
AOZ6134
Rev. 0.5 February 2012
www.aosmd.com
Page 2 of 9
Ordering Information
AOS Green Products use reduced levels of Halogens, and are also RoHS compliant.
Please visit www.aosmd.com/web/quality/rohs_compliant.jsp for additional information.
Pin Configuration
Truth Table
Part Number
Ambient Temperature Range
Package
Environmental
AOZ6134DI
-40 °C to +85 °C
DFN 1.2 mm x 1.0 mm, 6L
RoHS Compliant
Green Product
DFN-6
(Top Thru View)
1
2
3
6
5
4
B1
GND
B0
S
Vcc
A
Logic S Input
Function
0B0 Connected to A
1B1 Connected to A



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com