Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5206 Datasheet(PDF) 2 Page - Analog Devices

Part # AD5206
Description  2-Channel, 256-Position Digital Potentiometer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5206 Datasheet(HTML) 2 Page - Analog Devices

  AD5206 Datasheet HTML 1Page - Analog Devices AD5206 Datasheet HTML 2Page - Analog Devices AD5206 Datasheet HTML 3Page - Analog Devices AD5206 Datasheet HTML 4Page - Analog Devices AD5206 Datasheet HTML 5Page - Analog Devices AD5206 Datasheet HTML 6Page - Analog Devices AD5206 Datasheet HTML 7Page - Analog Devices AD5206 Datasheet HTML 8Page - Analog Devices AD5206 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
REV. 0
–2–
AD5207–SPECIFICATIONS
ELECTRICAL CHARACTERISTICS 10 k , 50 k , 100 k
VERSION (V
DD = 5 V, VSS = 0, VA = 5 V,
VB = 0, –40 C < TA < +125 C unless otherwise noted.)
Parameter
Symbol
Conditions
Min
Typ
1
Max
Unit
DC CHARACTERISTICS
RHEOSTAT MODE
Specifications Apply to All VRs
Resistor Differential Nonlinearity
2
R-DNL
RWB, VA = NC
–1
+1
LSB
Resistor Nonlinearity
2
R-INL
RWB, VA = NC
–1.5
+1.5
LSB
Nominal Resistor Tolerance
3
∆R
–30
+30
%
Resistance Temperature Coefficient
RAB/
∆TV
AB = VDD, Wiper = No Connect
500
ppm/
°C
Wiper Resistance
RW
IW = 1 V/R, VDD = 5 V
50
100
Ω
Nominal Resistance Match
∆R/R
O
Ch 1 to 2, VAB = VDD, TA = 25
°C
0.2
1
%
DC CHARACTERISTICS
POTENTIOMETER DIVIDER MODE
Specifications Apply to All VRs
Resolution
N
8
Bits
Integral Nonlinearity
4
INL
–1.5
+1.5
LSB
Differential Nonlinearity
4
DNL
VDD = 5 V, VSS = 0 V
–1
+1
LSB
Voltage Divider Temperature
∆V
W/
∆T
Code = 80H
15
ppm/
°C
Coefficient
Full-Scale Error
VWFSE
Code = FFH
–1.5
LSB
Zero-Scale Error
VWZSE
Code = 00H
+1.5
LSB
RESISTOR TERMINALS
Voltage Range
5
VA, B, W
|VDD| + |VSS|
≤5.5 V
VSS
VDD
V
Capacitance
6 A
X, BX
CA,B
f = 1 MHz, Measured to GND, Code = 80H
45
pF
Capacitance
6 W
X
CW
f = 1 MHz, Measured to GND, Code = 80H
70
pF
Shutdown Current
7
IA_SD
VA = VDD, VB = 0 V, SHDN = 0
5
µA
Shutdown Wiper Resistance
RW_SD
VA = VDD, VB = 0 V, SHDN = 0, VDD = 5 V
200
Ω
Common-Mode Leakage
ICM
VA = VB = VDD/2
1
nA
DIGITAL INPUTS AND OUTPUTS
Input Logic High
VIH
VDD = 5 V, VSS = 0 V
2.4
V
Input Logic Low
VIL
VDD = 5 V, VSS = 0 V
0.8
V
Input Logic High
VIH
VDD = 3 V, VSS = 0 V
2.1
V
Input Logic Low
VIL
VDD = 3 V, VSS = 0 V
0.6
V
Output Logic High
VOH
RL = 1 k
Ω to V
DD
VDD – 0.1
V
Output Logic Low
VOL
IOL = 1.6 mA, VDD = 5 V
0.4
V
Input Current
IIL
VIN = 0 V or 5 V
±10
µA
Input Capacitance
6
CIL
10
pF
POWER SUPPLIES
Power Single-Supply Range
VDD RANGE
VSS = 0 V
2.7
5.5
V
Power Dual-Supply Range
VDD/SS RANGE
±2.2
±2.7
V
Positive Supply Current
IDD
VIH = VDD or VIL = GND, VSS = 0 V
40
µA
Negative Supply Current
ISS
VIH = VDD or VIL = GND VSS = –2.5 V
40
µA
Power Dissipation
8
PDISS
VIH = 5 V or VIL = 0 V, VDD = 5 V
0.2
mW
Power Supply Sensitivity, VDD
PSS
∆V
DD = 5 V
± 10%, V
SS = 0 V, Code = 80H
0.01
%/%
Power Supply Sensitivity, VSS
PSS
∆V
SS = –2.5 V
± 10%, V
DD = 2.5 V, Code = 80H
0.03
%/%
DYNAMIC CHARACTERISTICS
6, 9
Bandwidth –3 dB
BW_10 k
Ω
RAB = 10 k
Ω
600
kHz
Bandwidth –3 dB
BW_50 k
Ω
RAB = 50 k
Ω
125
kHz
Bandwidth –3 dB
BW_100 k
Ω
RAB = 100 k
Ω
71
kHz
Total Harmonic Distortion
THDW
VA = 1 V rms, VB = 0 V, f = 1 kHz, RAB = 10 k
Ω
0.003
%
VW Settling Time
tS
RAB = 10 k
Ω/50 kΩ/100 kΩ, ±1 LSB Error Band
2/9/18
µs
Resistor Noise Voltage
eN_WB
RWB = 5 k
Ω, f = 1 kHz, RS = 0
9
nV
√Hz
Crosstalk
10
CT
VA = 5 V, VB = 0 V
–65
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com