Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD532 Datasheet(PDF) 3 Page - Analog Devices

Part # AD532
Description  Internally Trimmed Integrated Circuit Multiplier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD532 Datasheet(HTML) 3 Page - Analog Devices

  AD532 Datasheet HTML 1Page - Analog Devices AD532 Datasheet HTML 2Page - Analog Devices AD532 Datasheet HTML 3Page - Analog Devices AD532 Datasheet HTML 4Page - Analog Devices AD532 Datasheet HTML 5Page - Analog Devices AD532 Datasheet HTML 6Page - Analog Devices AD532 Datasheet HTML 7Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
–3–
REV. B
AD532
ORDERING GUIDE
Temperature
Package
Package
Model
Ranges
Descriptions
Options
AD532JD
0
°C to +70°C
Side Brazed DIP
D-14
AD532JD/+
0
°C to +70°C
Side Brazed DIP
D-14
AD532KD
0
°C to +70°C
Side Brazed DIP
D-14
AD532KD/+
0
°C to +70°C
Side Brazed DIP
D-14
AD532JH
0
°C to +70°C
Header
H-10A
AD532KH
0
°C to +70°C
Header
H-10A
AD532J Chip
0
°C to +70°C
Chip
AD532SD
–55
°C to +125°C
Side Brazed DIP
D-14
AD532SD/883B
–55
°C to +125°C
Side Brazed DIP
D-14
JM38510/13903BCA –55
°C to +125°C
Side Brazed DIP
D-14
AD532SE/883B
–55
°C to +125°C
LCC
E-20A
AD532SH
–55
°C to +125°C
Header
H-10A
AD532SH/883B
–55
°C to +125°C
Header
H-10A
JM38510/13903BIA
–55
°C to +125°C
Header
H-10A
AD532S Chip
–55
°C to +125°C
Chip
CHIP DIMENSIONS AND BONDING DIAGRAM
Contact factory for latest dimensions.
Dimensions shown in inches and (mm).
Figure 1. Functional Block Diagram
FUNCTIONAL DESCRIPTION
The functional block diagram for the AD532 is shown in Figure
1, and the complete schematic in Figure 2. In the multiplying
and squaring modes, Z is connected to the output to close the
feedback around the output op amp. (In the divide mode, it is
used as an input terminal.)
The X and Y inputs are fed to high impedance differential am-
plifiers featuring low distortion and good common-mode rejec-
tion. The amplifier voltage offsets are actively laser trimmed
to zero during production. The product of the two inputs is
resolved in the multiplier cell using Gilbert’s linearized trans-
conductance technique. The cell is laser trimmed to obtain
VOUT = (X1 – X2)(Y1 – Y2)/10 volts. The built-in op amp is used
to obtain low output impedance and make possible self-contained
operation. The residual output voltage offset can be zeroed at
VOS in critical applications . . . otherwise the VOS pin should be
grounded.
Figure 2. Schematic Diagram



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com