Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA10000 Datasheet(PDF) 13 Page - ANADIGICS, Inc

Part # ADA10000
Description  1 GHz CATV Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

ADA10000 Datasheet(HTML) 13 Page - ANADIGICS, Inc

Back Button ADA10000 Datasheet HTML 9Page - ANADIGICS, Inc ADA10000 Datasheet HTML 10Page - ANADIGICS, Inc ADA10000 Datasheet HTML 11Page - ANADIGICS, Inc ADA10000 Datasheet HTML 12Page - ANADIGICS, Inc ADA10000 Datasheet HTML 13Page - ANADIGICS, Inc ADA10000 Datasheet HTML 14Page - ANADIGICS, Inc ADA10000 Datasheet HTML 15Page - ANADIGICS, Inc ADA10000 Datasheet HTML 16Page - ANADIGICS, Inc ADA10000 Datasheet HTML 17Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
13
Data Sheet - Rev 2.7
04/2012
ADA10000
50 MHz to 1000 MHz DISTORTION DaTa- S24 (SOT-89) PaCKaGE DEVICE:
155 Channel Data
Figure 38: CTB vs Frequency and Voltage
(155 Flat NTSC Channels; POUT = +30 dBmV/ch)
-85
-80
-75
-70
-65
-60
-55
-50
0
100
200
300
400
500
600
700
800
900
1000
Frequency(MHz)
Figure x: CTB vs Frequency and Voltage
( 155 Flat NTSC Channels; Pout = +30dBmV/Ch )
5V
6V
7V
8V
9V
Figure 39: CSO vs Frequency and Voltage
(155 Flat NTSC Channels; POUT = +30 dBmV/ch)
-100
-90
-80
-70
-60
-50
-40
0
100
200
300
400
500
600
700
800
900
1000
Frequency(MHz)
Figure x: CSO vs Frequency and Voltage
( 155 Flat NTSC Channels; Pout = +30dBmV/Ch )
5V
6V
7V
8V
9V
Figure 40: XMOD vs Frequency and Voltage
(155 Flat NTSC Channels; POUT = +30 dBmV/ch)
-75
-70
-65
-60
-55
-50
0
100
200
300
400
500
600
700
800
900
1000
Frequency (MHz)
Figure x: XMOD vs Frequency and Voltage
( 155 Flat NTSC Channels; Pout = +30dBmV/Ch )
5V
6V
7V
8V
9V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com