Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5262 Datasheet(PDF) 6 Page - Analog Devices

Part # AD5262
Description  8-Bit Dual Nonvolatile Memory Digital Potentiometer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5262 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD5262 Datasheet HTML 2Page - Analog Devices AD5262 Datasheet HTML 3Page - Analog Devices AD5262 Datasheet HTML 4Page - Analog Devices AD5262 Datasheet HTML 5Page - Analog Devices AD5262 Datasheet HTML 6Page - Analog Devices AD5262 Datasheet HTML 7Page - Analog Devices AD5262 Datasheet HTML 8Page - Analog Devices AD5262 Datasheet HTML 9Page - Analog Devices AD5262 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
REV. 0
–6–
AD5232
PIN FUNCTION DESCRIPTIONS
Pin
Number
Mnemonic
Description
1
CLK
Serial Input Register Clock Pin. Shifts in one bit at a time on positive clock edges.
2
SDI
Serial Data Input Pin. MSB Loaded First.
3
SDO
Serial Data Output Pin. Open Drain Output requires external pull-up resistor. Commands 9 and 10
activate the SDO output. See Table II. Other commands shift out the previously loaded SDI bit
pattern delayed by 16 clock pulses. This allows daisy-chain operation of multiple packages.
4
GND
Ground Pin, Logic Ground Reference.
5VSS
Negative Supply. Connect to zero volts for single supply applications.
6
A1
A Terminal of RDAC1
7
W1
Wiper Terminal of RDAC1, ADDR(RDAC1) = 0H
8
B1
B Terminal of RDAC1
9
B2
B Terminal of RDAC2
10
W2
Wiper Terminal of RDAC2, ADDR(RDAC2) = 1H
11
A2
A Terminal of RDAC2
12
VDD
Positive Power Supply Pin
13
WP
Write Protect Pin. When active low,
WP prevents any changes to the present register contents, except
PR and CMD 1 and 8 will refresh RDAC register from EEMEM. Execute a NOP instruction before
returning
WP to logic high.
14
PR
Hardware Override Preset Pin. Refreshes the scratch pad register with current contents of the EEMEM
register. Factory default loads midscale 80H until EEMEM is loaded with a new value by the user
(
PR is activated at the logic high transition).
15
CS
Serial Register Chip Select Active Low. Serial register operation takes place when
CS returns to logic high.
16
RDY
Ready. Active-high open drain output, requires pull-up resistor. Identifies completion of commands
2, 3, 8, 9, 10, and
PR.
TOP VIEW
(Not to Scale)
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
CLK
SDI
SDO
GND
VSS
A1
W1
B1
RDY
CS
PR
WP
VDD
A2
W2
B2
AD5232
PIN CONFIGURATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com