Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS657 Datasheet(PDF) 4 Page - Allegro MicroSystems

Part # ATS657
Description  The ATS657 includes an optimized Hall-effect sensing integrated circuit (IC) and rare earth pellet to create a user..
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS657 Datasheet(HTML) 4 Page - Allegro MicroSystems

  ATS657 Datasheet HTML 1Page - Allegro MicroSystems ATS657 Datasheet HTML 2Page - Allegro MicroSystems ATS657 Datasheet HTML 3Page - Allegro MicroSystems ATS657 Datasheet HTML 4Page - Allegro MicroSystems ATS657 Datasheet HTML 5Page - Allegro MicroSystems ATS657 Datasheet HTML 6Page - Allegro MicroSystems ATS657 Datasheet HTML 7Page - Allegro MicroSystems ATS657 Datasheet HTML 8Page - Allegro MicroSystems ATS657 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Dynamic, Self-Calibrating, Threshold-Detecting, Differential
Speed and Direction Hall-Effect Gear Tooth Sensor IC
ATS657
4
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
OPERATING CHARACTERISTICS: Switchpoint Characteristics Valid over operating voltage and temperature ranges,
unless otherwise noted (refer to figure below)
Characteristics
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Target Frequency, Forward Rotation
fFWD
–
–
12
kHz
Target Frequency, Reverse Rotation
fREV
–
–
6
kHz
Target Frequency, Non-Direction Pulses*
fND
–
–
4
kHz
Bandwidth
f-3dB
Cutoff frequency for low-pass filter
15
20
–
kHz
Operate Point
BOP
% of peak-to-peak VPROC referenced from
PDAC to NDAC, AG < AGmax
–70
–
%
Release Point
BRP
% of peak-to-peak VPROC referenced from
PDAC to NDAC, AG < AGmax
–30
–
%
*At power-on, rotational speed or vibration leading to a target frequency greater than 4 kHz may result in a constant high output state until true
direction is detected.
OPERATING CHARACTERISTICS: Output Pulse Characteristics* Valid over operating temperature range, unless otherwise noted
Characteristics
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Pulse Width, Forward Rotation
tw(FWD)
RL = 500 Ω, CL = 10 pF
38
45
52
μs
Pulse Width, Reverse Rotation
tw(REV)
RL = 500 Ω, CL = 10 pF
76
90
104
μs
Pulse Width, Non-Direction
tw(ND)
RL = 500 Ω, CL = 10 pF
153
180
207
μs
*Measured at a threshold of ( ICC(HIGH) + ICC(LOW)) / 2.
Valley
Tooth
Forward
Reverse
+B
–B
+V
–V
t
BOP(FWD)b
VPROC(BOP)
VPROC(BRP)
BRP(FWD)
BOP %
BRP %
100 %
BOP(REV)b
BRP(REV)
Sensed Edgea
aSensed Edge: leading (rising) mechanical edge in forward rotation, trailing (falling) mechanical edge in reverse rotation
bBOP(FWD) triggers the output transition during forward rotation, and BOP(REV) triggers the output transition during reverse rotation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com