Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD534 Datasheet(PDF) 4 Page - Analog Devices

Part # AD534
Description  Internally Trimmed Precision IC Multiplier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD534 Datasheet(HTML) 4 Page - Analog Devices

  AD534 Datasheet HTML 1Page - Analog Devices AD534 Datasheet HTML 2Page - Analog Devices AD534 Datasheet HTML 3Page - Analog Devices AD534 Datasheet HTML 4Page - Analog Devices AD534 Datasheet HTML 5Page - Analog Devices AD534 Datasheet HTML 6Page - Analog Devices AD534 Datasheet HTML 7Page - Analog Devices AD534 Datasheet HTML 8Page - Analog Devices AD534 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
AD534
–4–
REV. B
ABSOLUTE MAXIMUM RATINGS
AD534J, K, L
AD534S, T
Supply Voltage
±18 V
±22 V
Internal Power Dissipation
500 mW
*
Output Short-Circuit to Ground
Indefinite
*
Input Voltages, X1 X2 Y1 Y2 Z1 Z2
±V
S
*
Rated Operating Temperature Range
0
°C to +70°C
–55
°C to
+125
°C
Storage Temperature Range
–65
°C to +150°C*
Lead Temperature Range, 60 s Soldering
+300
°C*
*Same as AD534J Specs.
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
AD534JD
0
°C to +70°C
Side Brazed DIP
D-14
AD534KD
0
°C to +70°C
Side Brazed DIP
D-14
AD534LD
0
°C to +70°C
Side Brazed DIP
D-14
AD534JH
0
°C to +70°C
Header
H-10A
AD534JH/+
0
°C to +70°C
Header
H-10A
AD534KH
0
°C to +70°C
Header
H-10A
AD534KH/+
0
°C to +70°C
Header
H-10A
AD534LH
0
°C to +70°C
Header
H-10A
AD534K Chip
0
°C to +70°C
Chip
AD534SD
–55
°C to +125°C
Side Brazed DIP
D-14
AD534SD/883B
–55
°C to +125°C
Side Brazed DIP
D-14
AD534TD
–55
°C to +125°C
Side Brazed DIP
D-14
AD534TD/883B
–55
°C to +125°C
Side Brazed DIP
D-14
JM38510/13902BCA
–55
°C to +125°C
Side Brazed DIP
D-14
JM38510/13901BCA
–55
°C to +125°C
Side Brazed DIP
D-14
AD534SE
–55
°C to +125°C
LCC
E-20A
AD534SE/883B
–55
°C to +125°C
LCC
E-20A
AD534TE/883B
–55
°C to +125°C
LCC
E-20A
AD534SH
–55
°C to +125°C
Header
H-10A
AD534SH/883B
–55
°C to +125°C
Header
H-10A
AD534TH
–55
°C to +125°C
Header
H-10A
AD534TH/883B
–55
°C to +125°C
Header
H-10A
JM38510/13902BIA
–55
°C to +125°C
Header
H-10A
JM38510/13901BIA
–55
°C to +125°C
Header
H-10A
AD534S Chip
–55
°C to +125°C
Chip
AD534T Chip
–55
°C to +125°C
Chip
The
rmal Characteristics
Thermal Resistance
θ
JC = 25
°C/W for H-10A
θ
JA = 150
°C/W for H-10A
θ
JC = 25
°C/W for D-14 or E-20A
θ
JA = 95
°C/W for D-14 or E-20A
X1
+VS
OUT
Y2
–VS
Z 2
Y1
SF
X2
Z 1
THE AD534 IS AVAILABLE IN LASER - TRIMMED CHIP FORM
0.076
(1.93)
0.100 (2.54)
CHIP DIMENSIONS AND BONDING DIAGRAM
Dimensions shown in inches and (mm).
Contact factory for latest dimensions.
470k
50k
1k
TO APPROPRIATE
INPUT TERMINAL
+VS
–VS
Figure 1. Optional Trimming Configuration
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the AD534 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com