Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD53500 Datasheet(PDF) 1 Page - Analog Devices

Part # AD53500
Description  High Speed, High Current Capability Pin Driver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD53500 Datasheet(HTML) 1 Page - Analog Devices

  AD53500 Datasheet HTML 1Page - Analog Devices AD53500 Datasheet HTML 2Page - Analog Devices AD53500 Datasheet HTML 3Page - Analog Devices AD53500 Datasheet HTML 4Page - Analog Devices AD53500 Datasheet HTML 5Page - Analog Devices AD53500 Datasheet HTML 6Page - Analog Devices AD53500 Datasheet HTML 7Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
REV. 0
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
AD53500
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 1999
High Speed, High Current
Capability Pin Driver
FUNCTIONAL BLOCK DIAGRAM
DRIVER
1.0 A/K
AD53500
VCC
VCC
VEE
VEE
VHDCPL
VOUT
VLDCPL
TVCC
THERM
GND
GND
GND
GND
GND
VH
DATA
DATA
INH
INH
VL
39nF
39nF
2
FEATURES
–2 V to +6 V Output Range
2.5
Output Resistance
2.5 ns Tr/Tf for a 3 V Step
300 MHz Toggle Rate
Can Drive 25
Lines and Lower
Peak Dynamic Current Capability of 400 mA
Inhibit Leakage <1
A
On-Chip Temperature Sensor
APPLICATIONS
Automatic Test Equipment
Semiconductor Test Systems
Board Test Systems
Instrumentation and Characterization Equipment
PRODUCT DESCRIPTION:
The AD53500 is a complete high speed driver designed for use
in digital or mixed signal test systems where high speed and high
output drive capabilities are needed. Combining a high speed
monolithic process and a unique surface mount package, this
product attains superb electrical performance while preserving
optimum packing densities and long-term reliability thanks to an
ultrasmall 20-lead, PSOP package with built-in heat sink.
High and low reference levels can be set within a –2 V to +6 V
range with low offset voltage and high gain accuracy. A 2.5
Ω
output resistance allows use of an external backmatch resistor for
application to 50
Ω, 25 Ω or other complex impedance load
requirements. Without a backmatch resistor it is also capable of
driving highly capacitive loads, typically achieving a rise/fall time
of less than 10 ns with a 1000 pF capacitance. To test I/O
devices, the pin driver can be switched into a high impedance
state (Inhibit Mode), electrically removing the driver from the
path. The pin driver leakage current in inhibit is typically less
than 1
µA and output capacitance is typically less than 18 pF.
Transitions from HI/LO or to inhibit are controlled through the
data and inhibit inputs. The input circuitry utilizes high-speed
differential inputs with a common-mode range of –2 V to +5 V.
This allows for direct interface to the precision of differential
ECL timing or the simplicity of stimulating the pin driver from a
single-ended CMOS or TTL logic source or any combination
over the common-mode range. The analog logic HI/LO inputs
are equally easy to interface, typically requiring 50
µA of bias
current.


Similar Part No. - AD53500

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD53500 AD-AD53500_15 Datasheet
105Kb / 7P
High Speed, High Current Capability Pin Driver
REV. 0
More results

Similar Description - AD53500

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
GSCNE555 ETL-GSCNE555 Datasheet
523Kb / 5P
High current driver capability (=200mA)
logo
Analog Devices
AD53500 AD-AD53500_15 Datasheet
105Kb / 7P
High Speed, High Current Capability Pin Driver
REV. 0
logo
Inchange Semiconductor ...
2SA2121 ISC-2SA2121 Datasheet
114Kb / 2P
High Current Capability
2SA1028 ISC-2SA1028 Datasheet
69Kb / 2P
High Current Capability
BUZ30A ISC-BUZ30A Datasheet
66Kb / 2P
High current capability
logo
Chongqing Pingwei Enter...
MBR1060CT CHONGQING-MBR1060CT Datasheet
213Kb / 1P
High current capability
logo
DIYI Electronic Technol...
KBP4005 DYELEC-KBP4005 Datasheet
234Kb / 2P
High current capability
RDB151 DYELEC-RDB151 Datasheet
1Mb / 2P
High current capability
logo
Nanjing International G...
SM260.2A-DO-213AB DGNJDZ-SM260.2A-DO-213AB Datasheet
492Kb / 2P
High current capability
SM260-2A-DO-213AB DGNJDZ-SM260-2A-DO-213AB Datasheet
492Kb / 2P
High current capability
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com