Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AWC6344P9 Datasheet(PDF) 7 Page - ANADIGICS, Inc

Part # AWC6344P9
Description  HELP CDMA AWS/KPCS CDMA Power Amplifier Module
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

AWC6344P9 Datasheet(HTML) 7 Page - ANADIGICS, Inc

  AWC6344P9 Datasheet HTML 1Page - ANADIGICS, Inc AWC6344P9 Datasheet HTML 2Page - ANADIGICS, Inc AWC6344P9 Datasheet HTML 3Page - ANADIGICS, Inc AWC6344P9 Datasheet HTML 4Page - ANADIGICS, Inc AWC6344P9 Datasheet HTML 5Page - ANADIGICS, Inc AWC6344P9 Datasheet HTML 6Page - ANADIGICS, Inc AWC6344P9 Datasheet HTML 7Page - ANADIGICS, Inc AWC6344P9 Datasheet HTML 8Page - ANADIGICS, Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
DATA SHEET - Rev 2.2
11/2012
AWC6344
COMPONENT PACKAGING
Figure 6: Tape & Reel Packaging
Table 6: Tape & Reel Dimensions
Pin 1
PACKAGE TYPE
TAPE WIDTH
POCKET PITCH REEL CAPACITY MAX REEL DIA
3 mm x 3 mm x 1 mm
12 mm
4 mm
2500
7"



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com