Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AWT6632P9 Datasheet(PDF) 2 Page - ANADIGICS, Inc

Part # AWT6632P9
Description  HELP3DC UMTS1900 (Band 2) LTE/WCDMA/CDMA Linear PA Module
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

AWT6632P9 Datasheet(HTML) 2 Page - ANADIGICS, Inc

  AWT6632P9 Datasheet HTML 1Page - ANADIGICS, Inc AWT6632P9 Datasheet HTML 2Page - ANADIGICS, Inc AWT6632P9 Datasheet HTML 3Page - ANADIGICS, Inc AWT6632P9 Datasheet HTML 4Page - ANADIGICS, Inc AWT6632P9 Datasheet HTML 5Page - ANADIGICS, Inc AWT6632P9 Datasheet HTML 6Page - ANADIGICS, Inc AWT6632P9 Datasheet HTML 7Page - ANADIGICS, Inc AWT6632P9 Datasheet HTML 8Page - ANADIGICS, Inc AWT6632P9 Datasheet HTML 9Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2
DATA SHEET - Rev 2.1
02/2012
AWT6632
Figure 2: Pinout (X-ray Top View)
Table 1: Pin Description
VBATT
RFIN
VMODE2 (N/C)
VMODE1
VEN
1
2
3
4
56
7
8
9
10
CPLOUT
GND
CPLIN
RFOUT
VCC
1
2
3
4
56
7
8
9
10
PIN
NAME
DESCRIPTION
1
VBATT
Battery Voltage
2
RFIN
RFInput
3
VMODE2 (N/C) No Connection
4
VMODE1
Mode Control Voltage 1
5
VEN
PA Enable Voltage
6
CPLOUT
Coupler Output
7
GND
Ground
8
CPLIN
Coupler Input
9
RFOUT
RFOutput
10
VCC
Supply Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com