Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD883B Datasheet(PDF) 2 Page - Analog Devices

Part # AD883B
Description  Internally Trimmed Integrated Circuit Multiplier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD883B Datasheet(HTML) 2 Page - Analog Devices

  AD883B Datasheet HTML 1Page - Analog Devices AD883B Datasheet HTML 2Page - Analog Devices AD883B Datasheet HTML 3Page - Analog Devices AD883B Datasheet HTML 4Page - Analog Devices AD883B Datasheet HTML 5Page - Analog Devices AD883B Datasheet HTML 6Page - Analog Devices AD883B Datasheet HTML 7Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
–2–
REV. B
AD532–SPECIFICATIONS (@ +25 C, V
S =
15 V, R
≥ 2 k V
OS grounded)
AD532J
AD532K
AD532S
Model
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Units
MULTIPLIER PERFORMANCE
Transfer Function
(X1 – X2 )(Y1 – Y2 )
10 V
(X1 – X2 )(Y1 – Y2 )
10 V
(X1 – X2 )(Y1 – Y2 )
10 V
Total Error (–10 V
≤ X, Y ≤ +10 V)
±1.5
2.0
±0.7
1.0
±0.5
1.0
%
TA = Min to Max
±2.5
±1.5
4.0
%
Total Error vs. Temperature
±0.04
±0.03
±0.01
0.04
%/
°C
Supply Rejection (
±15 V ± 10%)
±0.05
±0.05
±0.05
%/%
Nonlinearity, X (X = 20 V pk-pk, Y = 10 V)
±0.8
±0.5
±0.5
%
Nonlinearity, Y (Y = 20 V pk-pk, X = 10 V)
±0.3
±0.2
±0.2
%
Feedthrough, X (Y Nulled,
X = 20 V pk-pk 50 Hz)
50
200
30
100
30
100
mV
Feedthrough, Y (X Nulled,
Y = 20 V pk-pk 50 Hz)
30
150
25
80
25
80
mV
Feedthrough vs. Temperature
2.0
1.0
1.0
mV p-p/
°C
Feedthrough vs. Power Supply
±0.25
±0.25
±0.25
mV/%
DYNAMICS
Small Signal BW (VOUT = 0.1 rms)
1
1
1
MHz
1% Amplitude Error
75
75
75
kHz
Slew Rate (VOUT 20 pk-pk)
45
45
45
V/
µs
Settling Time (to 2%,
∆V
OUT = 20 V)
1
1
1
µs
NOISE
Wideband Noise f = 5 Hz to 10 kHz
0.6
0.6
0.6
mV (rms)
Wideband Noise f = 5 Hz to 5 MHz
3.0
3.0
3.0
mV (rms)
OUTPUT
Output Voltage Swing
±10
±13
±10
±13
±10
±13
V
Output Impedance (f
≤ 1 kHz)
1
1
1
Ω
Output Offset Voltage
±40
30
30
mV
Output Offset Voltage vs. Temperature
0.7
0.7
2.0
mV/
°C
Output Offset Voltage vs. Supply
±2.5
±2.5
±2.5
mV/%
INPUT AMPLIFIERS (X, Y and Z)
Signal Voltage Range (Diff. or CM
Operating Diff)
±10
±10
±10
V
CMRR
40
50
50
dB
Input Bias Current
X, Y Inputs
3
1.5
4
1.5
4
µA
X, Y Inputs TMIN to TMAX
10
8
8
µA
Z Input
±10
±5
15
±5
15
µA
Z Input TMIN to TMAX
±30
±25
±25
µA
Offset Current
±0.3
±0.1
±0.1
µA
Differential Resistance
10
10
10
M
Ω
DIVIDER PERFORMANCE
Transfer Function (Xl > X2)
10 V Z/(X1 –X2)
10 V Z/(X1 –X2)
10 V Z/(X1 –X2)
Total Error
(VX = –10 V, –10 V ≤ VZ ≤ +10 V)
±2
±1
±1%
(VX = –1 V, –10 V ≤ VZ ≤ +10 V)
±4
±3
±3%
SQUARE PERFORMANCE
Transfer Function
(X1 – X2 )
10 V
2
(X1 – X2 )
10 V
2
(X1 – X2 )
10 V
2
Total Error
±0.8
±0.4
±0.4
%
SQUARE ROOTER PERFORMANCE
Transfer Function
–
√10 V Z
–
√10 V Z
–
√10 V Z
Total Error (0 V
≤ V
Z ≤ 10 V)
±1.5
±1.0
±1.0
%
POWER SUPPLY SPECIFICATIONS
Supply Voltage
Rated Performance
±15
±15
±15
V
Operating
±10
18
±10
18
±10
±22
V
Supply Current
Quiescent
46
46
46
mA
PACKAGE OPTIONS
TO-116 (D-14)
AD532JD
AD532KD
AD532SD
TO-100 (H-10A)
AD532JH
AD532KH
AD532SH
LCC (E-20A)
AD532SE/883B
Specifications subject to change without notice.
Specifications shown in boldface are tested on all production units at final
electrical test. Results from those tests are used to calculate outgoing quality
levels. All min and max specifications are guaranteed, although only those shown
in boldface are tested on all production units.
Thermal Characteristics
H-10A:
θ
JC = 25
°C/W; θ
JA = 150
°C/W
E-20A:
θ
JC = 22
°C/W; θ
JA = 85
°C/W
D-14:
θ
JC = 22
°C/W; θ
JA = 85
°C/W



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com