Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD534TH Datasheet(PDF) 11 Page - Analog Devices

Part # AD534TH
Description  Internally Trimmed Precision IC Multiplier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD534TH Datasheet(HTML) 11 Page - Analog Devices

Back Button AD534TH Datasheet HTML 4Page - Analog Devices AD534TH Datasheet HTML 5Page - Analog Devices AD534TH Datasheet HTML 6Page - Analog Devices AD534TH Datasheet HTML 7Page - Analog Devices AD534TH Datasheet HTML 8Page - Analog Devices AD534TH Datasheet HTML 9Page - Analog Devices AD534TH Datasheet HTML 10Page - Analog Devices AD534TH Datasheet HTML 11Page - Analog Devices AD534TH Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
AD534
REV. B
–11–
0
–10
FREQUENCY – Hz
–20
0dB = 0.1V RMS, RL= 2k
–30
WITH X10
FEEDBACK
ATTENUATOR
CL = 0pF
CL
1000pF
CF
200pF
CL
1000pF
CF = 0
10
10k
100k
1M
10M
NORMAL
CONNECTION
Figure 22. Frequency Response as a Multiplier
+20
0
+40
1k
10k
100k
1M
10M
FREQUENCY – Hz
–20
VX = 10V dc
VZ = 1V rms
VX = 1V dc
VZ = 100mV rms
VX = 100mV dc
VZ = 10mV rms
+60
Figure 23. Frequency Response vs. Divider Denominator
Input Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com