Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD537SH Datasheet(PDF) 1 Page - Analog Devices

Part # AD537SH
Description  Integrated Circuit Voltage-to-Frequency Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD537SH Datasheet(HTML) 1 Page - Analog Devices

  AD537SH Datasheet HTML 1Page - Analog Devices AD537SH Datasheet HTML 2Page - Analog Devices AD537SH Datasheet HTML 3Page - Analog Devices AD537SH Datasheet HTML 4Page - Analog Devices AD537SH Datasheet HTML 5Page - Analog Devices AD537SH Datasheet HTML 6Page - Analog Devices AD537SH Datasheet HTML 7Page - Analog Devices AD537SH Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
REV. C
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
Integrated Circuit
Voltage-to-Frequency Converter
AD537*
PRODUCT DESCRIPTION
The AD537 is a monolithic V-F converter consisting of an input
amplifier, a precision oscillator system, an accurate internal ref-
erence generator and a high current output stage. Only a single
external RC network is required to set up any full-scale (F.S.)
frequency up to 100 kHz and any F.S. input voltage up to
±30 V. Linearity error is as low as ±0.05% for 10 kHz F.S., and
operation is guaranteed over an 80 dB dynamic range. The over-
all temperature coefficient (excluding the effects of external
components) is typically
±30 ppm/°C. The AD537 operates
from a single supply of 5 V to 36 V and consumes only 1.2 mA
quiescent current.
A temperature-proportional output, scaled to 1.00 mV/K,
enables the circuit to be used as a reliable temperature-to-
frequency converter; in combination with the fixed reference
output of 1.00 V, offset scales such as 0
°C or 0°F can be generated.
The low drift (1
µV/°C typ) input amplifier allows operation
directly from small signals (e.g., thermocouples or strain gages)
while offering a high (250 M
Ω) input resistance. Unlike most
V–F converters, the AD537 provides a square-wave output, and
can drive up to 12 TTL loads, LEDs, very long cables, etc.
The excellent temperature characteristics and long-term stability
of the AD537 are guaranteed by the primary bandgap reference
generator and the low T.C. silicon chromium thin film resistors
used throughout.
The device is available in either a 14-lead ceramic DIP or a 10-lead
metal can; both are hermetically sealed packages.
*Protected by Patent Nos. 3,887,963 and RE 30,586.
FEATURES
Low Cost A–D Conversion
Versatile Input Amplifier
Positive or Negative Voltage Modes
Negative Current Mode
High Input Impedance, Low Drift
Single Supply, 5 V to 36 V
Linearity:
0.05% FS
Low Power: 1.2 mA Quiescent Current
Full-Scale Frequency up to 100 kHz
1.00 V Reference
Thermometer Output (1 mV/K)
F-V Applications
MIL-STD-883 Compliant Versions Available
PIN CONFIGURATIONS
D-14 Package
H-10A Package
LOGIC GND
SYNC
+VIN
VTEMP
VREF
IIN
–VIN
OUTPUT
+VS
VOS
VOS
–VS
CAP
CAP
1
2
14
13
5
6
7
10
9
8
3
4
12
11
AD537
DRIVER
CURR-
TO-FREQ
CONV
BUF
PRECISION
VOLTAGE
REFERENCE
VT
VR
DRIVER
CURR-
TO-FREQ
CONV
PRECISION
VOLTAGE
REFERENCE
VT
VR
AD537
–VIN
+VIN
VREF
LOGIC GND
OUTPUT
+VS
CAP
CAP
–VS
(CONNECTED TO CASE)
BUF
10
9
8
7
6
5
4
3
2
1
VTEMP
The AD537 is available in three performance/temperature
grades; the J and K grades are specified for operation over the
0
°C to +70°C range while the AD537S is specified for operation
over the extended temperature range, –55
°C to +125°C.
PRODUCT HIGHLIGHTS
1. The AD537 is a complete V-F converter requiring only an
external RC timing network to set the desired full-scale fre-
quency and a selectable pull-up resistor for the open collec-
tor output stage. Any full-scale input voltage range from
100 mV to 10 volts (or greater, depending on +VS) can be
accommodated by proper selection of timing resistor. The
full-scale frequency is then set by the timing capacitor from
the simple relationship, f = V/10RC.
2. The power supply requirements are minimal, only 1.2 mA
quiescent current is drawn from a single positive supply from
4.5 volts to 36 volts. In this mode, positive inputs can vary
from 0 volts (ground) to (+VS – 4) volts. Negative inputs can
easily be connected for below ground operation.
3. F-V converters with excellent characteristic are also easy to
build by connecting the AD537 in a phase-locked loop. Ap-
plication particulars are shown in Figure 6.
4. The versatile open-collector NPN output stage can sink up
to 20 mA with a saturation voltage less than 0.4 volts. The
Logic Common terminal can be connected to any level be-
tween ground (or –VS) and 4 volts below +VS. This allows
easy direct interface to any logic family with either positive or
negative logic levels.
5. The AD537 is available in versions compliant with MIL-
STD-883. Refer to the Analog Devices Military Product
Databook or current AD537/883B data sheet for detailed
specifications.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2000


Similar Part No. - AD537SH

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD537S AD-AD537S Datasheet
87Kb / 6P
Voltage to Frequency Converter
28-Sep-2017
More results

Similar Description - AD537SH

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE890 NTE-NTE890 Datasheet
22Kb / 2P
Integrated Circuit Voltage to Frequency Converter
NTE995 NTE-NTE995 Datasheet
30Kb / 4P
Integrated Circuit Frequency-to-Voltage Converter
logo
Burr-Brown (TI)
VFC32 BURR-BROWN-VFC32 Datasheet
76Kb / 7P
Voltage-to-Frequency and Frequency-to-Voltage CONVERTER
VFC320 BURR-BROWN-VFC320 Datasheet
122Kb / 9P
Voltage-to-Frequency and Frequency-to-Voltage CONVERTER
logo
Microchip Technology
AN795 MICROCHIP-AN795 Datasheet
280Kb / 15P
Voltage-to-Frequency/Frequency-to-Voltage Converter
2002
logo
Texas Instruments
VFC32 TI1-VFC32 Datasheet
411Kb / 11P
Voltage-to-Frequency and Frequency-to-Voltage CONVERTER
logo
Analog Devices
AD537 AD-AD537_15 Datasheet
688Kb / 8P
INTERGRATED CIRCUIT VOLTAGE TO FREQUENCY CONVERTER
REV. C
ADVFC32 AD-ADVFC32_15 Datasheet
345Kb / 6P
Voltage-to-Frequency and Frequency-to-Voltage Converter
Rev. B
AD537 AD-AD537_17 Datasheet
722Kb / 9P
Integrated Circuit Voltage-to.Frequency Converter
23-Feb-2017
AD650 AD-AD650_17 Datasheet
449Kb / 21P
Voltage-to-Frequency and Frequency-to-Voltage Converter
23-Feb-2017
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com