Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD548 Datasheet(PDF) 3 Page - Analog Devices

Part # AD548
Description  Precision, Low Power BiFET Op Amp
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD548 Datasheet(HTML) 3 Page - Analog Devices

  AD548 Datasheet HTML 1Page - Analog Devices AD548 Datasheet HTML 2Page - Analog Devices AD548 Datasheet HTML 3Page - Analog Devices AD548 Datasheet HTML 4Page - Analog Devices AD548 Datasheet HTML 5Page - Analog Devices AD548 Datasheet HTML 6Page - Analog Devices AD548 Datasheet HTML 7Page - Analog Devices AD548 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
AD548
REV. C
–3–
WARNING!
ESD SENSITIVE DEVICE
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the AD548 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
ABSOLUTE MAXIMUM RATINGS
l
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±18 V
Internal Power Dissipation
2
. . . . . . . . . . . . . . . . . . . . 500 mW
Input Voltage3 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±18 V
Output Short Circuit Duration . . . . . . . . . . . . . . . . . Indefinite
Differential Input Voltage . . . . . . . . . . . . . . . . . . +VS and –VS
Storage Temperature Range (Q, H) . . . . . . . . –65
°C to +150°C
(N, R) . . . . . . . . –65
°C to +125°C
Operating Temperature Range
AD548J/K . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0
°C to +70°C
AD548A/B/C . . . . . . . . . . . . . . . . . . . . . . . . –40
°C to +85°C
AD548S . . . . . . . . . . . . . . . . . . . . . . . . . . . –55
°C to +125°C
Lead Temperature Range (Soldering 60 sec) . . . . . . . . +300
°C
NOTES
1Stresses above those listed under “Absolute Maximum Ratings” may cause
permanent damage to the device. This is a stress rating only and functional
operation of the device at these or any other conditions above those indicated in the
operational sections of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
2Thermal Characteristics: 8-Pin SOIC Package:
θ
JA = 160°C/W, θJC = 42°C/W;
8-Pin Plastic Package:
θ
JA = 90°C/W; 8-Pin Cerdip Package: θJC = 22°C/W, θJA =
110
°C/W; 8-Pin Metal Can Package: θ
JC = 65°C/W, θJA = 150°C/W.
3For supply voltages less than
±18 V, the absolute maximum input voltage is equal
to the supply voltage.
METALIZATION PHOTOGRAPH
Dimensions shown in inches and (mm).
Contact factory for latest dimensions
SUPPLY VOLTAGE –
±V
20
15
10
5
0
0
5
10
15
20
+VIN
–VIN
Figure 1. Input Voltage Range
vs. Supply Voltage
SUPPLY VOLTAGE –
±V
200
180
160
140
120
0
5
10
15
20
Figure 4. Quiescent Current vs.
Supply Voltage
SUPPLY VOLTAGE –
±V
10
6
4
2
0
0
4
8
12
16
20
8
Figure 5. Input Bias Current
vs. Supply Voltage
Typical Characteristics
LOAD RESISTANCE –
Ω
30
25
20
10
0
10
100
1k
10k
5
15
Figure 3. Output Voltage Swing
vs. Load Resistance
SUPPLY VOLTAGE –
±V
20
15
10
5
0
0
5
10
15
20
+VOUT
–VOUT
25
°C
RL = 10k
Figure 2. Output Voltage Swing
vs. Supply Voltage
TEMPERATURE –
°C
100nA
–55
–25
5
35
65
95
125
10nA
1nA
100pA
10pA
1pA
100fA
10fA
Figure 6. Input Bias Current vs.
Temperature



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com