Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM1DR-0512S-RZ Datasheet(PDF) 1 Page - AIMTEC

Part # AM1DR-0512S-RZ
Description  1 Watt | DC-DC Converter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM1DR-0512S-RZ Datasheet(HTML) 1 Page - AIMTEC

  AM1DR-0512S-RZ Datasheet HTML 1Page - AIMTEC AM1DR-0512S-RZ Datasheet HTML 2Page - AIMTEC AM1DR-0512S-RZ Datasheet HTML 3Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Series AM1DR-RZ
1 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R9.E
1 of 3
North America only
FEATURES:
• Regulated Single Output
• 1000VDC Isolation
• Continuous Short Circuit Protection
• Operating temperature: -40°C to +85°C
• RoHS Compliant
• Industry Standard Pinout
• MTBF>1,500,000 hours
• SIP7 Package
Models
Single output
Model
Input Voltage
(V)
Output
Voltage
(V)
Output Current
max (mA)
Isolation
(VDC)
Max
Capacitive
Load (uF)
Efficiency
(%)
AM1DR-0503S-RZ
4.5-5.5
3.3
303
1000
220
55
AM1DR-0505S-RZ
4.5-5.5
5
200
1000
220
64
AM1DR-0507S-RZ
4.5-5.5
7.2
139
1000
220
64
AM1DR-0509S-RZ
4.5-5.5
9
111
1000
220
65
AM1DR-0512S-RZ
4.5-5.5
12
83
1000
220
66
AM1DR-0515S-RZ
4.5-5.5
15
67
1000
220
66
AM1DR-1203S-RZ
10.8-13.2
3.3
303
1000
220
56
AM1DR-1205S-RZ
10.8-13.2
5
200
1000
220
64
AM1DR-1207S-RZ
10.8-13.2
7.2
139
1000
220
65
AM1DR-1209S-RZ
10.8-13.2
9
111
1000
220
66
AM1DR-1212S-RZ
10.8-13.2
12
83
1000
220
66
AM1DR-1215S-RZ
10.8-13.2
15
67
1000
220
68
AM1DR-2403S-RZ
21.6- 26.4
3.3
303
1000
220
56
AM1DR-2405S-RZ
21.6- 26.4
5
200
1000
220
63
AM1DR-2407S-RZ
21.6- 26.4
7.2
139
1000
220
65
AM1DR-2409S-RZ
21.6- 26.4
9
111
1000
220
66
AM1DR-2412S-RZ
21.6- 26.4
12
83
1000
220
67
AM1DR-2415S-RZ
21.6- 26.4
15
67
1000
220
67
NOTE: All specifications in this datasheet are measured at an ambient temperature of 25°C, humidity<75%, nominal input voltage and at
rated output load unless otherwise specified.
Input Specifications
Parameters
Nominal
Typical
Maximum
Units
Voltage range
5
12
24
4.5- 5.5
10.8-13.2
21.6- 26.4
VDC
Filter
Capacitor
Absolute Maximum Rating (100 ms)
5
12
24
7
15
28
VDC
No load input current
45
mA
Input reflected ripple current
20
mA p-p
Isolation Specifications
Parameters
Conditions
Typical
Rated
Units
Tested I/O voltage
3 sec
1000
VDC
Resistance
At 500VDC
>1000
MOhm
Capacitance
60
pF
Output Specifications
Parameters
Conditions
Typical
Maximum
Units
Voltage accuracy
±2
%
Short Circuit protection
Continuous
Short circuit restart
Auto-Recovery
Line voltage regulation
LL ~ HL
±0.5
% of Vin


Similar Part No. - AM1DR-0512S-RZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM1DR-0512S-N AIMTEC-AM1DR-0512S-N Datasheet
288Kb / 2P
1 watt dc-dc converters
AM1DR-0512S-NZ AIMTEC-AM1DR-0512S-NZ Datasheet
104Kb / 2P
1 Watt | DC-DC Converter
More results

Similar Description - AM1DR-0512S-RZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM1DR-NZ AIMTEC-AM1DR-NZ Datasheet
104Kb / 2P
1 Watt | DC-DC Converter
AM1D-Z AIMTEC-AM1D-Z Datasheet
286Kb / 8P
1 Watt | DC-DC Converter
AM1MR-Z AIMTEC-AM1MR-Z Datasheet
346Kb / 3P
1 Watt | DC-DC Converter
AM1P-Z AIMTEC-AM1P-Z Datasheet
161Kb / 4P
1 Watt | DC-DC Converter
AM1D-NZ AIMTEC-AM1D-NZ_13 Datasheet
345Kb / 4P
1 Watt | DC-DC Converter
AM1DR-NZ AIMTEC-AM1DR-NZ_13 Datasheet
221Kb / 2P
1 Watt | DC-DC Converter
AM1LS-NZ AIMTEC-AM1LS-NZ Datasheet
277Kb / 2P
1 Watt | DC-DC Converter
AM1M-NZ AIMTEC-AM1M-NZ_13 Datasheet
214Kb / 3P
1 Watt | DC-DC Converter
AM1SS-Z AIMTEC-AM1SS-Z_13 Datasheet
224Kb / 2P
1 Watt | DC-DC Converter
AM1DR-N-Z AIMTEC-AM1DR-N-Z Datasheet
249Kb / 2P
1 Watt | DC-DC Converter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com