Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

03708 Datasheet(PDF) 1 Page - General Cable Technologies Corporation

Part # 03708
Description  Bus Drop Cable 60쨘C 600 Volt UL Listed
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERAL [General Cable Technologies Corporation]
Direct Link  http://www.generalcable.com
Logo GENERAL - General Cable Technologies Corporation

03708 Datasheet(HTML) 1 Page - General Cable Technologies Corporation

  03708 Datasheet HTML 1Page - General Cable Technologies Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
25
Plastic Cord
Cord & Cordset
Product Construction:
Conductors:
• 14through6AWGannealedstranded
bare copper per ASTM B-8 or B-174
as applicable
Insulation:
• Premium-grade,color-coded
Polyvinylchloride(PVC)
• Colorcode:black,white,red
Jacket:
• Polyvinylchloride(PVC)jacket,gray
• Temperaturerange:-20ºCto+60ºC
Jacket Marking:
• INDENTPRINT:(SIZE)BUSDROP
600V(UL)
Applications:
• AsbranchesfrombuswaysperNEC
• Connectionofstationaryequipmentto
facilitate relocation of equipment
Features:
• Usedindrylocation
• Oneuninsulatedgroundconductor
perinterstice(3groundconductorstotal)
• Resistanttooils,lubricants,water,acids,
alkalies, ozone and abrasion
Industry Approvals:
• ULListed
• RoHSCompliant
Packaging:
• 250'reel(76.2m)asstandard
• 500'(152.4m)and1000’(304.8m)reels
also available
• Otherput-upsavailableonspecialorder
BUS DROP CABLE— 600 VOLT — UL
CATALOG
NUMBER
NO. OF
COND.
AWG
SIZE
COND.
STRAND
NOMINAL INS.
THICKNESS
NOMINAL O.D.
CURRENT
AMPS†
APPROX.
NET WEIGHT
LBS/M'(S)
STD.
CTN.
INCHES
mm
INCHES
mm
03714
3
14
19
0.030
0.76
0.400
10.16
15
120
250'
03712
3
12
19
0.030
0.76
0.425
10.80
20
150
250'
03710
3
10
19
0.030
0.76
0.485
12.32
30
225
250'
03708
3
8
19
0.045
1.14
0.625
15.88
40
370
250'
03706
3
6
19
0.060
1.52
0.770
19.56
55
600
250'
† AmpacitiesbasedonNECtable400.5(A).
(S)
Actual shipping weight may vary.
Bus Drop Cable
60ºC 600 Volt UL Listed


Similar Part No. - 03708

ManufacturerPart #DatasheetDescription
logo
General Cable Technolog...
03708 GENERAL-03708 Datasheet
63Kb / 1P
Bus Drop Cable 60쨘C 600 Volt UL Listed
More results

Similar Description - 03708

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
C-1986165 MACOM-C-1986165 Datasheet
81Kb / 1P
SOLAR CABLE, UL-LISTED, 12AWG
logo
General Cable Technolog...
01302.15.01 GENERAL-01302.15.01 Datasheet
65Kb / 1P
60쨘C 300 Volt UL /CSA Portable Cord
01366.38T.01 GENERAL-01366.38T.01 Datasheet
65Kb / 1P
60쨘C 300 Volt UL /CSA Portable Cord
03702.35.10 GENERAL-03702.35.10 Datasheet
63Kb / 1P
Bus Drop Cable 60쨘C 600 Volt UL Listed
05481.R5.02 GENERAL-05481.R5.02 Datasheet
84Kb / 1P
60쨘C 150 Volt UL Type CL2
05482.R8.02 GENERAL-05482.R8.02 Datasheet
84Kb / 1P
60쨘C 150 Volt UL Type CL2
05483.R8.02 GENERAL-05483.R8.02 Datasheet
84Kb / 1P
60쨘C 150 Volt UL Type CL2
05484.R5.02 GENERAL-05484.R5.02 Datasheet
84Kb / 1P
60쨘C 150 Volt UL Type CL2
05485.R5.02 GENERAL-05485.R5.02 Datasheet
84Kb / 1P
60쨘C 150 Volt UL Type CL2
05486.R5.02 GENERAL-05486.R5.02 Datasheet
84Kb / 1P
60쨘C 150 Volt UL Type CL2
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com