Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD548J Datasheet(PDF) 1 Page - Analog Devices

Part # AD548J
Description  Precision, Low Power BiFET Op Amp
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD548J Datasheet(HTML) 1 Page - Analog Devices

  AD548J Datasheet HTML 1Page - Analog Devices AD548J Datasheet HTML 2Page - Analog Devices AD548J Datasheet HTML 3Page - Analog Devices AD548J Datasheet HTML 4Page - Analog Devices AD548J Datasheet HTML 5Page - Analog Devices AD548J Datasheet HTML 6Page - Analog Devices AD548J Datasheet HTML 7Page - Analog Devices AD548J Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
a
AD548
Precision, Low Power
BiFET Op Amp
REV. B
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
FEATURES
Enhanced Replacement for LF441 and TL061
DC Performance:
200
A max Quiescent Current
10 pA max Bias Current, Warmed Up (AD548C)
250
V max Offset Voltage (AD548C)
2
V/ C max Drift (AD548C)
2
V p-p Noise, 0.1 Hz to 10 Hz
AC Performance:
1.8 V/ s Slew Rate
1 MHz Unity Gain Bandwidth
Available in Plastic, Hermetic Cerdip and Hermetic
Metal Can Packages and in Chip Form
Available in Tape and Reel in Accordance with
EIA-481A Standard
MIL-STD-883B Parts Available
Dual Version Available: AD648
Surface Mount (SOIC) Package Available
PRODUCT DESCRIPTION
The AD548 is a low power, precision monolithic operational
amplifier. It offers both low bias current (10 pA max, warmed
up) and low quiescent current (200
µA max) and is fabricated
with ion-implanted FET and laser wafer trimming technologies.
Input bias current is guaranteed over the AD548’s entire
common-mode voltage range.
The economical J grade has a maximum guaranteed input offset
voltage of less than 2 mV and an input offset voltage drift of less
than 20
µV/°C. The C grade reduces input offset voltage to less
than 0.25 mV and offset voltage drift to less than 2
µV/°C. This
level of dc precision is achieved utilizing Analog’s laser wafer
drift trimming process. The combination of low quiescent cur-
rent and low offset voltage drift minimizes changes in input off-
set voltage due to self-heating effects. Four additional grades are
offered over the commercial, industrial and military temperature
ranges.
The AD548 is recommended for any dual supply op amp appli-
cation requiring low power and excellent dc and ac perfor-
mance. In applications such as battery-powered, precision
instrument front ends and CMOS DAC buffers, the AD548’s
excellent combination of low input offset voltage and drift, low
bias current and low 1/f noise reduces output errors. High com-
mon-mode rejection (86 dB, min on the “C” grade) and high
open-loop gain ensures better than 12-bit linearity in high im-
pedance, buffer applications.
The AD548 is pinned out in a standard op amp configuration
and is available in six performance grades. The AD548J and
AD548K are rated over the commercial temperature range of
0
°C to +70°C. The AD548A, AD548B and AD548C are rated
over the industrial temperature range of –40
°C to +85°C. The
AD548S is rated over the military temperature range of –55
°C
to +125
°C and is available processed to MIL-STD-883B, Rev. C.
The AD548 is available in an 8-pin plastic mini-DIP, cerdip,
TO-99 metal can, surface mount (SOIC), or in chip form.
PRODUCT HIGHLIGHTS
1. A combination of low supply current, excellent dc and ac
performance and low drift makes the AD548 the ideal op
amp for high performance, low power applications.
2. The AD548 is pin compatible with industry standard op
amps such as the LF441, TL061, and AD542, enabling de-
signers to improve performance while achieving a reduction
in power dissipation of up to 85%.
3. Guaranteed low input offset voltage (2 mV max) and drift
(20
µV/°C max) for the AD548J are achieved utilizing
Analog Devices’ laser drift trimming technology, eliminating
the need for external trimming.
4. Analog Devices specifies each device in the warmed-up con-
dition, insuring that the device will meet its published specifi-
cations in actual use.
5. A dual version, the AD648 is also available.
6. Enhanced replacement for LF441 and TL061.
CONNECTION DIAGRAMS
Plastic Mini-DIP (N) Package,
Cerdip (Q) Package and
SOIC (R)Package
AD548
OFFSET NULL
OUTPUT
NC
V–
OFFSET
NULL
NONINVERTING
INPUT
6
7
1
3
4
5
2
8
V+
NOTE : PIN 4 CONNECTED TO CASE
NC = NO CONNECT
INVERTING
INPUT
1
2
3
4
8
7
6
5
AD548
OFFSET NULL
V+
OUTPUT
NC
INVERTING
INPUT
V–
OFFSET
NULL
TOP VIEW
NONINVERTING
INPUT
1
4
5
VOS TRIM
TOP VIEW
–15V
10k
Ω
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 617/329-4700
Fax: 617/326-8703
TO-99 (H) Package


Similar Part No. - AD548J

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD548 AD-AD548 Datasheet
221Kb / 12P
Precision, Low Power BiFET Op Amp
REV. D
AD548KNZ AD-AD548KNZ Datasheet
221Kb / 12P
Precision, Low Power BiFET Op Amp
REV. D
AD548SH AD-AD548SH Datasheet
221Kb / 12P
Precision, Low Power BiFET Op Amp
REV. D
AD548 AD-AD548_02 Datasheet
221Kb / 12P
Precision, Low Power BiFET Op Amp
REV. D
AD548 AD-AD548_15 Datasheet
221Kb / 12P
Precision, Low Power BiFET Op Amp
REV. D
More results

Similar Description - AD548J

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD642 AD-AD642 Datasheet
395Kb / 6P
Precision, Low Cost Dual BiFET Op Amp
REV.0
AD648 AD-AD648 Datasheet
335Kb / 12P
Dual Precision, Low Power BiFET Op Amp
AD548 AD-AD548_02 Datasheet
221Kb / 12P
Precision, Low Power BiFET Op Amp
REV. D
AD548KNZ AD-AD548KNZ Datasheet
221Kb / 12P
Precision, Low Power BiFET Op Amp
REV. D
AD548SH AD-AD548SH Datasheet
221Kb / 12P
Precision, Low Power BiFET Op Amp
REV. D
AD711JRZ AD-AD711JRZ Datasheet
543Kb / 16P
Precision, Low Cost, High Speed, BiFET Op Amp
REV. E
AD548 AD-AD548_15 Datasheet
221Kb / 12P
Precision, Low Power BiFET Op Amp
REV. D
AD642 AD-AD642_15 Datasheet
399Kb / 6P
Precision, Low Cost Dual BiFET Op Amp
REV. 0
AD648 AD-AD648_15 Datasheet
209Kb / 12P
Dual Precision, Low Power BiFET Op Amp
REV. E
AD711 AD-AD711_15 Datasheet
717Kb / 16P
Precision, Low Cost, High Speed, BiFET Op Amp
REV. E
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com