Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5316 Datasheet(PDF) 2 Page - Analog Devices

Part # AD5316
Description  2.5 V to 5.5 V, 500 uA, 2-Wire Interface Quad Voltage Output, 8-/10-/12-Bit DACs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5316 Datasheet(HTML) 2 Page - Analog Devices

  AD5316 Datasheet HTML 1Page - Analog Devices AD5316 Datasheet HTML 2Page - Analog Devices AD5316 Datasheet HTML 3Page - Analog Devices AD5316 Datasheet HTML 4Page - Analog Devices AD5316 Datasheet HTML 5Page - Analog Devices AD5316 Datasheet HTML 6Page - Analog Devices AD5316 Datasheet HTML 7Page - Analog Devices AD5316 Datasheet HTML 8Page - Analog Devices AD5316 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
REV. F
–2–
AD5305/AD5315/AD5325–SPECIFICATIONS (V
DD = 2.5 V to 5.5 V; VREF = 2 V; RL = 2 k
to GND;
CL = 200 pF to GND; all specifications TMIN to TMAX, unless otherwise noted.)
A Version
2
B Version
2
Parameter
1
Min
Typ
Max
Min
Typ
Max
Unit
Conditions/Comments
DC PERFORMANCE
3, 4
AD5305
Resolution
8
8
Bits
Relative Accuracy
±0.15
±1
±0.15
±0.625
LSB
Differential Nonlinearity
±0.02
±0.25
±0.02
±0.25
LSB
Guaranteed Monotonic by Design
over All Codes
AD5315
Resolution
10
10
Bits
Relative Accuracy
±0.5
±4
±0.5
±2.5
LSB
Differential Nonlinearity
±0.05
±0.5
±0.05
±0.5
LSB
Guaranteed Monotonic by Design
over All Codes
AD5325
Resolution
12
12
Bits
Relative Accuracy
±2
±16
±2
±10
LSB
Differential Nonlinearity
±0.2
±1
±0.2
±1
LSB
Guaranteed Monotonic by Design
over All Codes
Offset Error
±0.4
±3
±0.4
±3% of FSR
Gain Error
±0.15
±1
±0.15
±1% of FSR
Lower Deadband
20
60
20
60
mV
Lower deadband exists only if
offset error is negative.
Offset Error Drift
5
–12
–12
ppm of FSR/
°C
Gain Error Drift
5
–5
–5
ppm of FSR/
°C
Power Supply Rejection Ratio
5
–60
–60
dB
VDD =
±10%
DC Crosstalk
5
200
200
µVR
L = 2 k
Ω to GND or V
DD
DAC REFERENCE INPUTS
5
VREF Input Range
0.25
VDD
0.25
VDD
V
VREF Input Impedance
37
45
37
45
k
Ω
Normal Operation
>10
>10
M
Ω
Power-Down Mode
Reference Feedthrough
–90
–90
dB
Frequency = 10 kHz
OUTPUT CHARACTERISTICS
5
Minimum Output Voltage
6
0.001
0.001
V
This is a measure of the minimum
and maximum drive capability
Maximum Output Voltage
6
VDD – 0.001
VDD – 0.001
V
of the output amplifier.
DC Output Impedance
0.5
0.5
Ω
Short Circuit Current
25
25
mA
VDD = 5 V
16
16
mA
VDD = 3 V
Power-Up Time
2.5
2.5
µs
Coming out of Power-Down Mode.
VDD = 5 V
55
µs
Coming out of Power-Down Mode.
VDD = 3 V
LOGIC INPUTS (A0)
5
Input Current
±1
±1
µA
VIL, Input Low Voltage
0.8
0.8
V
VDD = 5 V
± 10%
0.6
0.6
V
VDD = 3 V
± 10%
0.5
0.5
V
VDD = 2.5 V
VIH, Input High Voltage
2.4
2.4
V
VDD = 5 V
± 10%
2.1
2.1
V
VDD = 3 V
± 10%
2.0
2.0
V
VDD = 2.5 V
Pin Capacitance
3
3
pF
LOGIC INPUTS (SCL, SDA)
5
VIH, Input High Voltage
0.7 VDD
VDD + 0.3 0.7 VDD
VDD + 0.3 VSMBus Compatible at VDD < 3.6 V
VIL, Input Low Voltage
–0.3
0.3 VDD
–0.3
0.3 VDD
VSMBus Compatible at VDD < 3.6 V
IIN, Input Leakage Current
±1
±1
µA
VHYST, Input Hysteresis
0.05 VDD
0.05 VDD
V
CIN, Input Capacitance
8
8
pF
Glitch Rejection
50
50
ns
Input filtering suppresses noise
spikes of less than 50 ns.
LOGIC OUTPUT (SDA)
5
VOL, Output Low Voltage
0.4
0.4
V
ISINK = 3 mA
0.6
0.6
V
ISINK = 6 mA
Three-State Leakage Current
±1
±1
µA
Three-State Output Capacitance
8
8
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com