Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FST16040 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # FST16040
Description  Silicon Power Schottky Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FST16040 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  FST16040 Datasheet HTML 1Page - List of Unclassifed Manufacturers FST16040 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
VRRM = 20 V - 100 V
IF = 160 A
Features
• High Surge Capability
TO-249AB Package
• Types up to 100V VRRM
• Isolated to Plate
Parameter
Symbol
FST16020
FST16030
Unit
Repetitive peak reverse voltage
VRRM
20
30
V
Silicon Power
Schottky Diode
FST16020 thru FST16040
FST16040
35
FST16035
Maximum ratings, at Tj = 25 °C, unless otherwise specified
Conditions
40
pp
g
RMS reverse voltage
VRMS
14
21
V
DC blocking voltage
VDC
20
30
V
Continuous forward current
IF
160
160
A
Operating temperature
Tj
-40 to 125
-40 to 125
°C
Storage temperature
Tstg
-40 to 175
-40 to 175
°C
Parameter
Symbol
FST16020
FST16030
Unit
Diode forward voltage
0.75
0.75
11
10
10
Thermal characteristics
Thermal resistance, junction -
case
RthJC
1.0
1.0
°C/W
Electrical characteristics, at Tj = 25 °C, unless otherwise specified
Surge non-repetitive forward
current, Half Sine Wave
IF,SM
Reverse current
IR
VF
10
A
1200
VR = 20 V, Tj = 25 °C
IF = 160 A, Tj = 25 °C
TC ≤ 100 °C
Conditions
25
1200
1200
-40 to 175
160
160
1200
-40 to 175
FST16040
11
FST16035
1.0
VR = 20 V, Tj = 125 °C
1.0
0.75
0.75
10
mA
V
-40 to 125
-40 to 125
TC = 25 °C, tp = 8.3 ms
28
40
35
www.genesicsemi.com
1


Similar Part No. - FST16040

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
FST16040 MCC-FST16040 Datasheet
133Kb / 3P
160 Amp Rectifier 20 to 100 Volts Schottky Barrier
logo
Microsemi Corporation
FST16040 MICROSEMI-FST16040 Datasheet
153Kb / 2P
Schottky PowerMod
logo
TRANSYS Electronics Lim...
FST16040 TEL-FST16040 Datasheet
145Kb / 2P
SCHOTTKY DIODES MODULE TYPE 160A
logo
Microsemi Corporation
FST16040 MICROSEMI-FST16040 Datasheet
122Kb / 2P
Schottky Powermod
logo
GeneSiC Semiconductor, ...
FST16040 GENESIC-FST16040 Datasheet
369Kb / 3P
Silicon Power Schottky Diode
More results

Similar Description - FST16040

ManufacturerPart #DatasheetDescription
logo
GeneSiC Semiconductor, ...
FST6340M GENESIC-FST6340M Datasheet
553Kb / 3P
Silicon Power Schottky Diode
FST7345M GENESIC-FST7345M Datasheet
490Kb / 3P
Silicon Power Schottky Diode
FST8320SM GENESIC-FST8320SM Datasheet
679Kb / 3P
Silicon Power Schottky Diode
FST10045 GENESIC-FST10045 Datasheet
370Kb / 3P
Silicon Power Schottky Diode
FST120150 GENESIC-FST120150 Datasheet
362Kb / 3P
Silicon Power Schottky Diode
FST160150 GENESIC-FST160150 Datasheet
363Kb / 3P
Silicon Power Schottky Diode
MBR120150CT GENESIC-MBR120150CT Datasheet
508Kb / 3P
Silicon Power Schottky Diode
MBRF30045 GENESIC-MBRF30045 Datasheet
467Kb / 3P
Silicon Power Schottky Diode
MBRF40020 GENESIC-MBRF40020 Datasheet
467Kb / 3P
Silicon Power Schottky Diode
SD41 GENESIC-SD41 Datasheet
718Kb / 3P
Silicon Power Schottky Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com