Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBRT20045 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # MBRT20045
Description  High Surge Capability
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MBRT20045 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  MBRT20045 Datasheet HTML 1Page - List of Unclassifed Manufacturers MBRT20045 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
VRRM = 20 V - 100 V
IF = 200 A
Features
• High Surge Capability
Three Tower Package
• Types up to 100 V VRRM
• Isolation Type Package
Parameter
Symbol
MBRT20045 (R) MBRT20060 (R)
Unit
Repetitive peak reverse voltage
VRRM
45
60
V
Conditions
100
MBRT20045 thru MBRT200100R
MBRT200100 (R)
80
MBRT20080 (R)
Maximum ratings, at Tj = 25 °C, unless otherwise specified ("R" devices have leads reversed)
Silicon Power
Schottky Diode
pp
g
RMS reverse voltage
VRMS
32
42
V
DC blocking voltage
VDC
45
60
V
Continuous forward current
IF
200
200
A
Operating temperature
Tj
-40 to 150
-40 to 150
°C
Storage temperature
Tstg
-40 to 175
-40 to 175
°C
Parameter
Symbol
MBRT20045 (R) MBRT20060(R)
Unit
Diode forward voltage
0.75
0.8
11
20
20
Thermal characteristics
Thermal resistance, junction -
case
RthJC
0.18
0.18
°C/W
-40 to 150
-40 to 150
TC = 25 °C, tp = 8.3 ms
70
100
80
-40 to 175
MBRT200100 (R)
11
MBRT20080 (R)
0.18
VR = 20 V, Tj = 125 °C
0.18
0.88
0.88
20
mA
V
VR = 20 V, Tj = 25 °C
IF = 100 A, Tj = 25 °C
TC ≤ 125 °C
Conditions
57
1500
1500
-40 to 175
200
200
1500
Electrical characteristics, at Tj = 25 °C, unless otherwise specified
Surge non-repetitive forward
current, Half Sine Wave
IF,SM
Reverse current
IR
VF
20
A
1500
www.genesicsemi.com
1


Similar Part No. - MBRT20045

ManufacturerPart #DatasheetDescription
logo
America Semiconductor, ...
MBRT20045 AMERICASEMI-MBRT20045 Datasheet
676Kb / 2P
HIGH POWER-SCHOTTKY RECTIFIERS
logo
GeneSiC Semiconductor, ...
MBRT20045 GENESIC-MBRT20045 Datasheet
484Kb / 3P
Silicon Power Schottky Diode
MBRT20045 GENESIC-MBRT20045 Datasheet
758Kb / 3P
Silicon Power Schottky Diode
logo
America Semiconductor, ...
MBRT20045R AMERICASEMI-MBRT20045R Datasheet
676Kb / 2P
HIGH POWER-SCHOTTKY RECTIFIERS
logo
GeneSiC Semiconductor, ...
MBRT20045R GENESIC-MBRT20045R Datasheet
484Kb / 3P
Silicon Power Schottky Diode
More results

Similar Description - MBRT20045

ManufacturerPart #DatasheetDescription
logo
GeneSiC Semiconductor, ...
1N1190R GENESIC-1N1190R Datasheet
705Kb / 3P
High Surge Capability
1N1206AR GENESIC-1N1206AR Datasheet
741Kb / 3P
High Surge Capability
1N3294AR GENESIC-1N3294AR Datasheet
485Kb / 3P
High Surge Capability
1N4593R GENESIC-1N4593R Datasheet
722Kb / 3P
High Surge Capability
1N6098R GENESIC-1N6098R Datasheet
355Kb / 3P
High Surge Capability
FR12MR05 GENESIC-FR12MR05 Datasheet
728Kb / 3P
High Surge Capability
FR16JR05 GENESIC-FR16JR05 Datasheet
747Kb / 3P
High Surge Capability
FR16MR05 GENESIC-FR16MR05 Datasheet
746Kb / 3P
High Surge Capability
FR30MR05 GENESIC-FR30MR05 Datasheet
663Kb / 3P
High Surge Capability
logo
Kersemi Electronic Co.,...
MUR3005WT KERSEMI-MUR3005WT Datasheet
1Mb / 3P
High Surge Capability
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com