Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5301 Datasheet(PDF) 12 Page - Analog Devices

Part # AD5301
Description  2.5 V to 5.5 V, 500 uA, Parallel Interface Quad Voltage-Output 8-/10-/12-Bit DACs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5301 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD5301 Datasheet HTML 8Page - Analog Devices AD5301 Datasheet HTML 9Page - Analog Devices AD5301 Datasheet HTML 10Page - Analog Devices AD5301 Datasheet HTML 11Page - Analog Devices AD5301 Datasheet HTML 12Page - Analog Devices AD5301 Datasheet HTML 13Page - Analog Devices AD5301 Datasheet HTML 14Page - Analog Devices AD5301 Datasheet HTML 15Page - Analog Devices AD5301 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
REV. 0
AD5334/AD5335/AD5336/AD5344
–12–
GAIN ERROR
VDD – Volts
0.2
–0.6
01
3
0
–0.4
TA = 25 C
VREF = 2V
46
–0.5
–0.3
–0.2
–0.1
0.1
25
OFFSET ERROR
Figure 14. Offset Error and Gain
Error vs. VDD
0
TA = 25 C
VDD – V
2.5
3.0
3.5
4.0
4.5
5.0
5.5
100
200
300
400
500
600
Figure 17. Supply Current vs. Supply
Voltage
VOUTA
5µs
CH1
CH2
LDAC
TA = 25 C
VDD = 5V
VREF = 5V
CH1 1V, CH2 5V, TIME BASE= 1 s/DIV
Figure 20. Half-Scale Settling (1/4 to
3/4 Scale Code Change)
5V SOURCE
SINK/SOURCE CURRENT – mA
5
0
01
3
4
46
1
2
3
25
3V SOURCE
3V SINK
5V SINK
Figure 15. VOUT Source and Sink
Current Capability
0
2.5
VDD – V
3.0
3.5
4.0
4.5
5.0
5.5
0.1
0.2
0.3
0.4
0.5
TA = 25 C
Figure 18. Power-Down Current vs.
Supply Voltage
VDD
CH1
CH2
VOUTA
TA = 25 C
VDD = 5V
VREF = 2V
CH1 2V, CH2 200mV, TIME BASE = 200 s/DIV
Figure 21. Power-On Reset to 0 V
0
ZERO-SCALE
FULL SCALE
DAC CODE
VDD = 5.5V
VDD = 3.6V
100
200
300
400
500
600
TA = 25 C
VREF = 2V
Figure 16. Supply Current
vs. DAC Code
VLOGIC – V
200
0
0
1
234
5
400
600
800
1000
1200
1400
1600
1800
VDD = 5V
VDD = 3V
Figure 19. Supply Current
vs. Logic Input Voltage
CH1 500mV, CH2 5V, TIME BASE = 1 s/DIV
CH1
CH2
TA = 25 C
VDD = 5V
VREF = 2V
VOUTA
PD
Figure 22. Exiting Power-Down
to Midscale



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com