Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5541 Datasheet(PDF) 11 Page - Analog Devices

Part # AD5541
Description  5 V, Serial-Input Voltage-Output, 16-Bit DACs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5541 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD5541 Datasheet HTML 4Page - Analog Devices AD5541 Datasheet HTML 5Page - Analog Devices AD5541 Datasheet HTML 6Page - Analog Devices AD5541 Datasheet HTML 7Page - Analog Devices AD5541 Datasheet HTML 8Page - Analog Devices AD5541 Datasheet HTML 9Page - Analog Devices AD5541 Datasheet HTML 10Page - Analog Devices AD5541 Datasheet HTML 11Page - Analog Devices AD5541 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
AD5541/AD5542
–11–
REV. A
Reference and Ground
As the input impedance is code-dependent, the reference pin
should be driven from a low-impedance source. The AD5541/
AD5542 operates with a voltage reference ranging from 2 V to
VDD. References below 2 V will result in reduced accuracy.
The DAC’s full-scale output voltage is determined by the
reference. Tables I and II outline the analog output voltage
or particular digital codes. For optimum performance, Kelvin
sense connections are provided on the AD5542.
If the application doesn’t require separate force and sense lines,
they should be tied together close to the package to minimize
voltage drops between the package leads and the internal die.
Power-On Reset
These parts have a power-on reset function to ensure the output
is at a known state upon power-up. On power-up, the DAC
register contains all zeros, until data is loaded from the serial
register. However, the serial register is not cleared on power-up,
so its contents are undefined. When loading data initially to the
DAC, 16 bits or more should be loaded to prevent erroneous
data appearing on the output. If more than 16 bits are loaded,
the last 16 are kept, and if less than 16 are loaded, bits will remain
from the previous word. If the AD5541/AD5542 needs to be
interfaced with data shorter than 16 bits, the data should be
padded with zeros at the LSBs.
Power Supply and Reference Bypassing
For accurate high-resolution performance, it is recommended that
the reference and supply pins be bypassed with a 10
µF tantalum
capacitor in parallel with a 0.1
µF ceramic capacitor.
MICROPROCESSOR INTERFACING
Microprocessor interfacing to the AD5541/AD5542 is via a
serial bus that uses standard protocol compatible with DSP
processors and microcontrollers. The communications channel
requires a 3-wire interface consisting of a clock signal, a data
signal and a synchronization signal. The AD5541/AD5542
requires a 16-bit data word with data valid on the rising edge of
SCLK. The DAC update may be done automatically when all
the data is clocked in or it may be done under control of LDAC
(AD5542 only).
AD5541/AD5542–ADSP-2101/ADSP-2103 Interface
Figure 21 shows a serial interface between the AD5541/AD5542
and the ADSP-2101/ADSP-2103. The ADSP-2101/ADSP-2103
should be set to operate in the SPORT transmit alternate framing
mode. The ADSP-2101/ADSP-2103 is programmed through the
SPORT control register and should be configured as follows:
Internal Clock Operation, Active Low Framing, 16-Bit Word
Length. Transmission is initiated by writing a word to the Tx regis-
ter after the SPORT has been enabled. As the data is clocked out
on each rising edge of the serial clock, an inverter is required
between the DSP and the DAC, because the AD5541/AD5542
clocks data in on the falling edge of the SCLK.
SCLK
DIN
CS
TFS
DT
SCLK
ADSP-2101/
ADSP-2103*
*ADDITIONAL PINS OMITTED FOR CLARITY.
AD5541/
AD5542*
LDAC**
FO
**AD5542 ONLY
Figure 21. AD5541/AD5542 to ADSP-2101/ADSP-2103
Interface
AD5541/AD5542 to 68HC11 Interface
Figure 22 shows a serial interface between the AD5541/AD5542
and the 68HC11 microcontroller. SCK of the 68HC11 drives
the SCLK of the DAC, while the MOSI output drives the
serial data lines SDIN. CS signal is driven from one of the
port lines. The 68HC11 is configured for master mode; MSTR
= 1, CPOL = 0, and CPHA = 0. Data appearing on the MOSI
output is valid on the rising edge of SCK.
PC7
MOSI
SCK
68HC11/
68L11*
PC6
SCLK
DIN
CS
*ADDITIONAL PINS OMITTED FOR CLARITY.
AD5541/
AD5542*
LDAC**
**AD5542 ONLY
Figure 22. AD5541/AD5542 to 68HC11/68L11 Interface
AD5541/AD5542 to MICROWIRE Interface
Figure 23 shows an interface between the AD5541/AD5542 and
any MICROWIRE-compatible device. Serial data is shifted out
on the falling edge of the serial clock and into the AD5541/
AD5542 on the rising edge of the serial clock. No glue logic is
required as the DAC clocks data into the input shift register on
the rising edge.
MICROWIRE*
CS
SO
SCLK
DIN
CS
SCLK
*ADDITIONAL PINS OMITTED FOR CLARITY.
AD5541/
AD5542*
Figure 23. AD5541/AD5542 to MICROWIRE Interface
AD5541/AD5542 to 80C51/80L51 Interface
A serial interface between the AD5541/AD5542 and the 80C51/
80L51 microcontroller is shown in Figure 24. TxD of the
microcontroller drives the SCLK of the AD5541/AD5542, while
RxD drives the serial data line of the DAC. P3.3 is a bit program-
mable pin on the serial port which is used to drive CS.
The 80C51/80L51 provides the LSB first, while the AD5541/
AD5542 expects the MSB of the 16-bit word first. Care should
be taken to ensure the transmit routine takes this into account.
When data is to be transmitted to the DAC, P3.3 is taken low.
Data on RxD is valid on the falling edge of TxD, so the clock must
be inverted as the DAC clocks data into the input shift regis-
ter on the rising edge of the serial clock. The 80C51/80L51
transmits its data in 8-bit bytes with only eight falling clock
edges occurring in the transmit cycle. As the DAC requires a
16-bit word, P3.3 must be left low after the first eight bits are
transferred, and brought high after the second byte is trans-
ferred. LDAC on the AD5542 may also be controlled by
the 80C51/80L51 serial port output by using another bit
programmable pin, P3.4.
P3.3
RxD
TxD
80C51/
80L51*
P3.4
SCLK
DIN
CS
*ADDITIONAL PINS OMITTED FOR CLARITY.
AD5541/
AD5542*
LDAC**
**AD5542 ONLY
Figure 24. AD5541/AD5542 to 80C51/80L51 Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com