Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM1D-1512D-RZ Datasheet(PDF) 1 Page - AIMTEC

Part # AM1D-1512D-RZ
Description  1 Watt | DC-DC Converter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM1D-1512D-RZ Datasheet(HTML) 1 Page - AIMTEC

  AM1D-1512D-RZ Datasheet HTML 1Page - AIMTEC AM1D-1512D-RZ Datasheet HTML 2Page - AIMTEC AM1D-1512D-RZ Datasheet HTML 3Page - AIMTEC AM1D-1512D-RZ Datasheet HTML 4Page - AIMTEC AM1D-1512D-RZ Datasheet HTML 5Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Series AM1D-RZ
1 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R12.C
1 of 5
North America only
FEATURES:
Models
Single output
Model
Input
Voltage (V)
Output
Voltage
(V)
Output Current
max
(mA)
Isolation
(VDC)
Max
Capacitive
Load (uF)
Efficiency
AM1D-0505S-RZ
4.5-5.5
5
200
1000
220
84
AM1D-0509S-RZ
4.5-5.5
9
111
1000
220
86
AM1D-0512S-RZ
4.5-5.5
12
83
1000
100
87
AM1D-0515S-RZ
4.5-5.5
15
66
1000
100
87
AM1D-1205S-RZ
10.8-13.2
5
200
1000
220
84
AM1D-1209S-RZ
10.8-13.2
9
111
1000
220
86
AM1D-1212S-RZ
10.8-13.2
12
83
1000
100
88
AM1D-1215S-RZ
10.8-13.2
15
66
1000
100
88
AM1D-1505S-RZ
13.6-16.5
5
200
1000
220
84
AM1D-1509S-RZ
13.6-16.5
9
111
1000
220
86
AM1D-1512S-RZ
13.6-16.5
12
83
1000
100
87
AM1D-1515S-RZ
13.6-16.5
15
66
1000
100
89
AM1D-2405S-RZ
21.6-26.4
5
200
1000
220
83
AM1D-2409S-RZ
21.6-26.4
9
111
1000
220
86
AM1D-2412S-RZ
21.6-26.4
12
83
1000
100
87
AM1D-2415S-RZ
21.6-26.4
15
66
1000
100
87
AM1D-4805S-RZ
43.6-52.8
5
200
1000
220
79
AM1D-4809S-RZ
43.6-52.8
9
111
1000
220
82
AM1D-4812S-RZ
43.6-52.8
12
83
1000
100
82
AM1D-4815S-RZ
43.6-52.8
15
66
1000
100
81
AM1D-0505SH30-RZ
4.5-5.5
5
200
3000
220
84
AM1D-0509SH30-RZ
4.5-5.5
9
111
3000
220
86
AM1D-0512SH30-RZ
4.5-5.5
12
83
3000
100
87
AM1D-0515SH30-RZ
4.5-5.5
15
66
3000
100
87
AM1D-1205SH30-RZ
10.8-13.2
5
200
3000
220
84
AM1D-1209SH30-RZ
10.8-13.2
9
111
3000
220
86
AM1D-1212SH30-RZ
10.8-13.2
12
83
3000
100
88
AM1D-1215SH30-RZ
10.8-13.2
15
66
3000
100
88
AM1D-1505SH30-RZ
13.6-16.5
5
200
3000
220
84
AM1D-1509SH30-RZ
13.6-16.5
9
111
3000
220
86
AM1D-1512SH30-RZ
13.6-16.5
12
83
3000
100
87
AM1D-1515SH30-RZ
13.6-16.5
15
66
3000
100
89
AM1D-2405SH30-RZ
21.6-26.4
5
200
3000
220
83
AM1D-2409SH30-RZ
21.6-26.4
9
111
3000
220
86
AM1D-2412SH30-RZ
21.6-26.4
12
83
3000
100
87
AM1D-2415SH30-RZ
21.6-26.4
15
66
3000
100
87
AM1D-4805SH30-RZ
43.6-52.8
5
200
3000
220
79
AM1D-4809SH30-RZ
43.6-52.8
9
111
3000
220
82
AM1D-4812SH30-RZ
43.6-52.8
12
83
3000
100
82
AM1D-4815SH30-RZ
43.6-52.8
15
66
3000
100
81
• RoHS compliant
• Operating temperature -40oC to + 85oC
• High efficiency up to 89%
• Short circuit protection
• Low profile plastic package
• Pin compatible with multiple manufacturers
• 7 pin SIP package
• Input / Output Isolation 1000 and 3000VDC


Similar Part No. - AM1D-1512D-RZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM1D-1512DH30Z AIMTEC-AM1D-1512DH30Z Datasheet
872Kb / 12P
1 Watt | DC-DC Converter
REV: 03/22/A
AM1D-1512DH40Z AIMTEC-AM1D-1512DH40Z Datasheet
872Kb / 12P
1 Watt | DC-DC Converter
REV: 03/22/A
AM1D-1512DH52Z AIMTEC-AM1D-1512DH52Z Datasheet
872Kb / 12P
1 Watt | DC-DC Converter
REV: 03/22/A
AM1D-1512DH60Z AIMTEC-AM1D-1512DH60Z Datasheet
872Kb / 12P
1 Watt | DC-DC Converter
REV: 03/22/A
AM1D-1512DZ AIMTEC-AM1D-1512DZ Datasheet
872Kb / 12P
1 Watt | DC-DC Converter
REV: 03/22/A
More results

Similar Description - AM1D-1512D-RZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM1DR-NZ AIMTEC-AM1DR-NZ Datasheet
104Kb / 2P
1 Watt | DC-DC Converter
AM1D-Z AIMTEC-AM1D-Z Datasheet
286Kb / 8P
1 Watt | DC-DC Converter
AM1MR-Z AIMTEC-AM1MR-Z Datasheet
346Kb / 3P
1 Watt | DC-DC Converter
AM1P-Z AIMTEC-AM1P-Z Datasheet
161Kb / 4P
1 Watt | DC-DC Converter
AM1D-NZ AIMTEC-AM1D-NZ_13 Datasheet
345Kb / 4P
1 Watt | DC-DC Converter
AM1DR-NZ AIMTEC-AM1DR-NZ_13 Datasheet
221Kb / 2P
1 Watt | DC-DC Converter
AM1LS-NZ AIMTEC-AM1LS-NZ Datasheet
277Kb / 2P
1 Watt | DC-DC Converter
AM1M-NZ AIMTEC-AM1M-NZ_13 Datasheet
214Kb / 3P
1 Watt | DC-DC Converter
AM1SS-Z AIMTEC-AM1SS-Z_13 Datasheet
224Kb / 2P
1 Watt | DC-DC Converter
AM1DR-N-Z AIMTEC-AM1DR-N-Z Datasheet
249Kb / 2P
1 Watt | DC-DC Converter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com