Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM2D-0512S-RZ Datasheet(PDF) 2 Page - AIMTEC

Part # AM2D-0512S-RZ
Description  2 Watt | DC-DC Converter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM2D-0512S-RZ Datasheet(HTML) 2 Page - AIMTEC

  AM2D-0512S-RZ Datasheet HTML 1Page - AIMTEC AM2D-0512S-RZ Datasheet HTML 2Page - AIMTEC AM2D-0512S-RZ Datasheet HTML 3Page - AIMTEC AM2D-0512S-RZ Datasheet HTML 4Page - AIMTEC AM2D-0512S-RZ Datasheet HTML 5Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Series AM2D-RZ
2 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R12.A
2 of 5
North America only
Models
Dual output (continued)
Model
Input
Voltage (V)
Output
Voltage
(V)
Output
Current max
(mA)
Isolation
(VDC)
Max
Capacitive
Load (uF)
Efficiency
(%)
AM2D-1505D-RZ
13.5-16.5
±5
±200
1000
±100
85
AM2D-1509D-RZ
13.5-16.5
±9
±111
1000
±100
88
AM2D-1512D-RZ
13.5-16.5
±12
±83
1000
±47
88
AM2D-1515D-RZ
13.5-16.5
±15
±67
1000
±47
88
AM2D-2405D-RZ
21.6-26.4
±5
±200
1000
±100
82
AM2D-2409D-RZ
21.6-26.4
±9
±111
1000
±100
85
AM2D-2412D-RZ
21.6-26.4
±12
±83
1000
±47
86
AM2D-2415D-RZ
21.6-26.4
±15
±67
1000
±47
87
AM2D-0505DH30-RZ
4.5-5.5
±5
±200
3000
±100
82
AM2D-0509DH30-RZ
4.5-5.5
±9
±111
3000
±100
85
AM2D-0512DH30-RZ
4.5-5.5
±12
±83
3000
±47
86
AM2D-0515DH30-RZ
4.5-5.5
±15
±67
3000
±47
87
AM2D-1205DH30-RZ
10.8-13.2
±5
±200
3000
±100
84
AM2D-1209DH30-RZ
10.8-13.2
±9
±111
3000
±100
88
AM2D-1212DH30-RZ
10.8-13.2
±12
±83
3000
±47
89
AM2D-1215DH30-RZ
10.8-13.2
±15
±67
3000
±47
89
AM2D-1505DH30-RZ
13.5-16.5
±5
±200
3000
±100
85
AM2D-1509DH30-RZ
13.5-16.5
±9
±111
3000
±100
88
AM2D-1512DH30-RZ
13.5-16.5
±12
±83
3000
±47
88
AM2D-1515DH30-RZ
13.5-16.5
±15
±67
3000
±47
88
AM2D-2405DH30-RZ
21.6-26.4
±5
±200
3000
±100
82
AM2D-2409DH30-RZ
21.6-26.4
±9
±111
3000
±100
85
AM2D-2412DH30-RZ
21.6-26.4
±12
±83
3000
±47
86
AM2D-2415DH30-RZ
21.6-26.4
±15
±67
3000
±47
87
NOTE: All specifications in this datasheet are measured at an ambient temperature of 25°C, humidity<75%, nominal input voltage and at
rated output load unless otherwise specified.
Input Specifications
Parameters
Nominal
Typical
Maximum
Units
Voltage range
5
4.5-5.5
VDC
12
10.8-13.2
15
13.5-16.5
24
21.6-26.4
Filter
Capacitor
Absolute Maximum Rating
5 Vin
9
VDC
12 Vin
18
15 Vin
20
24 Vin
30
Peak Input Voltage time
100
ms
No Load Input Current
50
mA
Isolation Specifications
Parameters
Conditions
Typical
Maximum
Units
Tested I/O voltage
3 sec
1000, 3000
VDC
Resistance
>1000
MOhm
Capacitance
60
pF
Output Specifications
Parameters
Conditions
Typical
Maximum
Units
Voltage accuracy
+2, -4
%
Short Circuit protection
Momentary (1sec).
Line voltage regulation
For 1.0% of Vin
1.2
% of Vin



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com