Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5544 Datasheet(PDF) 13 Page - Analog Devices

Part # AD5544
Description  Quad, Current-Output Serial-Input, 16-Bit/14-Bit DACs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5544 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD5544 Datasheet HTML 8Page - Analog Devices AD5544 Datasheet HTML 9Page - Analog Devices AD5544 Datasheet HTML 10Page - Analog Devices AD5544 Datasheet HTML 11Page - Analog Devices AD5544 Datasheet HTML 12Page - Analog Devices AD5544 Datasheet HTML 13Page - Analog Devices AD5544 Datasheet HTML 14Page - Analog Devices AD5544 Datasheet HTML 15Page - Analog Devices AD5544 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
REV. 0
AD5544/AD5554
–13–
VREFX
VSS
DGND
VDD
RFBX
IOUTX
AGNDF
AGNDX
RR
R
R
2R
2R
2R
5k
S1
S2
FROM OTHER DACS AGND
DIGITAL INTERFACE CONNECTIONS OMITTED FOR CLARITY.
SWITCHES S1 AND S2 ARE CLOSED, VDD MUST BE POWERED.
Figure 4. Typical Equivalent DAC Channel
These DACs are also designed to accommodate ac reference
input signals. Both AD5544/AD5554 will accommodate input
reference voltages in the range of –12 V to +12 V. The reference
voltage inputs exhibit a constant nominal input resistance of
5k
Ω, ± 30%. On the other hand, the DAC outputs IOUTA, B,
C, D are code-dependent and produce various output resis-
tances and capacitances. The choice of external amplifier
should take into account the variation in impedance generated
by the AD5544/AD5554 on the amplifiers’ inverting input
node. The feedback resistance, in parallel with the DAC ladder
resistance, dominates output voltage noise. For multiplying
mode applications, an external feedback compensation capacitor
(CFB) may be needed to provide a critically damped output
response for step changes in reference input voltages. Figures 5
and 6 show the gain vs. frequency performance at various
attenuation settings using a 23 pF external feedback capacitor
connected across the IOUTX and RFBX terminals for AD5544
and AD5554 respectively. In order to maintain good analog
performance, power supply bypassing of 0.01
µF, in parallel
with 1
µF, is recommended. Under these conditions, clean
power supply with low ripple voltage capability should be used.
Switching power supplies is usually not suitable for this application
due to the higher ripple voltage and PSS frequency-dependent
characteristics. It is best to derive the AD5544/AD5554’s 5 V
supply from the systems’ analog supply voltages. (Do not use
the digital 5 V supply.) See Figure 7.
FREQUENCY – Hz
1k
FFFFH
10k
100k
1M
10M
100
B15
B14
B13
B12
B11
B10
B9
B8
B7
B6
B5
B4
B3
B2
ZS
VDD = 5V
VREF = 100mV rms
TA = 25 C
B1
B0
Figure 5. AD5554 Reference Multiplying Bandwidth
vs. Code
FREQUENCY – Hz
1k
3FFFH
10k
100k
1M
10M
100
B13
B12
B11
B10
B9
B8
B7
B6
B5
B4
B3
B2
B1
B0
ZS
VDD = 5V
VREF = 100mV rms
TA = 25 C
CF = 23pF
Figure 6. AD5554 Reference Multiplying Bandwidth
vs. Code
VREFX
VSS
DGND
VDD
RFBX
IOUTX
AGNDF
AGNDX
RR
R
R
2R
2R
2R
5k
S1
S2
FROM OTHER DACS AGND
AD5544
+
A1
15V
VEE
VCC
VOUT
LOAD
2R
R
5V
15V
ANALOG
POWER
SUPPLY
DIGITAL INTERFACE CONNECTIONS OMITTED.
FOR CLARITY SWITCHES S1 AND S2 ARE CLOSED,
VDD MUST BE POWERED.
+
Figure 7. Recommended Kelvin-Sensed Hookup



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com