Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM1D-1505DH30-RZ Datasheet(PDF) 4 Page - AIMTEC

Part # AM1D-1505DH30-RZ
Description  1 Watt | DC-DC Converter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM1D-1505DH30-RZ Datasheet(HTML) 4 Page - AIMTEC

  AM1D-1505DH30-RZ Datasheet HTML 1Page - AIMTEC AM1D-1505DH30-RZ Datasheet HTML 2Page - AIMTEC AM1D-1505DH30-RZ Datasheet HTML 3Page - AIMTEC AM1D-1505DH30-RZ Datasheet HTML 4Page - AIMTEC AM1D-1505DH30-RZ Datasheet HTML 5Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Series AM1D-RZ
1 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R12.C
4 of 5
North America only
Safety Specifications
Parameters
Agency Approval
CE
Standards
EN55022: 2006 + A1: 2007, Class B
EN55024: 1998 + A1: 2001 + A2:2003
IEC61000-4-2:2008
IEC61000-4-3: 2006 + A1: 2007
IEC61000-4-4, 2004
IEC61000-4-6: 2008
IEC61000-4-8: 1993 + A1:2000
Pin Out Specifications
Pin
1000VDC
3000VDC
Single
Dual
Single
Dual
1
+ V Input
+ V Input
+ V Input
+ V Input
2
- V Input
- V Input
- V Input
- V Input
4
- V Output
- V Output
No pin
No pin
5
No pin
Common
- V Output
- V Output
6
+ V Output
+ V Output
No pin
Common
7
No pin
No pin
+ V Output
+ V Output
Dimensions:
19.50
(0.76)
15.20
(0.60)
2.54
(0.10)
6.00
(0.24)
PRINTED
FACE
0.50
(0.02)
0.50
(0.02)
0.25
(0.01)
1.25
(0.05)
6.00
(0.24)
9.50
(0.37)
9.50
(0.37)
3.05
(0.12)
0.50
(0.02)
NOTE: Unit:mm [inch]
Pin tolerances: 0.10mm [ 0.004inch]
General tolerances: 0.25mm [ 0.010inch]



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com