Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM1D-1515DH30-RZ Datasheet(PDF) 3 Page - AIMTEC

Part # AM1D-1515DH30-RZ
Description  1 Watt | DC-DC Converter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM1D-1515DH30-RZ Datasheet(HTML) 3 Page - AIMTEC

  AM1D-1515DH30-RZ Datasheet HTML 1Page - AIMTEC AM1D-1515DH30-RZ Datasheet HTML 2Page - AIMTEC AM1D-1515DH30-RZ Datasheet HTML 3Page - AIMTEC AM1D-1515DH30-RZ Datasheet HTML 4Page - AIMTEC AM1D-1515DH30-RZ Datasheet HTML 5Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Series AM1D-RZ
1 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R12.C
3 of 5
North America only
Input Specifications (continued)
Parameters
Nominal
Typical
Maximum
Units
Voltage range
5
4.5-5.5
VDC
12
10.8-13.2
15
13.6-16.5
24
21.6-26.4
48
43.6-52.8
Filter
Capacitor
Absolute Maximum Rating
5 Vin
9
VDC
12 Vin
18
15 Vin
20
24 Vin
30
48 Vin
54
Peak Input Voltage time
100
ms
Input Reflected Ripple Current
5 & 12Vin
20
mA p-p
15 Vin
30
24Vin
40
48
50
Isolation Specifications
Parameters
Conditions
Typical
Rated
Units
Tested I/O voltage
3 sec
1000, 3000
VDC
Resistance
> 1000
MOhm
Capacitance
60
pF
Output Specifications
Parameters
Conditions
Typical
Maximum
Units
Voltage accuracy
±3
%
Voltage balance (Dual Output model)
Balanced Load
±1
%
Short Circuit protection
Momentary (1 sec)
Line voltage regulation
For 1.0% of Vin
±1.2
%
Load voltage regulation
load 10~100%
±6
%
Temperature coefficient
±0.02
%/
oC
Ripple & Noise
At 20MHz Bandwidth
50
mV p-p
General Specifications
Parameters
Conditions
Typical
Maximum
Units
Switching frequency
100% load
70
KHz
Operating temperature
Full Load without Derating
-40 to +85
oC
Storage temperature
-40 to +125
oC
Max Case temperature
+100
oC
Cooling
Free air convection
Humidity
95
%
Case material
Non-conductive black plastic (UL94V-0 rated)
Weight
2.3
g
Dimensions (L x W x H)
0.76 x 0.24 x 0.37 inch
19.50 x 6.00 x 9.50 mm
MTBF
>2 000 000 hrs (MIL-HDBK -217F, Ground Benign, t=+25
oC)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com