Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5544ARS Datasheet(PDF) 15 Page - Analog Devices

Part # AD5544ARS
Description  Quad, Current-Output Serial-Input, 16-Bit/14-Bit DACs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5544ARS Datasheet(HTML) 15 Page - Analog Devices

Back Button AD5544ARS Datasheet HTML 8Page - Analog Devices AD5544ARS Datasheet HTML 9Page - Analog Devices AD5544ARS Datasheet HTML 10Page - Analog Devices AD5544ARS Datasheet HTML 11Page - Analog Devices AD5544ARS Datasheet HTML 12Page - Analog Devices AD5544ARS Datasheet HTML 13Page - Analog Devices AD5544ARS Datasheet HTML 14Page - Analog Devices AD5544ARS Datasheet HTML 15Page - Analog Devices AD5544ARS Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
REV. 0
AD5544/AD5554
–15–
EN
SHIFT REGISTER
ADDRESS
DECODER
A
B
C
D
TO INPUT REGISTER
19TH/17TH
CLOCK
SDO
SDI
CLK
CS
Figure 9. AD5544/AD5554 Equivalent Logic Interface
POWER-ON RESET
When the VDD power supply is turned ON, an internal reset
strobe forces all the Input and DAC registers to the zero-code
state or half-scale, depending on the MSB pin voltage. The VDD
power supply should have a smooth positive ramp without
drooping in order to have consistent results, especially in the
region of VDD = 1.5 V to 2.3 V. The VSS supply has no effect on
the power-ON reset performance. The DAC register data will
stay at zero or half-scale setting until a valid serial register data
load takes place.
ESD Protection Circuits
All logic-input pins contain back-biased ESD protection Zeners
connected to ground (DGND) and VDD as shown in Figure 9.
VDD
DIGITAL
INPUTS
5k
DGND
Figure 10. Equivalent ESD Protection Circuits
PCB LAYOUT
In PCB layout, all analog ground, AGNDX, should be tied together.
Amplifiers suitable for I-to-V conversion include:
• High Accuracy: OP97, OP297
• Speed and Accuracy: OP42
•
±5 V Applications: OP162/OP262/OP462, OP184/OP284/
OP484
APPLICATIONS
The AD5544/AD5554 are inherently 2-quadrant multiplying
D/A converters. That is, they can be easily set up for unipolar
output operation. The full-scale output polarity is the inverse of
the reference-input voltage.
In some applications it may be necessary to generate the full 4-
quadrant multiplying capability or a bipolar output swing. This
is easily accomplished using an additional external amplifier
(A2) configured as a summing amplifier (see Figure 11). In this
circuit the first and second amplifiers (A1 and A2) provide a
total gain-of-2 which increases the output voltage span to 20 V.
Biasing the external amplifier with a 10 V offset from the refer-
ence voltage results in a full 4-quadrant multiplying circuit. The
transfer equation of this circuit shows that both negative and
positive output voltages are created as the input data (D) is
incremented from code zero (VOUT = –10 V) to midscale (VOUT
= 0 V) to full-scale (VOUT = 10 V).
V
D
V
OUT
REF
=−


×
32768
1
(For AD5544)
(Equation 3)
V
D
V
OUT
REF
=−


×
8192
1
(For AD5554)
(Equation 4)
A2
A1
ONE CHANNEL
AD5544
IOUTX
RFBX
VREFX
VDD
VSS
AGNDFAGNDX
VOUT
10k
10k
5k
AD588
VREF
10V
DIGITAL INTERFACE CONNECTIONS
OMITTED FOR CLARITY.
–10V < VOUT < +10V
Figure 11. Four-Quadrant Multiplying Application Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com