Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM2D-1509D-RZ Datasheet(PDF) 1 Page - AIMTEC

Part # AM2D-1509D-RZ
Description  2 Watt | DC-DC Converter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM2D-1509D-RZ Datasheet(HTML) 1 Page - AIMTEC

  AM2D-1509D-RZ Datasheet HTML 1Page - AIMTEC AM2D-1509D-RZ Datasheet HTML 2Page - AIMTEC AM2D-1509D-RZ Datasheet HTML 3Page - AIMTEC AM2D-1509D-RZ Datasheet HTML 4Page - AIMTEC AM2D-1509D-RZ Datasheet HTML 5Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Series AM2D-RZ
2 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R12.A
1 of 5
North America only
FEATURES:
 RoHS Compliant
 Operating temperature -40oC to +85oC
 High efficiency up to 89%
Pin compatible with multiple manufacturers
 Low ripple and noise
Input / Output Isolation 1000, 3000 VDC
 7 pin SIP package
Non-Conductive Plastic Case
Models
Single output
Model
Input
Voltage (V)
Output
Voltage
(V)
Output
Current max
(mA)
Isolation
(VDC)
Max
Capacitive
Load (uF)
Efficiency
(%)
AM2D-0505S-RZ
4.5-5.5
5
400
1000
220
81
AM2D-0509S-RZ
4.5-5.5
9
222
1000
220
85
AM2D-0512S-RZ
4.5-5.5
12
167
1000
100
85
AM2D-0515S-RZ
4.5-5.5
15
134
1000
100
86
AM2D-1205S-RZ
10.8-13.2
5
400
1000
220
84
AM2D-1209S-RZ
10.8-13.2
9
222
1000
220
86
AM2D-1212S-RZ
10.8-13.2
12
167
1000
100
88
AM2D-1215S-RZ
10.8-13.2
15
134
1000
100
88
AM2D-1505S-RZ
13.5-16.5
5
400
1000
220
85
AM2D-1509S-RZ
13.5-16.5
9
222
1000
220
87
AM2D-1512S-RZ
13.5-16.5
12
167
1000
100
87
AM2D-1515S-RZ
13.5-16.5
15
134
1000
100
88
AM2D-2405S-RZ
21.6-26.4
5
400
1000
220
82
AM2D-2409S-RZ
21.6-26.4
9
222
1000
220
84
AM2D-2412S-RZ
21.6-26.4
12
167
1000
100
86
AM2D-2415S-RZ
21.6-26.4
15
134
1000
100
87
AM2D-0505SH30-RZ
4.5-5.5
5
400
3000
220
81
AM2D-0509SH30-RZ
4.5-5.5
9
222
3000
220
85
AM2D-0512SH30-RZ
4.5-5.5
12
167
3000
100
85
AM2D-0515SH30-RZ
4.5-5.5
15
134
3000
100
86
AM2D-1205SH30-RZ
10.8-13.2
5
400
3000
220
84
AM2D-1209SH30-RZ
10.8-13.2
9
222
3000
220
86
AM2D-1212SH30-RZ
10.8-13.2
12
167
3000
100
88
AM2D-1215SH30-RZ
10.8-13.2
15
134
3000
100
88
AM2D-1505SH30-RZ
13.5-16.5
5
400
3000
220
85
AM2D-1509SH30-RZ
13.5-16.5
9
222
3000
220
87
AM2D-1512SH30-RZ
13.5-16.5
12
167
3000
100
87
AM2D-1515SH30-RZ
13.5-16.5
15
134
3000
100
88
AM2D-2405SH30-RZ
21.6-26.4
5
400
3000
220
82
AM2D-2409SH30-RZ
21.6-26.4
9
222
3000
220
84
AM2D-2412SH30-RZ
21.6-26.4
12
167
3000
100
86
AM2D-2415SH30-RZ
21.6-26.4
15
134
3000
100
87
Models
Dual output
Model
Input Voltage
(V)
Output
Voltage
(V)
Output Current
max (mA)
Isolation
(VDC)
Max
Capacitive
Load (uF)
Efficiency
(%)
AM2D-0505D-RZ
4.5-5.5
±5
±200
1000
±100
82
AM2D-0509D-RZ
4.5-5.5
±9
±111
1000
±100
85
AM2D-0512D-RZ
4.5-5.5
±12
±83
1000
±47
86
AM2D-0515D-RZ
4.5-5.5
±15
±67
1000
±47
87
AM2D-1205D-RZ
10.8-13.2
±5
±200
1000
±100
84
AM2D-1209D-RZ
10.8-13.2
±9
±111
1000
±100
88
AM2D-1212D-RZ
10.8-13.2
±12
±83
1000
±47
89
AM2D-1215D-RZ
10.8-13.2
±15
±67
1000
±47
89


Similar Part No. - AM2D-1509D-RZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM2D-1509D-RZ AIMTEC-AM2D-1509D-RZ Datasheet
407Kb / 6P
2 Watt | DC-DC Converter
More results

Similar Description - AM2D-1509D-RZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM2G-Z AIMTEC-AM2G-Z Datasheet
613Kb / 7P
2 Watt | DC-DC Converter
AM2LP-NZ AIMTEC-AM2LP-NZ Datasheet
103Kb / 3P
2 Watt | DC-DC Converter
AM2N-NZ AIMTEC-AM2N-NZ Datasheet
235Kb / 3P
2 Watt | DC-DC Converter
AM2GH-Z AIMTEC-AM2GH-Z_13 Datasheet
629Kb / 4P
2 Watt | DC-DC Converter
AM2GW-Z AIMTEC-AM2GW-Z_13 Datasheet
252Kb / 4P
2 Watt | DC-DC Converter
AM2LP-NZ AIMTEC-AM2LP-NZ_13 Datasheet
241Kb / 3P
2 Watt | DC-DC Converter
AM2D-RZ AIMTEC-AM2D-RZ_16 Datasheet
407Kb / 6P
2 Watt | DC-DC Converter
AM2GW-NZ AIMTEC-AM2GW-NZ_16 Datasheet
124Kb / 2P
2 Watt | DC-DC Converter
AM2GW-Z AIMTEC-AM2GW-Z_16 Datasheet
369Kb / 5P
2 Watt | DC-DC Converter
AM2L-NZ AIMTEC-AM2L-NZ_16 Datasheet
168Kb / 5P
2 Watt | DC-DC Converter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com