Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5303 Datasheet(PDF) 13 Page - Analog Devices

Part # AD5303
Description  2.5 V to 5.5 V, 230uA, Parallel Interface Dual Voltage-Output 8-/10-/12-Bit DACs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5303 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD5303 Datasheet HTML 9Page - Analog Devices AD5303 Datasheet HTML 10Page - Analog Devices AD5303 Datasheet HTML 11Page - Analog Devices AD5303 Datasheet HTML 12Page - Analog Devices AD5303 Datasheet HTML 13Page - Analog Devices AD5303 Datasheet HTML 14Page - Analog Devices AD5303 Datasheet HTML 15Page - Analog Devices AD5303 Datasheet HTML 16Page - Analog Devices AD5303 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
REV. 0
AD5332/AD5333/AD5342/AD5343
–13–
IDD – A
0
100
150
400
200
250
350
300
VDD = +5V
VDD = +3V
Figure 23. IDD Histogram with VDD = 3
V and VDD = 5 V
–0.4
06
12
3
4
5
VREF – V
–0.2
0
0.2
TA = 25 C
VREF = 2V
Figure 26. Full-Scale Error vs. VREF
500 ns/DIV
0.939
0.938
0.937
0.936
0.935
0.934
0.933
0.932
0.931
0.930
0.929
Figure 24. AD5342 Major-Code Tran-
sition Glitch Energy
750ns/DIV
Figure 27. DAC-DAC Crosstalk
FREQUENCY – kHz
10
–40
0.01
–20
–30
0
–10
0.1
1
10
100
1k
10k
–50
–60
Figure 25. Multiplying Bandwidth
(Small-Signal Frequency Response)
FUNCTIONAL DESCRIPTION
The AD5332/AD5333/AD5342/AD5343 are dual DACs fabri-
cated on a CMOS process with resolutions of 8, 10, 12, and
12 bits, respectively. They are written to using a parallel inter-
face. They operate from single supplies of 2.5 V to 5.5 V and
the output buffer amplifiers offer rail-to-rail output swing. The
AD5333 and AD5342 have reference inputs that may be buff-
ered to draw virtually no current from the reference source.
Their output voltage range may be configured to be 0 to VREF
or 0 to 2 VREF. The reference inputs of the AD5332 and AD5343
are unbuffered and their output range is 0 to VREF. The devices
have a power-down feature that reduces current consumption to
only 80 nA @ 3 V.
Digital-to-Analog Section
The architecture of one DAC channel consists of a reference
buffer and a resistor-string DAC followed by an output buffer
amplifier. The voltage at the VREF pin provides the reference
voltage for the DAC. Figure 28 shows a block diagram of the
DAC architecture. Since the input coding to the DAC is straight
binary, the ideal output voltage is given by:
VV
D
Gain
OUT
REF
N
=×
×
2
where:
D = decimal equivalent of the binary code which is loaded to
the DAC register:
0–255 for AD5332 (8 Bits)
0–1023 for AD5333 (10 Bits)
0–4095 for AD5342/AD5343 (12 Bits)
N = DAC resolution
Gain = Output Amplifier Gain (1 or 2)
VOUT
GAIN
VREF
BUF
DAC
REGISTER
INPUT
REGISTER
RESISTOR
STRING
OUTPUT
BUFFER AMPLIFIER
REFERENCE
BUFFER
Figure 28. Single DAC Channel Architecture



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com