Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5313 Datasheet(PDF) 4 Page - Analog Devices

Part # AD5313
Description  2.5 V to 5.5 V, 115 uA, Parallel Interface Single Voltage-Output 8-/10-/12-Bit DACs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5313 Datasheet(HTML) 4 Page - Analog Devices

  AD5313 Datasheet HTML 1Page - Analog Devices AD5313 Datasheet HTML 2Page - Analog Devices AD5313 Datasheet HTML 3Page - Analog Devices AD5313 Datasheet HTML 4Page - Analog Devices AD5313 Datasheet HTML 5Page - Analog Devices AD5313 Datasheet HTML 6Page - Analog Devices AD5313 Datasheet HTML 7Page - Analog Devices AD5313 Datasheet HTML 8Page - Analog Devices AD5313 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
REV. 0
AD5330/AD5331/AD5340/AD5341
–4–
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although
the AD5330/AD5331/AD5340/AD5341 features proprietary ESD protection circuitry, permanent
damage may occur on devices subjected to high-energy electrostatic discharges. Therefore, proper
ESD precautions are recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE
ABSOLUTE MAXIMUM RATINGS
*
(TA = 25
°C unless otherwise noted)
VDD to GND . . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +7 V
Digital Input Voltage to GND . . . . . . . –0.3 V to VDD + 0.3 V
Digital Output Voltage to GND . . . . . –0.3 V to VDD + 0.3 V
Reference Input Voltage to GND . . . . –0.3 V to VDD + 0.3 V
VOUT to GND . . . . . . . . . . . . . . . . . . . –0.3 V to VDD + 0.3 V
Operating Temperature Range
Industrial (B Version) . . . . . . . . . . . . . . . –40
°C to +105°C
Storage Temperature Range
. . . . . . . . . . . . –65
°C to +150°C
Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . . 150
°C
TSSOP Package
Power Dissipation . . . . . . . . . . . . . . . (TJ max – TA)/
θ
JA mW
θJA Thermal Impedance (20-Lead TSSOP) . . . . . 143°C/W
θJA Thermal Impedance (24-Lead TSSOP) . . . . . 128°C/W
θ
JA Thermal Impedance (20-Lead TSSOP) . . . . . .
45
°C/W
θJC Thermal Impedance (24-Lead TSSOP) . . . . . . 42°C/W
Reflow Soldering
Peak Temperature . . . . . . . . . . . . . . . . . . . . . 220 +5/–0
°C
Time at Peak Temperature . . . . . . . . . . . . 10 sec to 40 sec
*Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those listed in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
ORDERING GUIDE
Package
Model
Temperature Range
Package Description
Option
AD5330BRU
–40
°C to +105°C
TSSOP (Thin Shrink Small Outline Package)
RU-20
AD5331BRU
–40
°C to +105°C
TSSOP (Thin Shrink Small Outline Package)
RU-20
AD5340BRU
–40
°C to +105°C
TSSOP (Thin Shrink Small Outline Package)
RU-24
AD5341BRU
–40
°C to +105°C
TSSOP (Thin Shrink Small Outline Package)
RU-20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com