Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM3N-2412D-RZ Datasheet(PDF) 1 Page - AIMTEC

Part # AM3N-2412D-RZ
Description  3 Watt | DC-DC Converter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM3N-2412D-RZ Datasheet(HTML) 1 Page - AIMTEC

  AM3N-2412D-RZ Datasheet HTML 1Page - AIMTEC AM3N-2412D-RZ Datasheet HTML 2Page - AIMTEC AM3N-2412D-RZ Datasheet HTML 3Page - AIMTEC AM3N-2412D-RZ Datasheet HTML 4Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Series AM3N-D-RZ
3 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R8.D
1 of 4
North America only
FEATURES:
Models
Dual output
Model
Input
Voltage (V)
Output
Voltage
(V)
Output Current
max (mA)
Isolation
(VDC)
Max
Capacitive
Load (uF)
Efficiency
(%)
AM3N-0503D-RZ
4.5-5.5
±3.3
±400
1000
±1000
64
AM3N-0505D-RZ
4.5-5.5
±5
±300
1000
±1000
66
AM3N-0507D-RZ
4.5-5.5
±7.2
±208
1000
±470
55
AM3N-0509D-RZ
4.5-5.5
±9
±167
1000
±470
68
AM3N-0512D-RZ
4.5-5.5
±12
±125
1000
±470
70
AM3N-0515D-RZ
4.5-5.5
±15
±100
1000
±470
70
AM3N-0518D-RZ
4.5-5.5
±18
±84
1000
±220
57
AM3N-0524D-RZ
4.5-5.5
±24
±63
1000
±220
69
AM3N-1203D-RZ
10.8-13.2
±3.3
±400
1000
±1000
52
AM3N-1205D-RZ
10.8-13.2
±5
±300
1000
±1000
75
AM3N-1207D-RZ
10.8-13.2
±7.2
±208
1000
±470
55
AM3N-1209D-RZ
10.8-13.2
±9
±167
1000
±470
78
AM3N-1212D-RZ
10.8-13.2
±12
±125
1000
±470
80
AM3N-1215D-RZ
10.8-13.2
±15
±100
1000
±470
78
AM3N-1218D-RZ
10.8-13.2
±18
±84
1000
±220
62
AM3N-1224D-RZ
10.8-13.2
±24
±63
1000
±220
76
AM3N-2403D-RZ
21.6-26.4
±3.3
±400
1000
±1000
52
AM3N-2405D-RZ
21.6-26.4
±5
±300
1000
±1000
77
AM3N-2407D-RZ
21.6-26.4
±7.2
±208
1000
±470
55
AM3N-2409D-RZ
21.6-26.4
±9
±167
1000
±470
78
AM3N-2412D-RZ
21.6-26.4
±12
±125
1000
±470
80
AM3N-2415D-RZ
21.6-26.4
±15
±100
1000
±470
78
AM3N-2418D-RZ
21.6-26.4
±18
±84
1000
±220
65
AM3N-2424D-RZ
21.6-26.4
±24
±63
1000
±220
76
AM3N-0503DH30-RZ
4.5-5.5
±3.3
±400
3000
±1000
64
AM3N-0505DH30-RZ
4.5-5.5
±5
±300
3000
±1000
66
AM3N-0507DH30-RZ
4.5-5.5
±7.2
±208
3000
±470
55
AM3N-0509DH30-RZ
4.5-5.5
±9
±167
3000
±470
68
AM3N-0512DH30-RZ
4.5-5.5
±12
±125
3000
±470
70
AM3N-0515DH30-RZ
4.5-5.5
±15
±100
3000
±470
70
AM3N-0518DH30-RZ
4.5-5.5
±18
±84
3000
±220
57
AM3N-0524DH30-RZ
4.5-5.5
±24
±63
3000
±220
69
AM3N-1203DH30-RZ
10.8-13.2
±3.3
±400
3000
±1000
64
AM3N-1205DH30-RZ
10.8-13.2
±5
±300
3000
±1000
75
AM3N-1207DH30-RZ
10.8-13.2
±7.2
±208
3000
±470
55
AM3N-1209DH30-RZ
10.8-13.2
±9
±167
3000
±470
78
AM3N-1212DH30-RZ
10.8-13.2
±12
±125
3000
±470
80
AM3N-1215DH30-RZ
10.8-13.2
±15
±100
3000
±470
78
AM3N-1218DH30-RZ
10.8-13.2
±18
±84
3000
±220
62
AM3N-1224DH30-RZ
10.8-13.2
±24
±63
3000
±220
76
AM3N-2403DH30-RZ
21.6-26.4
±3.3
±400
3000
±1000
64
AM3N-2405DH30-RZ
21.6-26.4
±5
±300
3000
±1000
77
AM3N-2407DH30-RZ
21.6-26.4
±7.2
±208
3000
±470
55
AM3N-2409DH30-RZ
21.6-26.4
±9
±167
3000
±470
78
AM3N-2412DH30-RZ
21.6-26.4
±12
±125
3000
±470
80
AM3N-2415DH30-RZ
21.6-26.4
±15
±100
3000
±470
78
• RoHS compliant
• Operating temperature -40oC to + 85oC
• 24 Pin DIP Package
•
Input / Output Isolation 1000, 3000 and 5200VDC
• Low ripple and noise
•
Pin compatible with multiple manufacturers
• High efficiency up to 80%
•
Continuous short circuit protection
• Low profile packaging
•
Dual regulated output


Similar Part No. - AM3N-2412D-RZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM3N-2412D-RZ AIMTEC-AM3N-2412D-RZ Datasheet
504Kb / 4P
3 Watt | DC-DC Converter
More results

Similar Description - AM3N-2412D-RZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM3G-NZ AIMTEC-AM3G-NZ_11 Datasheet
360Kb / 3P
3 Watt | DC-DC Converter
AM3T-RZ AIMTEC-AM3T-RZ Datasheet
278Kb / 4P
3 Watt | DC-DC Converter
AM3T-VZ AIMTEC-AM3T-VZ Datasheet
592Kb / 5P
3 Watt | DC-DC Converter
AM3D-Z AIMTEC-AM3D-Z_13 Datasheet
480Kb / 4P
3 Watt | DC-DC Converter
AM3Q-Z AIMTEC-AM3Q-Z_13 Datasheet
264Kb / 3P
3 Watt | DC-DC Converter
AM3TW-RVZ AIMTEC-AM3TW-RVZ Datasheet
295Kb / 3P
3 Watt | DC-DC Converter
AM3D-Z AIMTEC-AM3D-Z_16 Datasheet
190Kb / 5P
3 Watt | DC-DC Converter
AM3F-Z AIMTEC-AM3F-Z_16 Datasheet
362Kb / 3P
3 Watt | DC-DC Converter
AM3T-Z AIMTEC-AM3T-Z_16 Datasheet
136Kb / 4P
3 Watt | DC-DC Converter
logo
Wall Industries,Inc.
LANEW3 WALL-LANEW3_16 Datasheet
172Kb / 4P
3 Watt DC/DC Converter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com