Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM3TW-RZ Datasheet(PDF) 1 Page - AIMTEC

Part # AM3TW-RZ
Description  3 Watt | DC-DC Converter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM3TW-RZ Datasheet(HTML) 1 Page - AIMTEC

  AM3TW-RZ Datasheet HTML 1Page - AIMTEC AM3TW-RZ Datasheet HTML 2Page - AIMTEC AM3TW-RZ Datasheet HTML 3Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Series AM3TW-RZ
3 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R12.C
1 of 3
North America only
FEATURES:
 RoHS compliant
 Operating temperature -40oC to + 85oC
 24 Pin DIP Package
 Input / Output Isolation 1500VDC
 High efficiency up to 82%
 Pin compatible with multiple manufacturers
 Wide 4:1 input range
 Continuous short circuit protection
Models
Single output
Model
Input Voltage
(V)
Output
Voltage
(V)
Output
Current max
(mA)
Isolation
(VDC)
Max
Capacitive
Load (uF)
Efficiency
(%)
AM3TW-2403S-RZ
9-36
3.3
900
1500
680
75
AM3TW-2405S-RZ
9-36
5
600
1500
470
78
AM3TW-2407S-RZ
9-36
7.2
417
1500
100
78
AM3TW-2409S-RZ
9-36
9
334
1500
100
79
AM3TW-2412S-RZ
9-36
12
250
1500
68
81
AM3TW-2415S-RZ
9-36
15
200
1500
47
81
AM3TW-2418S-RZ
9-36
18
167
1500
47
81
AM3TW-2424S-RZ
9-36
24
125
1500
22
81
AM3TW-4803S-RZ
18-72
3.3
900
1500
680
76
AM3TW-4805S-RZ
18-72
5
600
1500
470
80
AM3TW-4807S-RZ
18-72
7.2
417
1500
100
78
AM3TW-4809S-RZ
18-72
9
334
1500
100
82
AM3TW-4812S-RZ
18-72
12
250
1500
68
80
AM3TW-4815S-RZ
18-72
15
200
1500
47
80
AM3TW-4818S-RZ
18-72
18
167
1500
47
80
AM3TW-4824S-RZ
18-72
24
125
1500
22
81
Models
Dual output
Model
Input Voltage
(V)
Output
Voltage
(V)
Output Current
max (mA)
Isolation
(VDC)
Max
Capacitive
Load (uF)
Efficiency
(%)
AM3TW-2403D-RZ
9-36
±3.3
±450
1500
±330
76
AM3TW-2405D-RZ
9-36
±5
±300
1500
±220
79
AM3TW-2407D-RZ
9-36
±7.2
±208
1500
±47
78
AM3TW-2409D-RZ
9-36
±9
±167
1500
±47
79
AM3TW-2412D-RZ
9-36
±12
±125
1500
±33
80
AM3TW-2415D-RZ
9-36
±15
±100
1500
±22
80
AM3TW-2418D-RZ
9-36
±18
±84
1500
±22
81
AM3TW-2424D-RZ
9-36
±24
±63
1500
±10
80
AM3TW-4803D-RZ
18-72
±3.3
±400
1500
±330
76
AM3TW-4805D-RZ
18-72
±5
±300
1500
±220
81
AM3TW-4807D-RZ
18-72
±7.2
±208
1500
±47
78
AM3TW-4809D-RZ
18-72
±9
±167
1500
±47
82
AM3TW-4812D-RZ
18-72
±12
±125
1500
±33
81
AM3TW-4815D-RZ
18-72
±15
±100
1500
±22
82
AM3TW-4818D-RZ
18-72
±18
±84
1500
±22
81
AM3TW-4824D-RZ
18-72
±24
±63
1500
±10
81
Input Specifications
Parameters
Nominal
Typical
Maximum
Units
Voltage range
24
48
9-36
18-72
VDC
Filter
 (Pi) Network
Turn on Transient process time
350
ms
Start up time
500
ms


Similar Part No. - AM3TW-RZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM3TW-R-Z AIMTEC-AM3TW-R-Z Datasheet
226Kb / 3P
Pin compatible with multiple manufacturers
AM3TW-R-Z AIMTEC-AM3TW-R-Z_16 Datasheet
226Kb / 3P
3 Watt | DC-DC Converter
AM3TW-RVZ AIMTEC-AM3TW-RVZ Datasheet
295Kb / 3P
3 Watt | DC-DC Converter
AM3TW-RVZ AIMTEC-AM3TW-RVZ_16 Datasheet
217Kb / 4P
3 Watt | DC-DC Converter
More results

Similar Description - AM3TW-RZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM3G-NZ AIMTEC-AM3G-NZ_11 Datasheet
360Kb / 3P
3 Watt | DC-DC Converter
AM3T-RZ AIMTEC-AM3T-RZ Datasheet
278Kb / 4P
3 Watt | DC-DC Converter
AM3T-VZ AIMTEC-AM3T-VZ Datasheet
592Kb / 5P
3 Watt | DC-DC Converter
AM3D-Z AIMTEC-AM3D-Z_13 Datasheet
480Kb / 4P
3 Watt | DC-DC Converter
AM3Q-Z AIMTEC-AM3Q-Z_13 Datasheet
264Kb / 3P
3 Watt | DC-DC Converter
AM3TW-RVZ AIMTEC-AM3TW-RVZ Datasheet
295Kb / 3P
3 Watt | DC-DC Converter
AM3D-Z AIMTEC-AM3D-Z_16 Datasheet
190Kb / 5P
3 Watt | DC-DC Converter
AM3F-Z AIMTEC-AM3F-Z_16 Datasheet
362Kb / 3P
3 Watt | DC-DC Converter
AM3T-Z AIMTEC-AM3T-Z_16 Datasheet
136Kb / 4P
3 Watt | DC-DC Converter
logo
Wall Industries,Inc.
LANEW3 WALL-LANEW3_16 Datasheet
172Kb / 4P
3 Watt DC/DC Converter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com