Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPM-PS1 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # EPM-PS1
Description  The EPM-PS1 is a DC switching power supply designed for high reliability in a wide variety of applications.
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EPM-PS1 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button EPM-PS1 Datasheet HTML 3Page - List of Unclassifed Manufacturers EPM-PS1 Datasheet HTML 4Page - List of Unclassifed Manufacturers EPM-PS1 Datasheet HTML 5Page - List of Unclassifed Manufacturers EPM-PS1 Datasheet HTML 6Page - List of Unclassifed Manufacturers EPM-PS1 Datasheet HTML 7Page - List of Unclassifed Manufacturers EPM-PS1 Datasheet HTML 8Page - List of Unclassifed Manufacturers EPM-PS1 Datasheet HTML 9Page - List of Unclassifed Manufacturers EPM-PS1 Datasheet HTML 10Page - List of Unclassifed Manufacturers EPM-PS1 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
Introduction
EPM-PS1 Reference Manual
3
Block Diagram
Figure 1. EPM-PS1 Block Diagram
Orange = Input Power. Red = 5V Output Power. Blue = ±12V Power Output. Green = Battery backup from battery card.
* Battery backup feature is not implemented on the EPM-PS1a model.
5 Volt 10 Amp
HV Buck
Regulator
± 12 Volt 100 MA
Buck-Boost Regulator
Battery Backup Mezzanine Connector*
PC/104+ (PCI) Pass-
through Connector
Power
Connector
Input Power
Conditioner
PC/104 (ISA) Pass-
through Connector
Input
Power
Connector



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com