Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD883B Datasheet(PDF) 3 Page - Analog Devices

Part # AD883B
Description  Internally Trimmed Precision IC Multiplier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD883B Datasheet(HTML) 3 Page - Analog Devices

  AD883B Datasheet HTML 1Page - Analog Devices AD883B Datasheet HTML 2Page - Analog Devices AD883B Datasheet HTML 3Page - Analog Devices AD883B Datasheet HTML 4Page - Analog Devices AD883B Datasheet HTML 5Page - Analog Devices AD883B Datasheet HTML 6Page - Analog Devices AD883B Datasheet HTML 7Page - Analog Devices AD883B Datasheet HTML 8Page - Analog Devices AD883B Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Model
AD534S
AD534T
Min
Typ
Max
Min
Typ
Max
Units
MULTIPLIER PERFORMANCE
Transfer Function
( X1 – X2 )(Y1 – Y2 )
10 V
+ Z
2
( X1 – X2 )(Y1 – Y2 )
10 V
+ Z
2
Total Error
1 (–10 V
≤ X, Y ≤ +10 V)
1.0
0.5
%
TA = min to max
2.0
±1.0
%
Total Error vs. Temperature
0.02
0.01
%/
°C
Scale Factor Error
(SF = 10.000 V Nominal)
2
±0.25
±0.1
%
Temperature-Coefficient of
Scaling Voltage
±0.02
0.005
%/
°C
Supply Rejection (
±15 V ± 1V)
±0.01
±0.01
%
Nonlinearity, X (X = 20 V p-p, Y = 10 V)
±0.4
±0.2
0.3
%
Nonlinearity, Y (Y = 20 V p-p, X = 10 V)
±0.2
±0.1
0.1
%
Feedthrough
3, X (Y Nulled,
X = 20 V p-p 50 Hz)
±0.3
±0.15
0.3
%
Feedthrough
3, Y (X Nulled,
Y = 20 V p-p 50 Hz)
±0.01
±0.01
0.1
%
Output Offset Voltage
±5
±30
±2
15
mV
Output Offset Voltage Drift
500
300
µV/°C
DYNAMICS
Small Signal BW (VOUT = 0.1 rms)
1
1
MHz
1% Amplitude Error (CLOAD = 1000 pF)
50
50
kHz
Slew Rate (VOUT 20 p-p)
20
20
V/
µs
Settling Time (to 1%,
∆V
OUT = 20 V)
2
2
µs
NOISE
Noise Spectral-Density SF = 10 V
0.8
0.8
µV/√Hz
SF = 3 V
4
0.4
0.4
µV/√Hz
Wideband Noise f = 10 Hz to 5 MHz
1.0
1.0
mV/rms
Wideband Noise f = 10 Hz to 10 kHz
90
90
µV/rms
OUTPUT
Output Voltage Swing
±11
±11
V
Output Impedance (f
≤ 1 kHz)
0.1
0.1
Ω
Output Short Circuit Current
(RL = 0, TA = min to max)
30
30
mA
Amplifier Open Loop Gain (f = 50 Hz)
70
70
dB
INPUT AMPLIFIERS (X, Y and Z)
5
Signal Voltage Range (Diff. or CM
±10
±10
V
Operating Diff.)
±12
±12
V
Offset Voltage X, Y
±5
20
±2
10
mV
Offset Voltage Drift X, Y
100
150
µV/°C
Offset Voltage Z
±5
30
±2
15
mV
Offset Voltage Drift Z
500
300
µV/°C
CMRR
60
80
70
90
dB
Bias Current
0.8
2.0
0.8
2.0
µA
Offset Current
0.1
0.1
µA
Differential Resistance
10
10
M
Ω
DIVIDER PERFORMANCE
Transfer Function (X1 > X2)
10 V
( Z2 − Z1)
( X1 − X2 )
+Y
1
10 V
( Z2 − Z1)
( X1 − X2 )
+Y
1
Total Error
1 (X = 10 V, –10 V
≤ Z ≤ +10 V)
±0.75
±0.35
%
(X = 1 V, –1 V
≤ Z ≤ +1 V)
±2.0
±1.0
%
(0.1 V
≤ X ≤ 10 V, –10 V ≤ Z ≤ 10 V)
±2.5
±1.0
%
SQUARE PERFORMANCE
Transfer Function
( X1 − X2 )
2
10 V
+ Z
2
( X1 − X2 )
2
10 V
+ Z
2
Total Error (–10 V
≤ X ≤ 10 V)
±0.6
±0.3
%
SQUARE-ROOTER PERFORMANCE
Transfer Function (Z1 ≤ Z2)
10 V ( Z2 − Z1) + X2
10 V ( Z2 − Z1) + X2
Total Error
1 (1 V
≤ Z ≤ 10 V)
±1.0
±0.5
%
POWER SUPPLY SPECIFICATIONS
Supply Voltage
Rated Performance
±15
±15
V
Operating
±8
22
±8
22
V
Supply Current
Quiescent
4
6
4
6
mA
PACKAGE OPTIONS
TO-100 (H-10A)
AD534SH
AD534TH
TO-116 (D-14)
AD534SD
AD534TD
E-20A
AD534SE
Chips
AD534S Chips
AD534T Chips
AD534
NOTES
1Figures given are percent of full scale,
± 10 V (i.e., 0.01% = 1 mV).
2May be reduced down to 3 V using external resistor between –V
S and SF.
3Irreducible component due to nonlinearity: excludes effect of offsets.
4Using external resistor adjusted to give SF = 3 V.
5See Functional Block Diagram for definition of sections.
Specifications subject to change without notice.
REV. B
–3–
Specifications shown in boldface are tested on all production units at final electrical
test. Results from those tests are used to calculate outgoing quality levels. All min and
max specifications are guaranteed, although only those shown in boldface are tested
on all production units.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com