Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

31-2389-RFX Datasheet(PDF) 1 Page - Amphenol Corporation

Part # 31-2389-RFX
Description  TNC Jacks
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

31-2389-RFX Datasheet(HTML) 1 Page - Amphenol Corporation

  31-2389-RFX Datasheet HTML 1Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TNC
Amphenol
®
Jacks
144
Amphenol Corporation Tel: 800-627-7100
www.amphenolrf.com
TNC Crimp Type Bulkhead Jack
31-2318
31-2264
31-2389
31-2264-RFX
31-2389-RFX
Cable Jack Assembly
79600
31-2317
Fig. 1
Fig. 2
.812
(20.6)
a
I
c• dia.
e max.
panel
.625(15.9)
hex nut
.687(17.4)
across
2 flats
.510(13.0)
.475(12.1)
Y
b
Cable
Conn.
Cable Attachment
Dimensions, inches (millimeters)
Notes
Military
Amphenol
Fig.
RG-/U
Type
Outer
Inner
a
b
c G
e
CAI
Plt.
Ins.
Number
Number
59, 62,
140, 210
Blkh. Jack
Crimp
Crimp
1.417
.687
.261
.160(4.1)
C36
P34
D1
—
31-2264
1
58, 141A
Blkh. Jack
Crimp
Crimp
1.407
.625
.206
.240(6.1)
C36
P15
D1
—
31-2389
1
59
Blkh. Jack
Crimp
Crimp
1.38
.510
.260
.138(3.5)
C36
P15
D23
—
31-2264-RFX
1
59, 62
Blkh. Jack
Crimp
Crimp
1.19
.470
.123
.138(3.5)
C36
P15
D23
—
31-2389-RFX
1
174, 188, 316
Blkh. Jack
Crimp
Crimp
1.31(33.3)I
.795(20.2)
.115(2.9)
.115(2.9)
C36
P15
D1
—
31-2318 *
1
Straight
58
Cable Plugs
Clamp
Solder
1.25
.625
.562
—
C34
P17
D1
—
79600
2
Straight
174, 188, 316
Cable Plug
Crimp
Crimp
1.248
.510
.261
—
C36
P15
D1
—
31-2317
2
TNC ANGLE JACKS
* Recognized under the component program of U.L., Inc.
I Includes outer ferrule


Similar Part No. - 31-2389-RFX

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
31-238 AMPHENOL-31-238 Datasheet
11Mb / 30P
Bayonet coupling mechanism provides quick
31-238 AMPHENOL-31-238 Datasheet
533Kb / 1P
BNC 50 ohm Bulkhead Receptacles
31-2381 AMPHENOL-31-2381 Datasheet
53Kb / 1P
TNC Angle Plugs
31-2382 AMPHENOL-31-2382 Datasheet
53Kb / 1P
TNC Angle Plugs
31-2383 AMPHENOL-31-2383 Datasheet
53Kb / 1P
TNC Angle Plugs
More results

Similar Description - 31-2389-RFX

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
MTJG-12-88JX1-FSG-PG ADAM-TECH-MTJG-12-88JX1-FSG-PG Datasheet
157Kb / 1P
MODULAR TELEPHONE JACKS GANGED & STACKED JACKS
MTJP-616L ADAM-TECH-MTJP-616L Datasheet
268Kb / 3P
MODULAR TELEPHONE JACKS WIRE LEADED JACKS
ASJ-1 ADAM-TECH-ASJ-1 Datasheet
241Kb / 3P
3.5mm AUDIO JACKS STEREO & MONO EARPHONE JACKS
logo
Yamaichi Electronics Co...
TS4A YAMAICHI-TS4A Datasheet
181Kb / 6P
Modular Jacks
logo
Amphenol Corporation
903-288P-52A AMPHENOL-903-288P-52A Datasheet
61Kb / 1P
Plugs & Jacks
logo
List of Unclassifed Man...
6046 ETC2-6046 Datasheet
401Kb / 1P
TEST JACKS
NP2X ETC2-NP2X Datasheet
4Mb / 23P
Plugs & Jacks
logo
Adam Technologies, Inc.
MTJ-88321 ADAM-TECH-MTJ-88321 Datasheet
4Mb / 27P
MODULAR JACKS
logo
NTE Electronics
JK-01 NTE-JK-01 Datasheet
551Kb / 1P
Power Jacks
logo
Huber+Suhner, Inc.
46_TNC-50-0-1133_N HUBERSUHNER-46_TNC-50-0-1133_N Datasheet
518Kb / 2P
COAXIAL ADAPTER, TNC, 50 Ohm, T-style, 3 jacks (female)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com