Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

31-2242-RFX Datasheet(PDF) 1 Page - Amphenol Corporation

Part # 31-2242-RFX
Description  TNC Plugs
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

31-2242-RFX Datasheet(HTML) 1 Page - Amphenol Corporation

  31-2242-RFX Datasheet HTML 1Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TNC
Amphenol®
Plugs
141
Amphenol Corporation Tel: 800-627-7100
www.amphenolrf.com
Fig. 1
Fig. 2
TNC Crimp Type Plugs
36825
31-2242
31-2242-RFX
31-2315
31-2315-RFX
31-2367
31-2367-RFX
31-2368
31-2368-RFX
31-2373
31-4452
TNC Clamp Type Plug
79875
79875-RFX
Cable
Conn.
Cable Attachment
Dimensions, inches (millimeters)
Notes
Military
Amphenol
Fig.
RG-/U
Type
Outer
Inner
a
b
c •
CAI
Plt.
Ins.
Number
Number
Plug
Crimp
Crimp
1.12(28.6)
.610(15.5)
.206(5.2)
C36
P15
D1
—
36825
1
58, 141
Plug
Crimp
Crimp
1.12(28.6)
.610(15.5)
.206(5.2)
C36
P15
D1
M23329/4-01,4-03
31-2367
1
Plug
Crimp
Crimp
1.12(28.6)
.610(15.5)
.206(5.2)
C36
P7
D23
—
31-2367-RFX
1
59, 62
Plug
Crimp
Crimp
1.13(28.7)
.610(15.5)
.261(6.6)
C36
P15
D1
M23329/4-05
31-2368
1
142, 223
Plug
Crimp
Crimp
1.12(28.6)
.610(Max.)
.220(5.6)
C36
P15
D1
M23329/4-02,4-04 31-2373
1
142, 400
Plug
Crimp
Crimp
1.12(28.6)
.500(12.7)
.220(5.6)
C36
P34
D1
M39012/26-0503 31-4452*
1
179, 187
Plug
Crimp
Crimp
1.19(30.2)
.610(15.5)
.120(3.0)
C36
P7
D1
—
31-2242
1
174, 188
Plug
Crimp
Crimp
1.19(30.2)
.610(15.5)
.115(2.9)
C36
P7
D1
—
31-2315
1
174, 188, 316
Plug
Crimp
Crimp
1.19(30.2)
.517(13.1)
.106(2.7)
C36
P7
D23
—
31-2315-RFX
1
179, 187
Plug
Crimp
Crimp
1.19(30.2)
.517(13.1)
.106(2.7)
C36
P7
D23
—
31-2242-RFX
1
59, 62
Plug
Crimp
Crimp
1.17(29.7)
.517(13.1)
.260(6.6)
C36
P7
D23
—
31-2368-RFX
1
58, 142A
Plug
Clamp
Solder
1.07(27.1)
.827(21.0)
.212(5.4)
C36
P7
D23
—
79875-RFX
2
55, 58, 141,
Plug
Clamp
Solder
1.06(27.0)
.610(15.5)
.224(5.7)
C34
P1
D23
—
79875*
2
142, 223, 400
TNC STRAIGHT PLUGS
▲
▲
▲
b
a
c•
b
a ■
c•
* recognized under the component program of U.L., Inc.
▲ distributor stocked■ includes outer ferrule
■
■
■
■
■
■
■
■
■
■
■
■


Similar Part No. - 31-2242-RFX

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
31-2242-RFX AMPHENOL-31-2242-RFX Datasheet
706Kb / 1P
TNC Plugs
More results

Similar Description - 31-2242-RFX

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBCRJ45P88F DUBILIER-DBCRJ45P88F Datasheet
123Kb / 1P
NETWORKING PLUGS MODULAR PLUGS - FLAT CABLE
logo
Switchcraft, Inc.
TT-201 SWITCH-TT-201 Datasheet
33Kb / 1P
MINIATURE, DUMMY PLUGS, HOLE PLUGS
logo
Amphenol Corporation
031-2315 AMPHENOL-031-2315 Datasheet
706Kb / 1P
TNC Plugs
031-2381 AMPHENOL-031-2381 Datasheet
53Kb / 1P
TNC Angle Plugs
031-3202 AMPHENOL-031-3202 Datasheet
53Kb / 1P
Cable Plugs
903-288P-52A AMPHENOL-903-288P-52A Datasheet
61Kb / 1P
Plugs & Jacks
logo
List of Unclassifed Man...
561-12BG09 ETC2-561-12BG09 Datasheet
188Kb / 2P
Hole Plugs
561-299371 ETC2-561-299371 Datasheet
189Kb / 3P
Hole Plugs
logo
Switchcraft, Inc.
TT203 SWITCH-TT203 Datasheet
33Kb / 1P
MINIATURE, DUMMY PLUGS, HOLE PLUGS
logo
Winchester Electronics ...
BD45000 WINCHESTER-BD45000 Datasheet
268Kb / 1P
Modular Plugs
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com