Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD565ATD Datasheet(PDF) 9 Page - Analog Devices

Part # AD565ATD
Description  High Speed 12-Bit Monolithic D/A Converters
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD565ATD Datasheet(HTML) 9 Page - Analog Devices

Back Button AD565ATD Datasheet HTML 3Page - Analog Devices AD565ATD Datasheet HTML 4Page - Analog Devices AD565ATD Datasheet HTML 5Page - Analog Devices AD565ATD Datasheet HTML 6Page - Analog Devices AD565ATD Datasheet HTML 7Page - Analog Devices AD565ATD Datasheet HTML 8Page - Analog Devices AD565ATD Datasheet HTML 9Page - Analog Devices AD565ATD Datasheet HTML 10Page - Analog Devices AD565ATD Datasheet HTML 11Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
AD565A/AD566A
REV. D
–9–
CONNECTING THE AD566A FOR BUFFERED VOLTAGE
OUTPUT
The standard current-to-voltage conversion connections using
an operational amplifier are shown here with the preferred trim-
ming techniques. If a low offset operational amplifier (AD510L,
AD517L, AD741L, AD301AL, AD OP07) is used, excellent
performance can be obtained in many situations without trim-
ming (an op amp with less than 0.5 mV max offset voltage
should be used to keep offset errors below 1/2 LSB). If a 50
Ω
fixed resistor is substituted for the 100
Ω trimmer, unipolar zero
will typically be within
±1/2 LSB (plus op amp offset), and full
scale accuracy will be within 0.1% (0.25% max). Substituting a
50
Ω resistor for the 100 Ω bipolar offset trimmer will give a
bipolar zero error typically within
±2 LSB (0.05%).
The AD509 is recommended for buffered voltage-output appli-
cations which require a settling time to
±1/2 LSB of one micro-
second. The feedback capacitor is shown with the optimum
value for each application; this capacitor is required to compen-
sate for the 25 picofarad DAC output capacitance.
FIGURE 4. UNIPOLAR CONFIGURATION
This configuration will provide a unipolar 0 volt to +10 volt
output range. In this mode, the bipolar terminal, Pin 7, should
be grounded if not used for trimming.
100k
+15V
–15V
R1
50k
19.95k
20k
0.5mA
IREF
DAC
IOUT =
4
IREF
CODE
AD566A
9.95k
5k
8k
IO
20V SPAN
10V SPAN
DAC
OUT
POWER
GND
–VEE
REF
GND
BIPOLAR OFF
5k
CODE
INPUT
LSB
MSB
R2
100
10pF
AD509
2.4k
100
10V EREF
AD561
+V
REF
IN
Figure 4. 0 V to +10 V Unipolar Voltage Output
STEP I . . . ZERO ADJUST
Turn all bits OFF and adjust zero trimmer, R1, until the output
reads 0.000 volts (1 LSB = 2.44 mV). In most cases this trim is
not needed, but Pin 7 should then be connected to Pin 12.
STEP II . . . GAIN ADJUST
Turn all bits ON and adjust 100
Ω gain trimmer, R2, until the
output is 9.9976 volts. (Full scale is adjusted to 1 LSB less than
nominal full scale of 10.000 volts.) If a 10.2375 V full scale is
desired (exactly 2.5 mV/bit), insert a 120
Ω resistor in series
with the gain resistor at Pin 10 to the op amp output.
FIGURE 5. BIPOLAR CONFIGURATION
This configuration will provide a bipolar output voltage from
–5.000 volts to +4.9976 volts, with positive full scale occurring
with all bits ON (all 1s).
19.95k
20k
0.5mA
IREF
DAC
IOUT =
4
IREF
CODE
AD566A
9.95k
5k
8k
IO
20V SPAN
10V SPAN
DAC
OUT
POWER
GND
–VEE
REF
GND
BIPOLAR OFF
5k
CODE
INPUT
LSB
MSB
R2
100
10pF
AD509
2.4k
10V EREF
AD561
+V
REF
IN
R1
100
Figure 5.
±5 V Bipolar Voltage Output
STEP I . . . OFFSET ADJUST
Turn OFF all bits. Adjust 100
Ω trimmer R1 to give –5.000
output volts.
STEP II . . . GAIN ADJUST
Turn ON all bits. Adjust 100
Ω gain trimmer R2 to give a read-
ing of +4.9976 volts.
Please note that it is not necessary to trim the op amp to obtain
full accuracy at room temperature. In most bipolar situations,
an op amp trim is unnecessary unless the untrimmed offset drift
of the op amp is excessive.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com