Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD883B Datasheet(PDF) 3 Page - Analog Devices

Part # AD883B
Description  Low Cost 10-Bit Monolithic D/A Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD883B Datasheet(HTML) 3 Page - Analog Devices

  AD883B Datasheet HTML 1Page - Analog Devices AD883B Datasheet HTML 2Page - Analog Devices AD883B Datasheet HTML 3Page - Analog Devices AD883B Datasheet HTML 4Page - Analog Devices AD883B Datasheet HTML 5Page - Analog Devices AD883B Datasheet HTML 6Page - Analog Devices AD883B Datasheet HTML 7Page - Analog Devices AD883B Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
–3–
REV. A
AD561
AD561S
AD561T
Model
Min
Typ
Max
Min
Typ
Max
Units
RESOLUTION
10 Bits
10 Bits
ACCURACY (Error Relative
±1/4
±1/2
±1/8
±1/4
LSB
to Full Scale)
(0.025)
(0.05)
(0.012)
(0.025)
% of FS
DIFFERENTIAL NONLINEARITY
±1/2
±1/4
±1/2
LSB
DATA INPUTS
TTL, VCC = +5 V
Bit ON Logic “1”
+2.0
**
V
Bit OFF Logic “0”
+0.8
**
V
CMOS, 10 V
≤ V
CC ≤ 16.5 V
Bit ON Logic “ 1 “
70% VCC
**
V
Bit OFF Logic “0”
30% VCC
**
V
Logic Current (Each Bit) (TMIN to TMAX)
Bit ON Logic “1”
+20
+100
**
**
nA
Bit OFF Logic “0”
–25
–100
**
**
µA
OUTPUT
Current
Unipolar
1.5
2.0
2.4
**
**
**
mA
Bipolar
±0.75
±1.0
±1.2
**
**
**
mA
Resistance (Exclusive of
Application Resistors)
40 M
**
Ω
Unipolar Zero (All Bits OFF)
0.01
0.05
**
**
% of FS
Capacitance
25
**
pF
Compliance Voltage
–2
–3
+10
**
**
**
V
SETTLING TIME TO 1/2 LSB
All Bits ON-to-OFF or OFF-to-ON
250
**
ns
POWER REQUIREMENTS
VCC, +4.5 V dc to +16.5 V dc
6
10
**
**
mA
VEE, –10.8 V dc to –16.5 V dc
11
16
**
**
mA
POWER SUPPLY GAIN SENSITIVITY
VCC, +4.5 V dc to +16.5 V dc
2
10
**
**
ppm of FS/%
VEE, –10.8 V dc to –16.5 V dc
4
25
**
**
ppm of FS/%
TEMPERATURE RANGE
Operating
–55 to +125
**
**
°C
Storage
–65 to +150
**
**
°C
TEMPERATURE COEFFICIENTS
With Internal Reference
Unipolar Zero
1
10
1
5
ppm of FS/
°C
Bipolar Zero
2
20
2
10
ppm of FS/
°C
Full Scale
15
60
15
30
ppm of FS/
°C
Differential Nonlinearity
2.5
2.5
ppm of FS/
°C
MONOTONICITY
Guaranteed Over Full Operating
Guaranteed Over Full Operating
Temperature Range
Temperature Range
PROGRAMMABLE OUTPUT
0 to +10
**
V
RANGES
–5 to +5
**
V
CALIBRATION ACCURACY
Full-Scale Error with Fixed 25
Ω
Resistor
±0.1
**
% of FS
Bipolar Zero Error with Fixed 10
Ω
Resistor
±0.1
**
% of FS
CALIBRATION ADJUSTMENT
RANGE
Full Scale (With 50
Ω Trimmer)
±0.5
**
% of FS
Bipolar Zero (With 50
Ω Trimmer)
±0.5
**
% of FS
NOTES
**Specifications same as AD561S specifications.
Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com