Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM4TW-2415S-RZ Datasheet(PDF) 1 Page - AIMTEC

Part # AM4TW-2415S-RZ
Description  4 Watt | DC-DC Converter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM4TW-2415S-RZ Datasheet(HTML) 1 Page - AIMTEC

  AM4TW-2415S-RZ Datasheet HTML 1Page - AIMTEC AM4TW-2415S-RZ Datasheet HTML 2Page - AIMTEC AM4TW-2415S-RZ Datasheet HTML 3Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Series AM4TW-RZ
4 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R12.C
1 of 3
North America only
FEATURES:
Models
Single output
Model
Input
Voltage (V)
Output
Voltage
(V)
Output Current
max (mA)
Isolation
(VDC)
Max
Capacitive
Load (uF)
Efficiency
(%)
AM4TW-2403S-RZ
9-36
3.3
1200
1500
1000
77
AM4TW-2405S-RZ
9-36
5
800
1500
1000
80
AM4TW-2407S-RZ
9-36
7.2
550
1500
100
80
AM4TW-2409S-RZ
9-36
9
440
1500
220
80
AM4TW-2412S-RZ
9-36
12
330
1500
100
83
AM4TW-2415S-RZ
9-36
15
265
1500
220
83
AM4TW-2418S-RZ
9-36
18
220
1500
10
80
AM4TW-2424S-RZ
9-36
24
165
1500
220
81
AM4TW-4803S-RZ
18-72
3.3
1200
1500
1000
77
AM4TW-4805S-RZ
18-72
5
800
1500
470
80
AM4TW-4807S-RZ
18-72
7.2
550
1500
470
78
AM4TW-4809S-RZ
18-72
9
440
1500
330
82
AM4TW-4812S-RZ
18-72
12
330
1500
1000
81
AM4TW-4815S-RZ
18-72
15
265
1500
47
81
AM4TW-4818S-RZ
18-72
18
220
1500
10
81
AM4TW-4824S-RZ
18-72
24
165
1500
22
82
Models
Dual output
Model
Input
Voltage (V)
Output
Voltage
(V)
Output Current
max (mA)
Isolation
(VDC)
Max
Capacitive
Load (uF)
Efficiency
(%)
AM4TW-2403D-RZ
9-36
±3.3
±600
1500
±470
76
AM4TW-2405D-RZ
9-36
±5
±400
1500
±100
78
AM4TW-2407D-RZ
9-36
±7.2
±275
1500
±47
80
AM4TW-2409D-RZ
9-36
±9
±220
1500
±47
80
AM4TW-2412D-RZ
9-36
±12
±165
1500
±47
82
AM4TW-2415D-RZ
9-36
±15
±125
1500
±10
80
AM4TW-2418D-RZ
9-36
±18
±100
1500
±100
80
AM4TW-2424D-RZ
9-36
±24
±84
1500
±22
80
AM4TW-4803D-RZ
18-72
±3.3
±600
1500
±680
75
AM4TW-4805D-RZ
18-72
±5
±400
1500
±330
79
AM4TW-4807D-RZ
18-72
±7.2
±275
1500
±47
80
AM4TW-4809D-RZ
18-72
±9
±220
1500
±47
81
AM4TW-4812D-RZ
18-72
±12
±165
1500
±100
82
AM4TW-4815D-RZ
18-72
±15
±125
1500
±100
81
AM4TW-4818D-RZ
18-72
±18
±100
1500
±33
80
AM4TW-4824D-RZ
18-72
±24
±84
1500
±10
80
Input Specifications
Parameters
Nominal
Typical
Maximum
Units
Voltage range
24
48
9-36
18-72
VDC
Filter
 (Pi) Network
Turn on Transient process time
350
ms
Start up time
500
ms
 RoHS compliant
 Operating temperature -40 to + 85oC
 24 Pin DIP Package
 Input / Output Isolation 1500VDC
 High efficiency up to 83%
 Pin compatible with multiple manufacturers
 Wide 4:1 input range
 Continuous short circuit protection


Similar Part No. - AM4TW-2415S-RZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM4TW-2415S-RZ AIMTEC-AM4TW-2415S-RZ Datasheet
225Kb / 3P
4 Watt | DC-DC Converter
More results

Similar Description - AM4TW-2415S-RZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM4T-VZ AIMTEC-AM4T-VZ Datasheet
453Kb / 4P
4 Watt | DC-DC Converter
AM4TW-Z AIMTEC-AM4TW-Z Datasheet
257Kb / 5P
4 Watt | DC-DC Converter
AM4N-Z AIMTEC-AM4N-Z_13 Datasheet
325Kb / 4P
4 Watt | DC-DC Converter
AM4T-VZ AIMTEC-AM4T-VZ_13 Datasheet
283Kb / 4P
4 Watt | DC-DC Converter
AM4TW-VZ AIMTEC-AM4TW-VZ_13 Datasheet
747Kb / 3P
4 Watt | DC-DC Converter
AM4T-Z AIMTEC-AM4T-Z_13 Datasheet
396Kb / 5P
4 Watt | DC-DC Converter
AM4T-VZ AIMTEC-AM4T-VZ_16 Datasheet
223Kb / 4P
4 Watt | DC-DC Converter
AM4TW-RVZ AIMTEC-AM4TW-RVZ_16 Datasheet
745Kb / 3P
4 Watt | DC-DC Converter
AM4TW-R-Z AIMTEC-AM4TW-R-Z_16 Datasheet
225Kb / 3P
4 Watt | DC-DC Converter
AM4TW-Z AIMTEC-AM4TW-Z_16 Datasheet
127Kb / 5P
4 Watt | DC-DC Converter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com