Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD586 Datasheet(PDF) 2 Page - Analog Devices

Part # AD586
Description  High Precision 5 V Reference
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD586 Datasheet(HTML) 2 Page - Analog Devices

  AD586 Datasheet HTML 1Page - Analog Devices AD586 Datasheet HTML 2Page - Analog Devices AD586 Datasheet HTML 3Page - Analog Devices AD586 Datasheet HTML 4Page - Analog Devices AD586 Datasheet HTML 5Page - Analog Devices AD586 Datasheet HTML 6Page - Analog Devices AD586 Datasheet HTML 7Page - Analog Devices AD586 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
AD586–SPECIFICATIONS (@ T
A = + 25
°C, V
IN = +15 V unless otherwise noted)
AD586J
AD586K/A
AD586L/B
AD586M
AD586S
AD586T
Model
Min
Typ Max Min
Typ Max
Min Typ Max
Min Typ Max
Min
Typ Max
Min
Typ Max
Units
Output Voltage
4.980
5.020 4.995
5.005
4.9975
5.0025 4.998
5.002 4.990
5.010 4.9975
5.0025 V
Output Voltage Drift
l
0
°C to +70°C
25
15
5
2
ppm/
°C
–55
°C to +125°C
20
10
Gain Adjustment
+6
+6
+6
+6
+6
+6
%
–2
–2
–2
–2
–2
–2
Line Regulation
1
10.8 V < +VIN < 36 V
TMIN to TMAX
100
100
100
100
±µV/V
11.4 V < +VIN < 36 V
TMIN to TMAX
150
150
Load Regulation
l
Sourcing 0 < IOUT < 10 mA
25
°C
100
100
100
100
150
150
µV/mA
TMIN to TMAX
100
100
100
100
150
150
Sinking –10 < IOUT < 0 mA
25
°C
400
400
400
400
400
400
Quiescent Current
2
3
2
3
2
3
2
3
2
3
2
3
mA
Power Consumption
30
30
30
30
30
30
mW
Output Noise
0.1 Hz to 10 Hz
4
4
4
4
4
4
µV p-p
Spectral Density, 100 Hz
100
100
100
100
100
100
nV/
√Hz
Long-Term Stability
15
15
15
15
15
15
ppm/1000 Hr
Short-Circuit Current-to-Ground
45
60
45
60
45
60
45
60
45
60
45
60
mA
Temperature Range
Specified Performance
2
0
+70
0
+70
0
+70
0
+70
–55
+125 –55
+125
°C
–40
+85
–40
+85
Operating Performance
3
–40
+85
–40
+85
–40
+85
–40
+85
–55
+125 –55
+125
NOTES
1Maximum output voltage drift is guaranteed for all packages and grades. Cerdip packaged parts are also 100
°C production tested.
2Lower row shows specified performance for A and B grades.
3The operating temperature range is defined as the temperatures extremes at which the device will still function. Parts may deviate from their specified performance outside their
specified temperature range.
Specifications subject to change without notice.
Specifications in boldface are rested on all production units at final electrical test. Results from those tests are used to calculate outgoing quality levels. All min and max specifica-
tions are guaranteed, although only those shown in boldface are tested on all production units unless otherwise specified.
ABSOLUTE MAXIMUM RATINGS
*
VIN to Ground . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 36 V
Power Dissipation (25
°C) . . . . . . . . . . . . . . . . . . . . . 500 mW
Storage Temperature . . . . . . . . . . . . . . . . . . –65
°C to +150°C
Lead Temp (Soldering, 10 sec) . . . . . . . . . . . . . . . . . . +300
°C
Package Thermal Resistance
θ
JC
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 22
°C/W
θ
JA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 110
°C/W
Output Protection: Output safe for indefinite short to ground or
VIN.
*Stresses above those listed under “Absolute Maximum Ratings” may cause
permanent damage to the device. This is a stress rating only and functional
operation of the device at these or any other conditions above those indicated in the
operational section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
CONNECTION DIAGRAM
(Top View)
–2–
REV. C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com